Part Number Hot Search : 
05D15 2SK31 2864A STV0116 LB1823M OV7620 ULN2803A BP60070
Product Description
Full Text Search
 

To Download TB62701ANG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TB62701ANG
TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB62701ANG
16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
The TB62701ANG is specifically designed for LED and LED-DISPLAY constant current drivers. This constant current output circuit is able to set up external resister (IOUT = 5 to 50mA). This IC is monolithic integrated circuit designed to be used together with Bi-CMOS process. The devices consist of 16bit Shift Register, Latch, AND-GATE and Constant Current Driver.
FEATURES
OUTPUT CURRENT : Set-up at 50mA maximum with an external resister.
Weight: 1.22 g (typ.)
A LITTLE CHANGE OF OUTPUT CURRENT (Ta = 25C, VDD = 5.0 V)
OUTPUT-GND VOLTAGE 0.4 V 0.7 V A LITTLE CHANGE OF CHANNEL 7% IOUT [mA] 5 ~ 50 mA
5V CMOS Compatible Input PACKAGE : SDIP-24 (SDIP24-P-300) fMAX = 2.5 MHz (cascade operation, Ta = 25C) MAXIMUM CLOCK FREQUENCY :
PIN CONNECTION (TOP VIEW)
1
2007-02-02
TB62701ANG
BLOCK DIAGRAM
TIMING DIAGRAM
2
2007-02-02
TB62701ANG
TERMINAL DESCRIPTION
PIN No. 1 2 3 4 24 5~12 13~20 21 PIN NAME GND SERIAL-IN CLOCK GND terminal for control logic driver Serial data input terminal for shift register Clock input terminal for data shift to up-edge "H" Level : data through, "L" Level : data hold Supply voltage terminal Output terminals FUNCTION
LATCH
VDD
OUTn
ENABLE SERIAL-OUT R-EXT
"H" Level output off, "L" Level : latch data = "H" Level then output on, latch data = "L" Level then output off Serial data output terminal for shift register The register which connects between R-EXT and GND sets the constant output current.
22 23
TRUTH TABLE
INPUT
CLOCK
OUTPUT OUTn (t = n)
LATCH H L (Note) (Note)
ENABLE L L H (Note)
SERIAL-IN Dn Dn Dn Dn
OUT0 *** OUT7 *** OUT15
SERIAL-OUT Dn-15 Dn-15
Dn
Dn-7 No change
Dn-15
OFF
OFF No change
OFF
Dn-15 No change
Note:
Dn~Dn-15 = "H" then OUTn is ON, "L" then OUTn is OFF.
EQUIVALENT CIRCUIT OF INPUTS AND OUTPUTS
1. L terminal 2. LATCH terminal
3. CLOCK, SERIAL-IN terminal
4. SERIAL-OUT terminal
3
2007-02-02
TB62701ANG
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Supply Voltage Output Voltage Output Current Input Voltage GND Terminal Current Clock Frequency Power Dissipation Operating Temperature Storage Temperature (Note) SYMBOL VDD VCE IOUT VIN IGND fCK PD Topr Tstg RATING 0~7.0 -0.5~30 50 -0.4~VDD + 0.4 800 2.5 1.78 -40~85 -55~150 UNIT V V mA V mA MHz W C C
Note:
Ambient temperature delated above 25C in the proportion of 14.2 mW / C.
RECOMMENDED OPERATING CONDITION (Ta = -40~85C unless otherwise noted)
CHARACTERISTIC Supply Voltage Output Voltage OUTn Output Current S-OUT SYMBOL VDD VOUT IOUT IOH IOL VIN tsetup (D) thold (D) tsetup (L) thold (L) tW CLK tW CLK tW LAT tW LAT fCK PD DC 1 circuit Cascade operation Ta = 85C TEST CONDITION MIN 4.5 0 100 20 300 100 100 100 300 300 TYP. 5.0 MAX 5.5 30.0 45 -1.0 1.0 VDD V ns ns ns ns ns ns ns ns MHz W mA UNIT V V
Input Voltage Data Set Up Time Data Hold Time Data Set Up Time Data Hold Time Clock Pulse Width
Latch Pulse Width Clock Frequency Power Dissipation

2.0 0.72
4
2007-02-02
TB62701ANG
ELECTRICAL CHARACTERISTICS (VDD = 5.0 V, Ta = 25C unless otherwise noted)
CHARACTERISTIC "H" level "L" level SYMBOL VIH VIL IOH S-OUT VOL VOH IOL1 IOL2 Delta IOUT Supply Voltage Regulation Reference Voltage Pull Up / Down Resister "OFF" "ON"
IOL1
TEST CIR- CUIT
TEST CONDITION VOH = 30V IOL = +1.0 mA IOH = -1.0 mA VCE = 0.7 V R EXT = 560 V = 0.4 V (included IOL1 )
CE
MIN 70% VDD GND 4.6 35.2 33.1 100
TYP. 41.5 39.0 3.0 18 1.26 200 0.4 6.5 13.5
MAX VDD 30%V
DD
UNIT
Input Leakage Current Output Leakage Current Output Votltage
V
10 0.4 47.7 44.9 7.0 400 0.6 10.0 20.0
A V
Output Current 1
mA % %/V V k
REXT = 560 IOUT = 40 mA, VCE = 0.4 V REXT = 560 REXT = 560 , Ta = -40~85C REXT = OPEN, OUTn = Off REXT = 560 , OUTn = Off REXT = 560 , All output on
% / VDD Vref RIN IDD (off) 1 IDD (off) 2 IDD (on)
Supply Current
mA
5
2007-02-02
TB62701ANG
SWITCHING CHARACTERISTICS (Ta = 25C unless otherwise noted)
CHARACTERISTIC CLK-S-OUT Propagation Delay Time ("L" to "H") CLK- OUTn LATCH - OUTn
EN - OUTn
SYMBOL
TEST CONDITION
MIN
TYP. 95 130 130 130 95 130 130 130 45
10 17 -7 70 70 -70 -70 35 40
MAX 500 500 500 500 720 500 500 500 2.5 80
50 50 10 200 200 50 50 10 10 80 80
UNIT
tpLH

ns
CLK-S-OUT Propagation Delay Time ("H" to "L") CLK- OUTn LATCH - OUTn
EN - OUTn
tpHL

ns
Maximum Clock Frequency Minimum Pulse Width
Data Set Up Time Data Hold Time Latch Set Up Time LH HL LH HL
CLK LATCH
fMAX (Note 1) V DD = 5.0 V VCE = 1.0 V tW CLK VIH = VDD VIL = GNK tW LAT fCK = 2 MHz tsetup (D) REXT = 560 IOUT = 30 mA thold (D)
t LAT setup t LAT hold tr tf tor tof
2.0

MHz
ns
ns
ns
Latch Hold Time Maximum Clock Rise Time Maximum Clock Fall Time Maximum Output Rise Time Maximum Output Fall Time
ns
s
ns
Note 1: Cascade operation
6
2007-02-02
TB62701ANG
DC CHARACTERISTIC TEST CIRCUIT
TB62701ANG
AC CHARACTERISTIC TEST CIRCUIT
TB62701ANG
7
2007-02-02
TB62701ANG
TIMING WAVE FORM
1. CLOCK-SERIAL OUT, OUTn
2. CLOCK- LATCH
H CLOCK L H DATA L H LATCH L on OUTn off 50%
t w LAT
50%
50%
tsetup
thold 50%
3.
ENABLE
8
2007-02-02
TB62701ANG
IOUT (mA) = {1.26 (V)/REXT ()} x 18.4
9
2007-02-02
TB62701ANG
APPLICATION CIRCUIT
TB62701ANG
TB62701ANG
PRECAUTIONS for USING
Utmost care is necessary in the design of the output line, VCC (VDD) and GND line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
10
2007-02-02
TB62701ANG
Package Dimensions
Weight: 1.22 g (typ.)
11
2007-02-02
TB62701ANG
Notes on Contents
1. Block Diagrams
Some of the functional blocks, circuits, or constants in the block diagram may be omitted or simplified for explanatory purposes.
2. Equivalent Circuits
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory purposes.
3. Timing Charts
Timing charts may be simplified for explanatory purposes.
4. Application Circuits
The application circuits shown in this document are provided for reference purposes only. Thorough evaluation is required, especially at the mass production design stage. Toshiba does not grant any license to any industrial property rights by providing these examples of application circuits.
5. Test Circuits
Components in the test circuits are used only to obtain and confirm the device characteristics. These components and circuits are not guaranteed to prevent malfunction or failure from occurring in the application equipment.
12
2007-02-02
TB62701ANG
IC Usage Considerations
Notes on Handling of ICs
(1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for a moment. Do not exceed any of these ratings. Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. Use an appropriate power supply fuse to ensure that a large current does not continuously flow in case of over current and/or IC failure. The IC will fully break down when used under conditions that exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal pulse noise occurs from the wiring or load, causing a large current to continuously flow and the breakdown can lead smoke or ignition. To minimize the effects of the flow of a large current in case of breakdown, appropriate settings, such as fuse capacity, fusing time and insertion circuit location, are required. If your design includes an inductive load such as a motor coil, incorporate a protection circuit into the design to prevent device malfunction or breakdown caused by the current resulting from the inrush current at power ON or the negative current resulting from the back electromotive force at power OFF. IC breakdown may cause injury, smoke or ignition. Use a stable power supply with ICs with built-in protection functions. If the power supply is unstable, the protection function may not operate, causing IC breakdown. IC breakdown may cause injury, smoke or ignition. Do not insert devices in the wrong orientation or incorrectly. Make sure that the positive and negative terminals of power supplies are connected properly. Otherwise, the current or power consumption may exceed the absolute maximum rating, and exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. In addition, do not use any device that is applied the current with inserting in the wrong orientation or incorrectly even just one time. Carefully select external components (such as inputs and negative feedback capacitors) and load components (such as speakers), for example, power amp and regulator. If there is a large amount of leakage current such as input or negative feedback condenser, the IC output DC voltage will increase. If this output voltage is connected to a speaker with low input withstand voltage, overcurrent or IC failure can cause smoke or ignition. (The over current can cause smoke or ignition from the IC itself.) In particular, please pay attention when using a Bridge Tied Load (BTL) connection type IC that inputs output DC voltage to a speaker directly.
(2)
(3)
(4)
(5)
Points to Remember on Handling of ICs
(1) Heat Radiation Design In using an IC with large current flow such as power amp, regulator or driver, please design the device so that heat is appropriately radiated, not to exceed the specified junction temperature (Tj) at any time and condition. These ICs generate heat even during normal use. An inadequate IC heat radiation design can lead to decrease in IC life, deterioration of IC characteristics or IC breakdown. In addition, please design the device taking into considerate the effect of IC heat radiation with peripheral components. Back-EMF When a motor rotates in the reverse direction, stops or slows down abruptly, a current flow back to the motor's power supply due to the effect of back-EMF. If the current sink capability of the power supply is small, the device's motor power supply and output pins might be exposed to conditions beyond maximum ratings. To avoid this problem, take the effect of back-EMF into consideration in system design.
(2)
13
2007-02-02
TB62701ANG
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D
060116EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C * The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
14
2007-02-02


▲Up To Search▲   

 
Price & Availability of TB62701ANG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X