|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar FEATURES *85C, 1000 hours assured, prong terminal series. *Has an auxiliary terminal which can withstand vibration excellently when affixing to PCB. *Suitable for electronic equipment with medium-high voltage such as filter of high rectification circuits. SPECIFICATIONS Item TB Operating Temperature Range Rated Voltage Capacitance Tolerance Leakage Current (at 20C) Series Dissipation Factor Tan at 1K Hz, 20C Cap. ( F) 0.47 ~ 1.5 2.2 ~ 10 15 up above Test Time Load Life Test (after application of the rated voltage at 85C, the polarity inverted every 250 hours Capacitance Charge Dissipation Factor Leakage Current 0.15 0.12 0.09 1000 Hrs 20% Less than 200% of specified value Within specified values 0.06 TB 50V, DC 20% (120Hz, 20C) I = 0.03CV or 3 ( A) whichever is greater (after 2 minutes) Where, C = rated capacitance in TBL F. V=rated DC working voltage in V . 40 ~ + 85C Performance TBL The above specification shall be satisfied when the capacitors are restored to 20C after rated voltage applied for 1000 hrs at 85C. Test Time Capacitance Change 1000 Hrs 20% Less than 200% of specified value Within specified values Shelf Life Test Dissipation Factor Leakage Current The above specification shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hrs at 85C without voltage applied. Standards Satisfies Characteristic W of JIS C 5141 Series TB 50V(1H) DXL 6.3 x 16 6.3 x 16 6.3 x 16 6.3 x 16 8 x 17 8 x 17 10 x 20 10 x 20 10 x 21 13 x 27 13 x 27 13 x 32 13 x 32 16 x 33 16 x 38 18 x 42 22 x 46 mA 30 30 30 30 45 65 85 105 145 280 305 365 420 480 520 640 750 TBL 50V(1H) DXL mA LEAD SPACING AND DIAMETER D d 6.3 8 0.6 1.5 0.5 10 13 16 0.8 2.0 1.0 18 22 1.0 F 0.47 0.56 0.68 0.82 1 1.5 2.2 3.3 4.7 6.8 8.2 10 15 22 33 47 68 VDC Code R47 R56 R68 R82 010 1R5 2R2 3R3 4R7 6R8 8R2 100 150 220 330 470 680 10 x 25 10 x 25 13 x 27 16 x 33 16 x 33 16 x 37 18 x 43 18 x 43 22 x 50 22 x 50 75 95 145 185 240 320 420 540 750 950 PART NUMBER EXAMPLE TB 330 M 1H TR 160 380 C1CG05 REV 2001.10.31 RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com |
Price & Availability of TB330M1HTR160380 |