Part Number Hot Search : 
190HOP GRM188R6 2907A 68HC908 A2121 Z5243B VT1101 SW20N20D
Product Description
Full Text Search
 

To Download SMBJ18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ5.0 THRU SMBJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breskdown voltage: 5.0-170 Volts Peak pulse power: 600 Wallts
FEATURE
DO-214AA Optimzed for LAN protection applications Ideal for ESD protection of data lines in accordance with IEC 1000-4-2(IEC801-2) Ideal for EFT protection of data lines in accordance with IEC1000-4-4(IEC801-2) Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction 600w peak pulse power capability Excellent clamping capability Low incremental xurge resistance Fast response time:typically less than 1.0ps from 0v to V(BR) min High temperature soldering guaranteed: 265 C/10S at terminals
0.086 (2.20) 0.077 (1.95)
0.155(3.94) 0.130(3.30)
0.180(4.57) 0.160(4.06)
0.012(0.305) 0.006(0.152)
0.122(3.12) 0.110(2.82)
MECHANICAL DATA
0.008(0.203)MAX.
0.060(1.52) 0.030(0.76)
0.220(5.59) 0.205(5.21)
Dimensions in inches and (millimeters)
Case: JEDEC DO-214AA molded plastic body over passivated junction Terminals: Solder plated , solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode except for bidirectional types Mounting Position: Any Weight: 0.005 ounce,0.138 grams
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use suffix C or CA for types SMBJ5.0 thru SMBJ170 (e.g. SMBJ5.0C,SMBJ170CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. SYMBOLS Peak pulse power dissipation with a 10/1000ms wavetorm(NOTE 1,2,FIG.1) Peak forward surge current (Note 1,2,3) Peak pulse current with a 10/1000ms waveform(NOTE 1) Steady state power dissapation (Note 3) Maximum instantaneous forward voltage at 50A(Note 3,4) unidirectional only Operating junction and storage temperature range PPPM IFSM IPPM PM(AV) VF TSTG,TJ VALUE Minimum 600 100.0 See Table 1 5.0 3.5/5.0 -55 to + 150 UNITS Watts Amps Amps Watts Volts C
Notes: 1.Non-repetitive current pulse,per Fig.3 and derated above TA=25 C per Fig.2 2.Mounted on 5.0mm2 copper pads to each terminal 3.Measured on 8.3ms single half sine-wine.For uni-directional devices only. 4.VF=3.5V on SMB-5.0 thru SMB-90 devices and VF=5.0V on SMB-100 thru SMB-170 devices
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Breakdown Voltage V(BR)(NOTE1) Test (Volts) at IT Current IT(mA) MIN MAX
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 7.81 7.08 8.15 7.37 8.82 7.98 9.51 8.60 10.3 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Device
SMBJ5.0 SMBJ5.0A SMBJ6.0 SMBJ6.0A SMBJ6.5 SMBJ6.5A SMBJ7.0 SMBJ7.0A SMBJ7.5 SMBJ7.5A SMBJ8.0 SMBJ8.0A SMBJ8.5 SMBJ8.5A SMBJ9.0 SMBJ9.0A SMBJ10 SMBJ10A SMBJ11 SMBJ11A SMBJ12 SMBJ12A SMBJ13 SMBJ13A SMBJ14 SMBJ14A SMBJ15 SMBJ15A SMBJ16 SMBJ16A SMBJ17 SMBJ17A SMBJ18 SMBJ18A SMBJ20 SMBJ20A SMBJ22 SMBJ22A SMBJ24 SMBJ24A SMBJ26 SMBJ26A SMBJ28 SMBJ28A SMBJ30 SMBJ30A
Devlce Marking Code UNI
KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME MF MG MH MM
BI
KD KE KF KG AH AK KL KM AN AP AQ AR AS AT AU AV AW AX KY KZ BD BE LF LG BH BK BL BM LN LP LQ LR BS BT LU LV BW BX BY BZ CD CE MF MG CH CK
Working Peak Reverse Voltage VWM(Volts)
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00
Maximum Maximum Maximum Reverse Clamping Peak Puls Voltage at Reverse Current Leakage IPPM Vc IPPM(NOTE 2) a VWM(NOTE5) ID(mA) (Volts) (Amps)
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 62.5 65.2 52.6 58.3 48.8 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.9 22.3 24.6 20.8 23.1 19.7 21.7 18.6 20.5 16.8 18.5 15.2 16.9 14.0 15.4 12.9 14.3 12.0 13.2 11.2 12.4 800 800 800 800 500 500 200 200 100 100 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
www.shunyegroup.com
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
Breakdown Voltage V(BR)(NOTE 1) Test (Volts) at IT Current IT(mA) MIN MAX
36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.4 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Device
SMBJ33 SMBJ33A SMBJ36 SMBJ36A SMBJ40 SMBJ40A SMBJ43 SMBJ43A SMBJ45 SMBJ45A SMBJ48 SMBJ48A SMBJ51 SMBJ51A SMBJ54 SMBJ54A SMBJ58 SMBJ58A SMBJ60 SMBJ60A SMBJ64 SMBJ64A SMBJ70 SMBJ70A SMBJ75 SMBJ75A SMBJ78 SMBJ78A SMBJ85 SMBJ85A SMBJ90 SMBJ90A SMBJ100 SMBJ100A SMBJ110 SMBJ110A SMBJ120 SMBJ120A SMBJ130 SMBJ130A SMBJ150 SMBJ150A SMBJ160 SMBJ160A SMBJ170 SMBJ170A
Devlce Marking Code UNI
ML MM MN MP MQ MR MS MT MU MV MW MX MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR
BI
CL CM CN CP CQ CR CS CT CU CV CW CX CY CZ DD DE DF DG DH DK DL DM DN DP DQ DR DS DT DU DV DW DX DY DZ ED EE EF EG EH EK EL EM EN EP EQ ER
Working Peak Reverse Voltage VWM(Volts)
33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00
Maximum Maximum Maximum Reverse Clamping Peak Puls Voltage at Reverse Current Leakage IPPM Vc IPPM(NOTE 2) a VWM(NOTE3) ID(mA) (Volts) (Amps)
59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 10.2 11.3 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.8 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 5.0 4.3 4.8 4.0 4.4 3.8 4.1 3.4 3.7 3.1 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
NOTES: 1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent 2.Surge current waveform per Fig.3 and derated per Fig.2 3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled 4.All items and symbols are consistent with ANSI/IEEE C62.35
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES SMBJ5.0 THUR 170CA
FIG. 1-PEAK PULSE POWER RATING CURVE
100
FIG. 2-PULSE DERATING CURVE
PEAK PULSE POWER(PppM)or CURRENT(IppM) DERATING IN PERCENTAGE,%
100
PppM,PEAK PULSE POWER,kw
10
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA=25 C
75
50
1.0
0.2x0.2" (0.5x0.5mm) COPPER PAD AREAS
0.1 0.1ms 1.0ms 10ms 100ms 1.0ms 10ms
25
td,PULSE WIDTH,sec.
0.2x0.2" (0.5x0.5mm) COPPER PAD AREAS
0 0 25 50 75 100 125 150 175
TA, AMBIENT TEMPERATURE,( C)
FIG.3-PULSE WAVEFORM
150
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE UNIDIRECTIONAL
10,000
IppM,PEAK PULSE CURRENT,%
tr=10msec
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IppM
PEAK VALUE IppM
100
HALF VALUE IPPM 2 10/1000msec WAVEFORM as DFINED by R.E.A
CJ,JINCTION CAPACITANCE,pF
MEASURED at ZERO BIAS
1,000
50
MEASURED at STAND-OFF VOLTAGE,VwM
100
0 0
td
1.0 2.0 3.0 4.0 10 1.0
TJ=25 C f=1.0MHz Vsig=50mVp-p
t,TIME,ms
10
100
200
V(BR),BREAKDOWN VOLTAGE,VOLTS
FIG.5-STEADY STATE POWER DERATING CURVE
5.00
PM(AV),STEADY STATE POWER DISSIPATION,WATTS
60Hz RESISTIVE OR INDUCTIVE LOAD
3.75
IFSM,PEAK FORWARD SURAGE CURRENT AMPERES
FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
100
80 80
2.50
40
1.25
0.2x0.2" (0.5x0.5mm) COPPER PAD AREAS
0 25 50 75 100 125 150 175
20
TJ=TJmax. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
1.0 10 100
0
0
TL,LEAD TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of SMBJ18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X