Part Number Hot Search : 
1N5406 F15030 1A471M 1N5406 JAN2N 2SK801 CJ78M06 1A102
Product Description
Full Text Search
 

To Download SM5818WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5817WS thru SM5819WS
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SOD-323
.091(2.30) 1.63(2.70) .063(1.60) .071(1.80) .045(1.15) .053(1.35) 0.15R
.009(0.25) .016(0.40)
1
2
.031(0.80) .039(1.00) .0035(0.089) .015(0.377) .00(0.00) .004(0.10)
FEATURES
High current capability Extremeil low thermal Resistance For surface Mount Applications Low forward voltage High Tenp solbering 250oC/10 seconds At Terminsls
MECHANICAL DATA
Case Molded plastic Epoxy UL 94V-0 rate flame retardant Lead Aiial leads, solderable per MIL-STD-202, Method 208 guaraneed Polarity Color band denotes cathode end Mounting position Any
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half sine wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
TYPE NUMBER Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current see Fig.1 Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current TA=250C at Rated DC Blocking Voltage TA=1000C Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance R JA (NOTE 2) Operating Temperature Range TJ Storage Temperature Range TSTG NOTES 1. Measured at 1.0MHz and applied reverse voltage of 5.0 volts 2. Thermal Resistance Junction to Case. 0.45 SM5817WS 20 14 20 SM5818WS 30 21 30 1.0 3 0.55 1.0 10 0.6 SM5819WS 40 28 40
UNITS
Volts Volts Volts Amps Amps Volts mA pF
0
110 426 -40 to +125 -40 to +135
C/W
0
C C
0
www.paceleader.tw
1
SM5817WS thru SM5819WS
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
RATINGS AND CHARACTERISTIC CURVES SM5817WS THRU SM5819WS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of SM5818WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X