Part Number Hot Search : 
BT2907 SB360 C03GV 09100 09100 B2013RU UDZS22B CX162
Product Description
Full Text Search
 

To Download SM4532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
MULTILAYER CHIP BEAD
ABC'S DWG NO. ABC'S ITEM NO.
SML-
CONFIGURATION & DIMENSIONS
A
D
D
I C B Series SM4532 SM4516 SM3266 SM3261 SM2029 SM1608 A 4.50.2 4.50.2 3.20.2 3.20.2 2.00.2 1.60.2 B 3.20.2 1.60.2 1.60.2 1.60.2 1.20.2 0.80.2 C 1.50.2 1.60.2 1.60.2 1.10.2 0.90.2 0.80.2 D 0.600.4 0.600.4 0.600.4 0.600.4 0.500.3 0.300.2
G ( PCB Pattrn )
I
G 3.0 3.0 2.2 2.2 1.0 0.7
H 3.0 1.4 1.4 1.4 1.0 0.7
H Unit : m/m I 1.5 1.5 1.1 1.1 1.0 0.7 a b c F
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area +2.0 ~ 4.0 / sec max. Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 50sec max. 230
SCHEMATIC DIAGRAM
MATERIALS
aBodyFerrite bInternal conductorSilver or Ag / Pd cTerminal electrodeAg/Ni/Sn dRemarkProducts comply with RoHS' requirements
GENERAL SPECIFICATION
aStorage temp.-40 ---- +105 bOperating temp.-55 ---- +125 cTerminal Strength
Temperature ( )
Type SM4532 SM4516 SM3261 SM3266 SM2029 SM1608 dSolderability
F ( kgf ) 1.5 1.0 1.0 1.0 0.6 0.5
time ( sec )
250
305
200 150
70sec max.
100 50
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2605 Flux : Rosin Dip time : 41 seconds AR-001A
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2-1
MULTILAYER CHIP BEAD
ABC'S DWG NO. ABC'S ITEM NO.
SML-
ELECTRICAL CHARACTERISITCS
DWG No. SM4532700YL- SM4532121YL- SM4532131YL- SM4516800YL- SM4516151YL- SM3266600YL- Impedance () at 100MHz 7025% 12025% 12525% 8025% 15025% 6025% RDC () max. 0.3 0.3 0.3 0.3 0.3 0.3 IDC (mA) max. 300 300 300 300 300 400
1). Packaging Information... ABulk BTaping Reel 2)."":Reference code
SM4532700YL
SM4532121YL
SM4532131YL
SM4516800YL
SM4516151YL
SM3266600YL
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2-2
MULTILAYER CHIP BEAD
ABC'S DWG NO. ABC'S ITEM NO.
SML-
ELECTRICAL CHARACTERISITCS
DWG No. SM3261190YL- SM3261260YL- SM3261310YL- SM2029070YL- SM2029100YL- SM2029110YL- SM1608050YL- SM1608090YL- SM1608300YL- Impedance () at 100MHz 1925% 2625% 3125% 725% 1025% 1125% 525% 925% 3025% RDC () max. 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.3 IDC (mA) max. 500 500 500 600 600 600 600 500 400
1). Packaging Information... ABulk BTaping Reel 2)."":Reference code
SM3261190YL
SM3261260YL
SM3261310YL
SM2029070YL
SM2029100YL
SM2029110YL
SM1608050YL
SM1608090YL
SM1608300YL
1000
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
MULTILAYER CHIP BEAD
ABC'S DWG NO. ABC'S ITEM NO.
SML-
PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
2.00.5 N C C B
A
G P:4 m/m End 4 m/m
D
Embossed Carrier
Carrier tape width : D Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 08 07 - 12 A 178 178 B 210.8 210.8 C 13 13 D 8 12 G 10 +0 14 +0 N 50 -0 50 -0
Unit:m/m T 12.5 16.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SM1608 SM2029 SM3261 SM3266 SM4516 SM4532
Q'TY (pcs) G.W. (gw) Style
Outer : Carton
G.W. (Kg) Size (cm)
4,000 4,000 3,000 2,000 2,000 1,000
90 120 150 140 180 170
07 - 08 07 - 08 07 - 08 07 - 08 07 - 12 07 - 12
200 200 120 80 80 30
7.0 8.5 8.5 8.2 9.7 9.3
41 x 39 x 22 41 x 39 x 22 41 x 39 x 22 41 x 39 x 22 41 x 39 x 22 41 x 39 x 22
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 4
MULTILAYER CHIP BEAD
ABC'S ITEM NO. ( 4 ) TYPE DIMENSIONS
1.750.1 (0.069 0.004)
SML-
Fig 1.
40.1 (0.1570.004)
1.550.05 20.05 (0.079 0.002) (0.061 0.002)
T max.
F0.05 (0.002)
P0.1 (0.004)
A0.1 (0.004)
1.750.1 (0.069 0.004)
Fig 2.
40.1 (0.1570.004)
1.550.05 20.05 (0.079 0.002) (0.061 0.002)
B0 .1(0.004)
W0.2 (0.008)
0.230.1(0.004)
F0.05 (0.002)
B0.1(0.004)
W0.2 (0.008)
P0.1 (0.004)
A0.1 (0.004)
T0.1(0.00 4)
Unit:m/m Type SM1608 SM2029 SM3261 SM3266 SM4516 SM4532 A 1.05 1.50 1.88 1.88 1.93 3.66 B 1.85 2.30 3.50 3.53 4.95 4.95 F 3.50 3.50 3.50 3.50 5.50 5.50 P 4.0 4.0 4.0 4.0 4.0 8.0 T 1.10 1.10 1.27 1.80 1.93 1.85 W 8.0 8.0 8.0 8.0 12.0 12.0 Fig 1 1 2 2 2 2
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 5
MULTILAYER CHIP BEAD
ABC'S ITEM NO.
SML-
DWGING NUMBER EXPRESSION
S
M Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information
Code A
Inner package T.B.D. T / R ( Reel package ) T / R ( Reel package )
Inner package Q'TY T.B.D. 1000 2000 2000 3000 4000 4000 pcs pcs pcs pcs pcs pcs
Remark
SM4532 SM4516 SM3266 SM3261 SM2029 SM1608
B
T / R ( Reel package ) T / R ( Reel package ) T / R ( Reel package ) T / R ( Reel package )
AR-001A


▲Up To Search▲   

 
Price & Availability of SM4532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X