Part Number Hot Search : 
MC145422 9S08DZ32 SSD1815B 70M10V6 FGA40N60 20ETF08 PHT1N52S WPA50
Product Description
Full Text Search
 

To Download SL1TTE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL, SLN, TSL
resistors
surface mount molded current sense resistors
EU
features * Surface mount type * Flameproof UL94V0 molded polymer case * Excellent dimension accuracy, mountability and shock resistance * Suitable for flow, reflow and hand soldering * Low profile type available (TSL) * Marking: Black body color with white marking or laser marking * Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
dimensions and construction
L b t c Molded Resistive Resin Element c a Electrode NEW W Size Code SL07 SL1 SL2 SLN2 SL3 TSL1 Dimensions inches (mm) L W t a b c .197.012 .098.008 .067.008 .079.008 .047.008 .035.012 (5.00.3) (2.50.2) (1.70.2) (2.00.2) (0.90.2) (1.20.3) .248.012 .122.008 .075.008 .094.008 .047.008 .047.012 (6.30.3) (3.10.2) (1.90.2) (2.40.2) (1.20.2) (1.20.3) .453.012 .276.008 .098.008 .197.008 .067.008 .102.02 (11.50.3) (7.00.2) (2.50.2) (5.00.2) (1.70.2) (2.60.5) .453.012 (11.50.3) .453.012 (11.50.3) .276.008 (7.00.2) .276.008 (7.00.2) .094.008 (2.40.2) .098.008 (2.50.2) .217.008 (5.50.2) .197.008 (5.00.2) .063.008 (1.60.2) .067.008 (1.70.2) .100.016 (2.550.4) .102.02 (2.60.5)
.248.012 .122.008 .039.008 .094.008 .028.008 .047.012 (6.30.3) (3.10.2) (1.00.2) (2.40.2) (0.70.2) (1.20.3)
ordering information
New Part # SL Type SL SLN TSL 1 Size 0.75 Watt 1 Watt 2 Watt 3 Watt T Termination Material T: Sn (Other termination styles may be available, please contact factory for options) TE Packaging SL07, SL1, TSL(TE: 7" embossed plastic) SL2, SLN2, SL3TED: 10" embossed plastic For further information on packaging please frefer to Appendix A 20L0 Nominal Resistance 5%: 2 significant figures + 1 multiplier "R" indicates decimal on value <10 1%: 3 significant figures + 1 multiplier "R" indicates decimal on value <100 All values less than 0.1 (100m) are expressed in m with "L" as decimal Example: 20m, 1% = 20L0 F Tolerance D: 0.5% F: 1% G: 2% J: 5%
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
34
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
SL, SLN, TSL
surface mount molded current sense resistors applications and ratings
Part Designation Power Rating T.C.R. (ppm/C) Max. 0~200: R=<10m 0~150: R=>11m Resistance Range Resistance Tolerance E-24* (F: 1%) (J: 5%) (D: 0.5%) (F: 1%) (G: 2%) (J: 5%) (D: 0.5%) (F: 1%) (G: 2%) (J: 5%) (D: 0.5%) (F: 1%) (J: 5%) (D: 0.5%) (F: 1%) (J: 5%) (D: 0.5%) (F: 1%) (J: 5%) Absolute Maximum Working Voltage -- Absolute Maximum Overload Voltage -- Operating Temperature Range
resistors
2
NEW
SL07
0.75W
5m - 100m 10m - 1M 5m - 1M 3m, 4m 3m ~ 22M 10m - 1M 5m ~ 1M 3m, 4m 3m - 22M 5m - 200m 10m - 100m
SL1
1W
180: R=<13m 100: R=>15m
200V
400V
SL2
2W
180: R=<10m 100: R=>11m
500V
1000V -55C to +180C
SLN2
2W
110: R<10m 75: R=>10m
--
--
SL3
3W
180: R=<10m 100: R=>11m
5m - 100m 10m - 100m
P*R P*R
P*R P*R
TSL1
1W
180: R=<13m 100: R=>15m
5m - 100m
* 3m, 4m, 5m, 6m, 7m, 8m, 9m resistance values also available
environmental applications Derating Curve Surface Temperature Rise
100 150 80 % Rated Power 125 Temperature Rise (C) 60 40 20 0 -60 -40 -20 -55 100 75
TSL1 (1) TSL1 (2) 2 SLN2 (1) 1
TSL1/SLN2
SLN2 (2)
SL1/SL2
200
SL2 (2)
175 Temperature Rise (C) 150
125
SL1 (2) SL2 (1) SL1 (1)
100 75 50 25
50 25
0
20 40 60 80 100 120 140 160 180 70 Ambient Temperature (C)
0
0
25
50
75
100
0
0
25
50
75
100
% Rated Power
% Rated Power
Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C Low Temperature Operation * SL07, TSL1, SL1, SL2 Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 1%*, 0.5%** 1%* 0.5%** 1%* 0.5%** 2%* 0.5%** 2%*, 1%** 0.5% ** SLN2 1%*, 0.25%** 1%* 0.5%** 0.5%* 0.25%** 0.5%* 0.25%** 0.5% 0.25% Test Method 25C +25C/+125C SL07: Rated power x 4 for 5 seconds, TSL1: Rated power x 2.5 for 5 seconds, SL1, SL2, SLN2: Rated power x 5 for 5 seconds, 260C 5C, 10 1 second 260C 5C, 10~12 seconds -55C (30 minutes), +150C (30 minutes), 100 cycles -55C (15 minutes), +150C (15 minutes), 1000 cycles 40C 2C, 90%~95%RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 85C 2C, 85% 3%RH, 1000 hours, Rated power x 0.1 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle SL07, TSL1, SL1, SL2: -55C, 1 hour; SLN2: -65C, 24 hours
12/16/08
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
35


▲Up To Search▲   

 
Price & Availability of SL1TTE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X