Part Number Hot Search : 
HC1G0 PQ100 P1300 00104 TA8409 TB627 1609012 KM616
Product Description
Full Text Search
 

To Download RXK221M1HBK100250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
FEATURES
*105C, 2000 ~ 5000 hours assured. *Low ESR, suitable for switching power supplies. *Small size with large permissible ripple current.
SPECIFICATIONS
Item Operating Temperature Range Capacitance Tolerance Leakage Current (at 20C) Dissipaton Factor Tan at 120 Hz, 20C Rated Voltage Tan (max) 6.3 0.22
Performance -55C ~ +105C 20% (120Hz, 20C) I = 0.01CV or 3 ( A) whichever is greater (after 2 minutes) Where, C = rated capacitance in F. V=rated DC working voltage in V . 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.08 63
When the capacitance exceed 1000 F 0.02 shall be added every 1000 F. Low Temperature Characteristics (at 120Hz) Impedance ratio shall not exceed the values given in the table below Rated Voltage Impedance Ratio Test Time Z(-55C) /Z(+20C) 6.3 4 10 4 16 3 25 3 35 3 50 3 63 3 63
2000hrs for fD 5 ~8mm 4000hrs for fD = 10mm 5000hrs for fD >13mm Within 20%
Load Life Test
Capacitance Change Dissipation Factor Leakage Current
Less than 200% of specified value. Within specified value
The above specification shall be satisfied when the capacitors are restored to 20C after rated voltage applied for 2000 hrs at 105C. High than 2000 hrs load life are available upon request. Test Time Shelf Life Test Capacitance Change Dissipation Factor Leakage Current 1000 Hrs Within 20%
Less than 200% of specified value Within Specified value
The above specification shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hrs at 105C without voltage applied. Freq. (Hz) Cap. (mF) Ripple Current & Frequency Multilpiers Under 33 39 to 330 390 to 1000 1200 up above Riple Current & Temperature Multipliers Standards Temperature (C) Multipliers 0.40 0.60 0.65 0.80 Under 50 2.40 0.55 0.70 0.80 0.90 70 2.05 0.65 0.80 0.85 0.95 85 1.70 0.80 0.90 0.98 0.98 105 1.00 Satisfies Characteristic W of JIS C 5141 0.90 0.95 1.00 1.00 1.00 1.00 1.00 1.00 60(50) 120 500 1K 10K 100K
LEAD SPACING AND DIAMETER
d P d 5 2.0 0.5 1.0 0.5 6.3 8 10 5.0 0.6 1.5 13 5.0 16 7.5 0.8 18 7.5 2.5 3.5
PART NUMBER EXAMPLE RXK 221 M 1H BK 100 250
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CD03 REV 2002.01.16
ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
DIMENSIONS AND PERMISSABLE RIPPLE CURRENT Dimension: DxL(mm) Ripple Current: mA/rms at 100Hz 105C
VDC Item FDXL mF 120 220 330 390 470 560 680 820 1200 1500 2200 2700 3900 4700 5600 6800 Code 121 221 331 391 471 561 681 821 122 152 222 272 392 472 562 682 5 6.3 6.3 8 10 8 10 8 10 10 10 13 13 13 13 13 16 16 x x x x x x x x x x x x x x x x x x 11 11 15 11.5 12.5 15 16 20 20 25 30 20 25 30 35 40 25 31.5
6.3V(0J) Impedance (W, Max/100K Hz) 20C -10C 0.720 1.800 0.380 0.950 0.270 0.680 0.200 0.500 0.120 0.300 0.160 0.400 0.084 0.210 0.110 0.280 0.062 0.160 0.052 0.130 0.044 0.110 0.046 0.120 0.034 0.085 0.03 0.075 0.027 0.068 0.024 0.06 0.028 0.07 0.025 0.063
Ripple Current (mA/rms, 105C) 120Hz 100KHz 116 165 179 255 231 330 332 415 500 625 396 495 660 825 512 640 936 1040 1134 1260 1296 1440 1206 1340 1521 1690 1755 1950 1980 2200 2151 2390 1863 2070 2115 2350
VDC Item FDXL mF 82 180 270 330 390 470 680 1000 1200 1500 1800 2200 2700 3300 3900 5600 6800 Code 820 181 271 331 391 471 681 102 122 152 182 222 272 332 392 562 682 VDC Item FDXL mF 39 82 120 150 180 220 330 470 560 820 1000 1500 1800 2200 2700 3300 3900 4700 Code 390 820 121 151 181 221 331 471 561 821 102 152 182 222 272 332 392 472 5 6.3 6.3 8 10 8 8 10 10 10 10 13 13 13 16 13 16 16 16 18 18 x x x x x x x x x x x x x x x x x x x x x 11 11 15 11.5 12.5 15 20 16 20 25 30 20 25 30 25 40 31.5 35.5 40 35.5 40 5 6.3 6.3 8 10 8 8 10 10 10 10 13 13 13 13 13 16 16 16 x x x x x x x x x x x x x x x x x x x 11 11 15 11.5 12.5 15 20 16 20 25 30 20 25 30 35 40 25 31.5 35.5
10V(1A) Impedance (W, Max/100K Hz) 20C -10C 0.720 1.800 0.380 0.950 0.270 0.680 0.200 0.500 0.120 0.300 0.160 0.400 0.110 0.280 0.084 0.210 0.062 0.160 0.052 0.130 0.044 0.110 0.046 0.120 0.034 0.085 0.03 0.075 0.027 0.068 0.024 0.060 0.028 0.070 0.025 0.063 0.022 0.055 25V(1E) Impedance (W, Max/100K Hz) 20C -10C 0.720 1.800 0.380 0.950 0.270 0.680 0.500 0.020 0.120 0.300 0.160 0.400 0.110 0.280 0.084 0.210 0.062 0.160 0.052 0.130 0.044 0.110 0.046 0.120 0.034 0.085 0.030 0.075 0.028 0.070 0.024 0.060 0.025 0.063 0.022 0.055 0.018 0.045 0.021 0.053 0.017 0.043
Ripple Current (mA/rms, 105C) 120Hz 100KHz 116 165 179 255 231 330 291 415 500 625 396 495 512 640 660 825 832 1040 1134 1260 1296 1440 1206 1340 1521 1690 1755 1950 1980 2200 2151 2390 1863 2070 2115 2350 2295 2550
VDC Item FDXL mF 56 120 180 270 330 470 680 820 1200 1500 2200 2700 3300 3900 4700 5600 6800 Code 560 121 181 271 331 471 681 821 122 152 222 272 332 392 472 562 682 5 6.3 6.3 8 10 8 8 10 10 10 10 13 13 13 13 16 13 16 16 16 18 x x x x x x x x x x x x x x x x x x x x x 11 11 15 11.5 12.5 15 20 16 20 25 30 20 25 30 35 25 40 31.5 35.5 40 35.5
16V(1C) Impedance (W, Max/100K Hz) 20C -10C 0.720 1.800 0.380 0.950 0.270 0.680 0.200 0.500 0.120 0.300 0.160 0.400 0.110 0.280 0.084 0.210 0.062 0.160 0.052 0.130 0.044 0.110 0.046 0.120 0.034 0.080 0.030 0.075 0.027 0.068 0.028 0.07 0.024 0.06 0.025 0.063 0.022 0.055 0.018 0.045 0.021 0.053
Ripple Current (mA/rms, 105C) 120Hz 100KHz 116 165 179 255 231 330 291 415 438 625 347 495 512 640 660 825 832 1040 1008 1260 1296 1440 1206 1340 1521 1690 1755 1950 1980 2200 1863 2070 2151 2390 2115 2350 2295 2550 2610 2900 2394 2660
Ripple Current (mA/rms, 105C) 120Hz 100KHz 116 165 179 255 231 330 291 415 438 625 347 495 448 640 578 825 832 1040 1008 1260 1152 1440 1072 1340 1352 1690 1755 1950 1863 2070 2151 2390 2115 2350 2295 2550 2610 2900 2394 2660 2709 3010
RFE International * Tel:(949)583-0808 * Fax:(949)583-9898 * E-Mail Sales@rfeinc.com
C1CD03 REV 2002.01.16
ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
DIMENSIONS AND PERMISSABLE RIPPLE CURRENT Dimension: DxL(mm) Ripple Current: mA/rms at 100Hz 105C
VDC Item FDXL mF 27 56 82 120 180 220 330 390 560 680 1000 1200 1500 1800 2200 2700 3300 Code 270 560 820 121 181 221 331 391 561 681 102 122 152 182 222 272 332 5 6.3 6.3 8 10 8 8 10 10 10 10 13 13 13 13 16 13 16 16 16 18 18 x x x x x x x x x x x x x x x x x x x x x x 11 11 15 11.5 12.5 15 20 16 20 25 30 20 25 30 35 25 40 31.5 35.5 40 35.5 40 35V(1V) Impedance (W, Max/100K Hz) 20C -10C 0.720 1.800 0.380 0.950 0.270 0.680 0.200 0.500 0.120 0.300 0.160 0.400 0.110 0.280 0.084 0.210 0.062 0.160 0.052 0.130 0.040 0.110 0.046 0.120 0.034 0.085 0.030 0.750 0.027 0.068 0.028 0.070 0.024 0.060 0.025 0.063 0.022 0.055 0.018 0.045 0.021 0.053 0.010 0.043 VDC Item FDXL mF 18 39 56 68 82 120 180 220 330 470 560 680 820 1000 1200 1500 1800 2200 63V(1J) Impedance (W, Max/100K Hz) 20C -10C 1.900 4.800 1.100 2.800 0.620 1.600 0.490 1.300 0.270 0.680 0.340 0.850 0.210 0.530 0.210 0.530 0.160 0.400 0.130 0.330 0.100 0.250 0.110 0.280 0.074 0.190 0.068 0.170 0.063 0.160 0.055 0.140 0.051 0.130 0.046 0.120 0.040 0.040 0.100 0.100 Code 180 390 560 680 820 121 181 221 331 471 561 681 821 102 122 152 182 222 5 6.3 6.3 8 8 10 8 10 10 10 10 13 13 13 13 13 16 16 16 16 18 18 x x x x x x x x x x x x x x x x x x x x x x 11 11 15 11.5 15 12.5 20 16 20 25 30 20 25 30 35 40 25 31.5 35.5 40 35.5 40 50V(1H) Impedance (W, Max/100K Hz) 20C -10C 1.100 3.300 0.560 1.600 0.410 1.200 0.290 0.840 0.250 0.750 0.160 0.400 0.180 0.520 0.120 0.300 0.088 0.220 0.068 0.170 0.059 0.150 0.059 0.150 0.045 0.110 0.039 0.098 0.033 0.083 0.029 0.073 0.033 0.083 0.029 0.073 0.025 0.063 0.021 0.063 0.023 0.058 0.020 0.050
Ripple Current (mA/rms, 105C) 120Hz 100KHz 91 165 179 255 231 330 291 415 438 625 347 495 448 640 578 825 728 1040 1008 1260 1152 1440 1072 1340 1352 1690 1560 1950 1980 2200 1863 2070 2151 2390 2115 2350 2295 2550 2610 2900 2394 2660 2709 3010
Ripple Current (mA/rms, 105C) 120Hz 100KHz 72 130 154 220 217 310 238 340 329 470 336 480 427 610 529 755 662 945 805 1150 882 1260 833 1190 1192 1490 1376 1720 1512 1890 1624 2030 1504 1880 1720 2150 2088 2320 2286 2540 2160 2400 2349 2610
VDC Item FDXL mF 12 27 39 47 56 68 82 120 150 180 220 270 390 470 560 680 820 1000 Code 120 270 390 470 560 680 820 121 151 181 221 271 391 471 561 681 821 102 5 6.3 6.3 8 10 8 10 8 10 10 10 13 13 13 13 16 13 16 x x x x x x x x x x x x x x x x x x 11 11 15 11.5 12.5 15 16 20 20 25 30 20 25 30 35 25 40 31.5
Ripple Current (mA/rms, 105C) 120Hz 100KHz 55 100 88 160 161 230 193 275 294 420 252 360 366 523 350 500 455 650 546 780 672 960 609 870 805 1150 1024 1280 1112 1390 1184 1480 1224 1530 1376 1720 1528 1576 1910 1970
16 x 35.5 18 x 35.5
RFE International * Tel:(949)583-0808 * Fax:(949)583-9898 * E-Mail Sales@rfeinc.com
C1CD03 REV 2002.01.16


▲Up To Search▲   

 
Price & Availability of RXK221M1HBK100250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X