Part Number Hot Search : 
BZX55C33 L6382D5 225M0 MC78L12A 015020 GZF43C GL782 G2204
Product Description
Full Text Search
 

To Download RWP03040-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wideband Power Amplifier
Product Features
GaN on SiC Broadband High Power Amplifier 20 to 520MHz Operation Bandwidth Small Signal Gain 40dB min 40W Typical. P3dB
RWP03040-10
Application
HF/VHF
Package : DP-75
Description
The power amplifier module is designed for Broadcasting, Telecommunication, Medical and Other markets. Operating frequency range is from 20MHz to 520MHz. Gallium Nitride on SiC technology is used and attached on an aluminum sub carrier. Full in/out matching for broadband performance is already applied. Improved thermal handling by patented technology.
Typical Specifications
No 1 2 3 4 5 Bandwidth Small Signal Gain Gain Variation vs Temperature Gain Variation vs Frequency P3dB 20MHz to 100MHz 100MHz to 520MHz -20C to 60C Item Conditions
VCC = +28V; T = 25; ZS = ZL = 50 Min 20 40 -2 1 45 46 46 47 42 Typ Max 520 44 +2 1.5 Unit MHz dB dB dBpp dBm
6
OIP3 @ Po = +33dBm (1MHz Tone spacing, CW 2-Tone) Input Return Loss Output Return Loss 2nd Harmonic suppression Supply Voltage Quiescent Current consumption Current Consumption @ P3dB On/Off Switching Time Shut Down or Switch On/Off TTL Voltage
20MHz to 520 MHz
50
54
dBm
7 8 9 10 11 12 13
-11 -7 CW 1-tone @Po = +30dBm, Freq 200MHz Vcc(=Vds) 27.5 2.8 CW 1-tone On : TTL "Low" Off : TTL "High"(300mA@Disable) -48 28 3 3.8 3 0 2.5 5
-7 -4 -40 30 3.2 4.5 5 0.5 5.5
dB dB dBc V A A uS
14
On : TTL "Low"(Enable) Off : TTL "High"
V
Tel : 82-31-250-5078 www.rfhic.com/contact
All specifications may change without notice. Version 1.1
Wideband Power Amplifier
Environmental Characteristics
No 1 2 3 Operating Temperature Storage Temperature Vibration Item
RWP03040-10
Min -20 -40
Typ
Max +60 +105
Unit C C
MIL-STD-810G Method 514.6 ANNEX C
Absolute Maximum Ratings
No 1 2 3 4 Input RF Power Supply Voltage Load Mismatch Value Item Operating Flange Temperature Rating +85 +13 +30 3 : 1 @ all load phase Unit C dBm V
* Input Signal Condition : CW 1-Tone
Ordering Information
No 1 2 RWP03040-10 RWP03040-1H Part Number Pallet Module assembled with RWP03040-10 Package
* RWP03040-1H is a SMA connectorized housing version of RWP03040-10. Electrical parameters are all same as RWP03040-10. For more information, please contact RFHIC.
Tel : 82-31-250-5078 www.rfhic.com/contact
All specifications may change without notice. Version 1.1
Wideband Power Amplifier
RWP03040-10 Typical Performance @ 25
Frequency (MHz) 20 100 200 300 400 520 P1dB (dBm) 45.5 46.2 46.6 45.8 46.8 46.1 P3dB (dBm) 46.0 47.0 47.3 46.9 47.9 47.7 Current@P1dB (A) 2.7 2.9 3.5 3.4 3.5 3.5
RWP03040-10
Current@P3dB (A) 2.68 3.00 3.77 3.80 3.85 4.03
2nd Harm @30dBm(dBc) -57.51 -49.11 -48.43 -52.39 -71.33 -57.16
OIP3 (30dBm/Tone) (dBm) 55.7 56.9 56.3 54.8 54.8 55.0
P3dB
2nd Harmonics
OIP3
Gain
Tel : 82-31-250-5078 www.rfhic.com/contact
All specifications may change without notice. Version 1.1
Wideband Power Amplifier
Input Return Loss
RWP03040-10
Output Return Loss
Precautions
1. This product is designed to be used for broadband amplification. Heat generation is higher when there is no RF signal in the device. Therefore, the worst case scenario is when there is no RF signal, and the amplifier is "on" with current draw.
Vcc(+28V) RF IN RF OUT
Temp Monitor
The temperature must be calculated properly. Case temperature must maintain below 85C. Right side drawing notes how to use a temperature monitoring
Shut Down (+5V)
Switch ON/OFF
+Vcc
function to protect against overheating. 2. Thermal Grease or Metal Thermal Interface Materials are recommended for heat dissipation. An example would be spreading thermal grease on the bottom of the device.
Comparator Block (with hysteresis gap)
+ Ref Voltage
Tel : 82-31-250-5078 www.rfhic.com/contact
All specifications may change without notice. Version 1.1
Wideband Power Amplifier
Package Dimensions (Type: DP-75)
(Unit : mm/[inch], Tolerance : 0.2/[.008])
RWP03040-10
How to connect the amplifier to a target PCB
Method- (with Pin) Method- (without Pin) - If you cut out the pin
Pin Description
Pin No 1 2 3 4 5 6 RF IN Vcc (+28V) Shut Down (+5V) Switch ON/OFF Temp Monitor RF OUT Port Name RF Input DC Supply Shut Down @ TTL High, Enable @ TTL Low Disable @ TTL High (Switch Status : Off) 0.85V @ 25, Scale : 10mV/ (Accuracy : 3) RF Output Function
* Terminal Pin Information : ASK206091,AA (Acethink, Pin) , ASK20556,AA-1(Acethink, Pin Socket) * Recommended Screw Torque : 8.0kgf.cm1 using SEMS M3 10mm Bolt
Tel : 82-31-250-5078 www.rfhic.com/contact
All specifications may change without notice. Version 1.1
Wideband Power Amplifier
Note :
RWP03040-10
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC's liability under or arising out of damages, claims of whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC.
Tel : 82-31-250-5078 www.rfhic.com/contact
All specifications may change without notice. Version 1.1


▲Up To Search▲   

 
Price & Availability of RWP03040-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X