Part Number Hot Search : 
BCR14110 T7026 FB13N50A G4PH50 A3202 NTE98 20M250 A1103KUA
Product Description
Full Text Search
 

To Download RL207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C /10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.40 gram
-
- TDD- D A Y A
RL201-RL207
2.0 AMPS. Glass Passivated Rectifiers DO-15
-
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TA = 60 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @2.0A Maximum DC Reverse Current @ TA=25 C at Rated DC Blocking Voltage @ TA=125 oC Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance (Note 2)
o
Symbol RL 01 VRRM 50 VRMS 35 VDC 50 I(AV) IFSM VF IR
RL
02 100 70 100
RL
03 200 140 200
RL
04 400 280 400 2.0
RL
05 600 420 600
RL
06 800 560 800
07 1000 700 1000
RL
Units
V V V A
75 1.1 1.0 5.0 100 15 60 - 65 to + 150
A V uA uA pF o C/W o C
Cj RJA
Operating and Storage Temperature Range TJ,TSTG 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. Notes: 2. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China
RATINGS AND CHARACTERISTIC CURVES (RL201 THRU RL207)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS
100
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
2
INSTANTANEOUS REVERSE CURRENT. ( mA )
10
-
- TDD- D A Y A
-
Tj=125 0C
1
Tj=75 0C 1
0
25
50
75
100
o
125
150
175
AMBIENT TEMPERATURE. ( C)
0.1
Tj=25 0C
100 90 80 70
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
0.01 0 20 40 60 80 100 120 140
PERCENT RATED PEAK REVERSE VOLTAGE. (%)
PEAK FORWARD SURGE CURRENT. (A)
60 50 40 30
20
FIG.5- TYPICAL FORWARD CHARACTERISTICS
10 10 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.4- TYPICAL JUNCTION CAPACITANCE
100
INSTANTANEOUS FORWARD CURRENT. (A)
2A03G-2A07G
1
2A01G-2A02G
JUNCTION CAPACITANCE.(pF)
10
0.1
1
1
10 REVERSE VOLTAGE. (V)
100
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE. (V)
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China


▲Up To Search▲   

 
Price & Availability of RL207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X