Part Number Hot Search : 
10C80 MS3106 UPC3205 CA3260E 1N6278A 9899P AC180 TT6061BS
Product Description
Full Text Search
 

To Download RJC26W100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RJC26 Series
TOCOS
POTENTIOMETERS
(R)
1/4" Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
Features
1/4" square, multi-turn, through-hole, sealed cermet trimmers 11-turn design for more accurate setting State-of-the-art brush contact design Stop-clutch action at ends of element Top and side adjust models Meets UL 94V-0 flammability requirements Sealed to withstand wave soldering and immersion cleaning
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . 100 to 5M (standard 1, 2 & 5 sequence plus 3M rating) Resistance Tolerance . . . . 10% and 20% (up to 2M) 30%, 20% (3M and 5M)
Environmental
Temperature Range . . . . . . . . . . . . . . . . . Low Temperature Operation . . . . 55 C to 125 C 55 C, 0.25 watt, 1 hour T/R ) 2%
High Temperature Exposure . . . . . . . . . 125 C, 250 hours T/R ) 2%, S.S. ) 1% Load Life . . . . . . . . . . . . . . . . 70 C, 0.25 watt, 1,000 hours T/R ) 2%, S.S. ) 3%
End Resistance . . . . . . . . . . 1% or 2, whichever is greater Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear Peak Noise (C.R.V.) . . . . . . 2% or 3, whichever is greater Power Rating . . . . . . . 0.25 watt at 70 C, 0 watt at 125 C Maximum Input Voltage . . . . . . . . 300VDC or power rating, whichever is smaller Temperature Coefficient . . . . 100 ppm / C, 200 to 1M 250 ppm / C, other value
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 55 C, 125 C, 30 minutes each, 5 cycles T/R ) 1%, S.S. ) 1% Shock . . . . . . . . . . . . 100G, 6ms, 6 directions, 3 times each T/R ) 1%, S.S. ) 1% Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude, 20G, 12 hours T/R ) 1%, S.S. ) 1% Humidity . . . . . . . . . . . . . . . . . . . . . . . . 40 C, 90-95%RH, 0.25 watt, 500 hours T/R ) 3%, S.S. ) 1%
Insulation Resistance . . . . . 1,000M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . 600VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . 8.5 turns 1
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . 11 turns 1 Shaft Torque . . . . . . . . . . . . . . 200 gf* cm (2.77 oz* in) max. Stop Strength . . . . . . . . . . . . . . . . . . . . . . . . . . Clutch action Flammability of Plastic Materials . . . . . . . Meets UL 94V-0 Nominal Weight . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3g Marking . . . . . . . . . . . . . . . . . . Resistance code, date code, model type, terminal identification
Moisture Resistance . . . . . . 10 C to 65 C, 80-98%RH, 0.25 watt, 10 cycles, 240 hours T/R ) 3% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 1% Seal Test . . . . . . . . . . . . . . . . . 85 C, hot water for 1 minute Rotational Life . . . . . . . . . . 200 cycles without discontinuity T/R ) 5%)
T/R = Total Resistance Change; S.S. = Setting Stability ( voltage ratio )
104
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RJC26 Series
RJC26W
W Terminal Style, Single-Slot, Top Adjust
Dimensions
RJC26X
X Terminal Style, Single-Slot, Side Adjust
Unit: mm
6.0
0.2
6.0
O1.8 0.2
0.2
4.3
0.2
4.3
0.2
103
O1.8 0.2
1.15
0.2
501
1.3 SLOT: 0.6 0.2 W 1.8 0.2 L 0.6 0.2 D
0.3
1.2
0.2
1.0
0.2
1.15
0.2
1.0 1.15
0.3
0.2
6.75 0.2
0.2
0.2
SLOT: 0.6 0.2 W 1.8 0.2 L 0.6 0.2 D
6.75 0.2
0.2
0.2
0.5
0.1 x
0.25(3)
5.0
1.0
0.5
0.1 x
0.25(3)
5.0
1.0
#3
#2 4.3
0.2
#1
#3
#2 4.3
0.2
#1
3.5
0.2
3.5
0.2
1.3
0.3
1.3
0.3
2.5
0.3
2.5
0.3
2.5
0.3
2.5
0.3
2.5
0.3
2.5
0.3
Recommended PCB Layout
W & X Pin-Out
5.0 #3 #1 2.5
O1.0
Unit: mm
max. (3 holes)
#2
Electrical Schematic
clockwise ccw #1
#3 cw
#2
wiper
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
105
RJC26 Series
RJC26 X B 102 K
Part Numbering System
Resistance Tolerance: K = 10%; M = 20%; Blank = 30%, 20% Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 105 = 1,000,000 ). Resistance Taper: B = Linear. Terminal Style: W = 3-Lead Configuration, Top Adjust. X = 3-Lead Configuration, Side Adjust. TOCOS Series Name.
Part Numbers
Nominal Resistance Value ( ) Code Catalog No. Bulk Resistance Tolerance 10% Resistance Tolerance 20% Potentiometer Styles
RJC26W Through-Hole, W Terminal Style, Single-Slot, Top Adjust
100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 3,000,000 5,000,000 101 201 501 102 202 502 103 203 503 104 204 504 105 205 305 505 RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W RJC26W B B B B B B B B B B B B B B B B 101 K RJC26W B 101 M 201 K RJC26W B 201 M 501 K RJC26W B 501 M 102 K RJC26W B 102 M 202 K RJC26W B 202 M 502 K RJC26W B 502 M 103 K RJC26W B 103 M 203 K RJC26W B 203 M 503 K RJC26W B 503 M 104 K RJC26W B 104 M 204 K RJC26W B 204 M 504 K RJC26W B 504 M 105 K RJC26W B 105 M 205 K RJC26W B 205 M 305 ( 30%, 20% resistance tolerance) 505 ( 30%, 20% resistance tolerance)
RJC26W
RJC26X Through-Hole, X Terminal Style, Single-Slot, Side Adjust
100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 3,000,000 5,000,000 101 201 501 102 202 502 103 203 503 104 204 504 105 205 305 505 RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X RJC26X B B B B B B B B B B B B B B B B 101 201 501 102 202 502 103 203 503 104 204 504 105 205 305 505 K RJC26X B 101 M K RJC26X B 201 M K RJC26X B 501 M K RJC26X B 102 M K RJC26X B 202 M K RJC26X B 502 M K RJC26X B 103 M K RJC26X B 203 M K RJC26X B 503 M K RJC26X B 104 M K RJC26X B 204 M K RJC26X B 504 M K RJC26X B 105 M K RJC26X B 205 M ( 30%, 20% resistance tolerance) ( 30%, 20% resistance tolerance)
RJC26X
Packaging
Standard: Bulk Packaging Quantity
50 pieces per vinyl bag. 500 pieces per box.
Soldering and Cleaning Guidelines
For soldering, cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
106
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com


▲Up To Search▲   

 
Price & Availability of RJC26W100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X