|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LNA Module Product Features RFL- 1830D RFL- 1835D Application * CDMA Repeater * Base Station * RF Sub-Systems * Low Noise Figure * High Reliability * High Linearity * Single Supply Voltage * Small size by using simple matching circuit board * High Productivity * Hybrid Amplifiers on Ceramic Board * Competitive Price Description This LNA Module is a high gain, ultra low noise amplifier module. It has superior performance comes with a modest price tag. Specifications PARAMETER Frequency Range Gain Gain Flatness VSWR Noise Figure(Max) OIP3(Max) Current(Max) Supply Voltage Current Alarm Operating Temperature Connector Type Case Dimension 35dBm 350mA 8~12V (Operating Temperature:-30C~+70C) RFL-1830D 1885~1900MHz 30dB 0.5dB 0.5dB 1.3 : 1 1.1dB RFL-1835D 1885~1900MHz 35dB 0.5dB 39dBm 400mA Normal : Open, Fail : GND ( Open Collector ) -30 ~ +70 SMA - Female 52 x 46 x 19 [mm] Tel : 82-31-250-5011 rfsales@rfhic.com All specifications may change without notice. Version 5.1 LNA Module Functional Diagram RFL- 1830D RFL- 1835D Dimensions in mm RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC's liability under or arising out of damages, claims of whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC. Tel : 82-31-250-5011 rfsales@rfhic.com All specifications may change without notice. Version 5.1 |
Price & Availability of RFL-1830D |