Part Number Hot Search : 
2SC2167 0SERI 25X50 LB11693H C4429 00970 13000 CMD8649
Product Description
Full Text Search
 

To Download R5021ANX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R5021ANX
Transistors
10V Drive Nch MOSFET
R5021ANX
Structure Silicon N-channel MOSFET Dimensions (Unit : mm)
TO-220FM
10.0
3.2
4.5 2.8
Features 1) Low on-resistance. 2) Fast switching speed. 3) Gate-source voltage (VGSS) guaranteed to be 30V. 4) Drive circuits can be simple. 5) Parallel use is easy.
15.0
12.0
8.0
2.5
1.3
1.2
14.0
0.8
(1)Base (2)Collector (3)Emitter
2.54
(1) (2) (3)
2.54
0.75
2.6
Applications Switching
Packaging specifications
Package Type Code Basic ordering unit (pieces) R5021ANX Bulk - 500
Inner circuit
1
Absolute maximum ratings (Ta=25 C)
Parameter Drain-source voltage Gate-source voltage Drain current Source current (Body Diode) Avalanche Current Avalanche Energy Total power dissipation (Tc=25C) Channel temperature Range of storage temperature
1 Pw10s, Duty cycle1% 2 L 500H, VDD=50V, RG=25, Starting, Tch=25C 3 Limited only by maximum temperature allowed
Symbol VDSS VGSS Continuous Pulsed Continuous Pulsed ID IDP IS ISP IAS EAS PD Tch Tstg
3 1 3 1 2 2
Limits 500 30 21 84 21 84 10.5 29.6 50 150 -55 to +150
Unit V V A A A A A mJ W C C
(1)
(1) Gate (2) Drain (3) Source
(2)
(3) 1 Body Diode
1/5
R5021ANX
Transistors
Thermal resistance
Parameter Channel to case Symbol Rth(ch-c) Limits 2.5 Unit C/W
Electrical characteristics (Ta=25 C)
Parameter Gate-source leakage Drain-source breakdown voltage Zero gate voltage drain current Gate threshold voltage Static drain-source on-state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge
Pulsed
Symbol IGSS V(BR)DSS IDSS VGS(th) RDS(on) | Yfs | Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd

Min. - 500 - 2.5 - 7 - - - - - - - - - -
Typ. - - - - 0.16 - 2300 1000 70 47 70 200 70 64 11 27
Max. 100 - 100 4.5 0.21 - - - - - - - - - - -
Unit nA V A V S pF pF pF ns ns ns ns nC nC nC
Conditions VGS=30V, VDS=0V ID=1mA, VGS=0V VDS=500V, VGS=0V VDS=10V, ID=1mA ID=10.5A, VGS=10V ID=10.5A, VDS=10V VDS=25V VGS=0V f=1MHz ID=10.5A, VDD 250V VGS=10V RL=23.8 RG=10 VDD 250V ID=21A VGS=10V RL=11.9 / RG=10
Body diode characteristics (Source-drain) (Ta=25 C)
Parameter Forward voltage
Pulsed
Symbol VSD
Min. -
Typ. -
Max. 1.5
Unit V
Conditions IS= 21A, VGS=0V
2/5
R5021ANX
Transistors
Electrical characteristic curves
100 Operation in this area is limited by R DS(ON) PW = 100us DRAIN CURRENT: ID (A) PW = 1ms PW = 10ms 1 DC operation 0.1 Ta = 25C Single Pulse 0.01 0.1 0 1 10 100 1000 0 10 20 30 40 50 DRAIN-SOURCE VOLTAGE : VDS ( V ) Fig.1 Maximum Safe Operating Aera DRAIN-SOURCE VOLTAGE: VDS (V) Fig.2: Typical Output Characteristics( ) 30 6.0V 20 5.5V 10 Ta= 25C Pulsed 40 10V 8.0V 7.0V 6.5V DRAIN CURRENT: ID (A) 15 7.0V 10 6.5V 6.0V 20 Ta= 25C Pulsed 10V 8.0V
DRAIN CURRENT : ID (A)
10
5.5V 5 5.0V VGS= 4.5V 0 0 1 2 3 4 5 DRAIN-SOURCE VOLTAGE: VDS (V) Fig.3: Typical Output Characteristics( )
5.0V VGS= 4.5V
100 GATE THRESHOLD VOLTAGE: VGS(th) (V) VDS= 10V Pulsed 10 DRAIN CURRENT : ID (A) Ta= 125C Ta= 75C Ta= 25C Ta= -25C
6 STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS(on) ( ) 5 4 3 2 1 0 -50 VDS= 10V ID = 1mA
10 VGS= 10V Pulsed 1 Ta= 125C Ta= 75C Ta= 25C Ta= -25C
1
0.1
0.1
0.01
0.001 0.0
1.5
3.0
4.5
6.0
0
50
100
150
0.01 0.1
1
10
100
GATE-SOURCE VOLTAGE : VGS (V) Fig.4 Typical Transfer Characteristics
CHANNEL TEMPERATURE: Tc h (C) Fig.5 Gate Threshold Voltage vs. Channel Temperature
DRAIN CURRENT : ID (A) Fig.6 Static Drain-Source On-State Resistance vs. Drain Current
0.6 STATIC DRAIN-SOURCE ON-STATE RESISTANCE : R DS(on) ( ) STATIC DRAIN-SOURCE ON-STATE RESISTANCE : R DS(on) ( ) 0.5 0.4 0.3 0.2 0.1 0 0 5 10 15 ID = 21.0A ID = 10.5A Ta=25C Pulsed
0.6 0.5 0.4 0.3 0.2 ID = 10.5A 0.1 0 -50 VGS= 10V Pulsed FORWARD TRANSFER ADMITTANCE : |Yfs| (S)
100 VDS= 10V Pulsed 10
ID = 21.0A
1 Ta= -25C Ta= 25C Ta= 75C Ta= 125C
0.1
0
50
100
150
0.01 0.01
0.1
1
10
100
GATE-SOURCE VOLTAGE : VGS (V) Fig.7 Static Drain-Source On-State Resistance vs. Gate Source Voltage
CHANNEL TEMPERATURE: Tch (C) Fig.8 Static Drain-Source On-State Resistance vs. Channel Temperature
DRAIN CURRENT : ID (A) Fig.9 Forward Transfer Admittance vs. Drain Current
3/5
R5021ANX
Transistors
100 REVERSE DRAIN CURRENT : IDR (A) VGS= 0V Pulsed CAPACITANCE : C (pF) 10
10000 GATE-SOURCE VOLTAGE : VGS (V) C is s 1000
15 Ta= 25C VDD = 250V ID = 21A R G= 10 Pulsed
10
1 Ta= 125C Ta= 75C Ta= 25C Ta= -25C
100 C rs s 10 Ta= 25C f= 1MHz VGS= 0V
Cos s
5
0.1
0.01 0 0.5 1 1.5
1 0.1 1 10 100 1000
0 0 10 20 30 40 50 60 70 80 90 TOTAL GATE CHARGE : Qg (nC) Fig.12 Dynamic Input Characteristics
SOURCE-DRAIN VOLTAGE : VSD (V) Fig.10 Reverse Drain Current vs. Sourse-Drain Voltage
DRAIN-SOURCE VOLTAGE : VDS (V) Fig.11 Typical Capacitance vs. Drain-Source Voltage
1000 REVERSE RECOVERY TIME: trr (ns)
10000 tf SWITCHING TIME : t (ns) 1000 Ta= 25C VDD = 250V VGS= 10V R G= 10 Pulsed
100 Ta= 25C di / dt= 100A / s VGS= 0V Pulsed 10 0.1 1 10 100 REVERSE DRAIN CURRENT : IDR (A) Fig.13 Reverse Recovery Time vs.Reverse Drain Current
100
td(off)
10
tr
td(on)
1 0.1 1 10 100
DRAIN CURRENT : ID (A) Fig.14 Switching Characteristics
10 NORMARIZED TRANSIENT THERMAL RESISTANCE : r (t) Ta = 25C Single Pulse : 1Unit Rth ch-a t = t xRth ch-a Rth ch-a = 45.9C/W 0.1
1
0.01
0.001
0.0001 0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE WIDTH : Pw(s) Fig.15 Normalized Transient Thermal Resistance vs. Pulse Width
4/5
R5021ANX
Transistors
Switching characteristics measurement circuit
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
IG(Const.)
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
Fig.3-1 Avalanche Measurement Circuit
Fig.3-2 Avalanche Waveform
5/5
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the NOTES specified in this catalog.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
www.rohm.com
Copyright (c) 2008 ROHM CO.,LTD.
THE AMERICAS / EUROPE / ASIA / JAPAN
Contact us : webmaster@ rohm.co. jp
21 Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
Appendix1-Rev2.0


▲Up To Search▲   

 
Price & Availability of R5021ANX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X