Part Number Hot Search : 
T520T 105PF 090A0 BR151L Y62167 ON2847 2N603 C1514
Product Description
Full Text Search
 

To Download PLCC6RGBCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD SPECIFICATION
PLCC6RGBCT
Features/
Emitting Color/ Lens Type/ Device Outline/ HBM ESD:Class 2/ Pb-Free/ RoHS compliant/ RoHS Red/Green/Blue/ Water clear/ 5.5 5.0 1.95 Class 2 unit:mm / /
Applications/
Backlight for Mobile Machine Vision LCD Display/
Backlight in Dashboard and switch of Automive/
Product dimension/
(units:mm)
C0.8 deep 0.5
5
0.2
1 2 3
6 5 4
45a 4.4 3.735
0.8
5
G 4 R 5 2 B 6 1 3
2.5 3 5.5 A.15 0
1.95
1.5
0.2 0.4
Page 1 of 4
SMD SPECIFICATION
Absolute maximum ratings/
Parameter Reverse Voltage Forward Current Power Dissipation Pulse Current Operating Temperature Storage Temperature Symbol
Ta = 25
Test Condition Values Min. Max. 70 ---- 100 25 +85 +85 mW V mA mA Unit
Pd VR IFp IFm Topr Tstr
---- IR = 30 Duty=0.1 ---- ---- ---- A 1kHz
---- 5 ---- ---- -40 -40
Electrical and optical characteristics/
Parameter Color Red Green Blue Red Green Blue Red Green Blue Red Green Blue Red Green Blue Red Green Blue Symbol Test Condition
Ta = 25
Values Min Typ 2.3 3.2 3.2 ---- ---- ---- 626 524 468 20 35 22 160 350 150 120 Max 2.6 3.6 3.6 10 30 30 ---- ---- ---- ---- ---- ---- ---------- V Unit
Forward Voltage
VF
IF = 20mA
Reverse Current
IR
VR =5V
Dominate Wavelength
d
IF = 20mA
Spectral Line half-width
IF = 20mA
Luminous Intensity
IV
IF = 20mA
---- ---- ---- ---- ---- ---- ---- ---- ---- ---- ---- 102 200 102 ----
A
nm
nm
mcd
Viewing Angle
2 1/2
IF = 20mA
Deg.
Page 2 of 4
SMD SPECIFICATION
Product Rank/
Luminous Intensity / Rank B C D E F G H J Blue 102 145 102 145 102 145 102 145 145 280 390 200 145~200 145 390 550 200 145 280 390 200 200~280 145 390 550 200 Green mcd Red
Wavelength / Rank B C D E Blue 465 470 465 470 470
nm Green 520~525 Red
475 620~630 470 525 530 475
Notes/
Rank error/
Iv
15%
d
1nm
Page 3 of 4
SMD SPECIFICATION
Typical electrical/optical characteristic curves/
FORWARD CURRENT Vs FORWARD VOLTAGE 5.0 Luminous Intensity Relative Value at IF=5mA 4.0 3.0 2.0 1.0 0 0 5 10 15 20 IF-Forward Current (mA) 25 LUMINOUS INTENSITY Vs. FORWARD CURRENT
25 Forward Current(mA) 20 15 10 5 0 2.0
2.4 2.8 3.2 3.6 Forward Voltage(V)
4.0
Relative Luminous Intensity
50 Forward Current(mA) 40 30 20 10 0 0
FORWARD CURRENT DERATING CURVE
LUMINOUS INTENSITY Vs. AMBIENT TEMPERATURE 2.5 2.0 1.5 1.0 0.5 0 -40 -20 40 60 80 0 20 Ambient Temperature TA ( ) ae 100
20
40
60
80
100
ae Ambient Temperature TA ( )
Relative Luminous Intensity
100 75 50 25 0 400 450 500 Wavelength 550 (nm) 600
1. 0 0. 9 0. 8
SPATI AL DI STRI BUTI O N
0. 7 0. 5 0. 3 0. 1 0 0. 2 0. 4 0. 6
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of PLCC6RGBCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X