Part Number Hot Search : 
BR1060CT SMN7105 1N4936GP LC87F BDX53BG AP430 AAT250 AP430
Product Description
Full Text Search
 

To Download PD8305-2M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TWO - WAY OCTAVE-BAND ISOLATED POWER DIVIDERS / COMBINERS
TYPICAL SPECIFICATIONS
PART # FREQ RANGE GHz LOSS (MAX.) dB VSWR (MAX.) ISOLATION
PD8304-2M
1.4" X 2.5" X 0.4"
0.80 - 2.0 1.0 - 2.5 1.5 - 3.75 2.0 - 5.2 3.0 - 7.0 4.8 - 10.0 10.0 -20.0
0.4 0.4 0.4 0.5 0.5 0.6 0.75
1.30:1 1.30:1 1.35:1 1.40:1 1.40:1 1.50:1 1.60:1
PD8305-2M
1.4" X 2.5" X 0.4"
PD8306-2M
1.4" X 2.0" X 0.4"
PD8307-2M
1.4" X 1.5" X 0.4"
PD8308-2M
1.4" X 1.5" x 0.4"
PD8309-2M
1.1" X 1.1" X 0.4"
PD10200-2M
1.1" X 1.1" X 0.4"
25 dB TYP. 20 dB MIN. 25 dB TYP. 20 dB MIN. 23 dB TYP. 20 dB MIN. 23 dB TYP. 20 dB MIN. 22 dB TYP. 18 dB MIN. 22 dB TYP. 18 dB MIN. 20 dB TYP. 17 dB MIN.
.. .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .
.. .. .. .. .. .. .. .. .. .. .. DESCRIPTION .. .. These power dividers provide .. .. broadband performance and .. excellent stability. Phase and .. .. amplitude balance is 3, .. .. .3 dB. Power handling is .. 2 Watts average, 1 kW peak .. .. for load VSWRs up to 1.5:1. .. .. Standard units use SMA ( F ) .. connectors. Narrower band .. .. units can be provided with .. improved performance. .. .. Operating temperature is .. .. from -55 to + 85 C. .. Higher power units available .. .. by request. .. .. .. APPLICATIONS .. .. Beam forming networks .. .. for antenna arrays .. .. Local oscillator .. distribution networks .. .. Combining circuits for .. .. multiple signal sources .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .


▲Up To Search▲   

 
Price & Availability of PD8305-2M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X