Part Number Hot Search : 
BUV27AF 55PC0223 1SS355 1N60P 1N5376B MCR03 RLZ10B NJU7119
Product Description
Full Text Search
 

To Download MURS320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULTRAFAST RECTIFIER
VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
FEATURES
* * * * * * * * * * * *
MURS320 MURS340 MURS360
High reliability Low leakage Low forward voltage High current capability Ultrafast switching speed High surge capability Good for switching mode circuit Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.24 gram
MECHANICAL DATA
Pr
lim e
in
ry a
0.125 (3.17 ) 0.115 (2.92 ) 0.280 ( 7.11 ) 0.260 ( 6.60 ) 0.103 ( 2.62 ) 0.079 ( 2.06 )
DO-214AB
0.245 ( 6.22 ) 0.220 ( 5.59 )
0.012 ( 0.305 ) 0.006 ( 0.152 )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.060 ( 1.52 ) 0.030 ( 0.76 )
0.008 ( 0.203 ) 0.004 ( 0.102 )
0.320 ( 8.13 ) 0.305 ( 7.75 )
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at T A=55 OC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO I FSM T J, T STG MURS320 200 140 200 MURS340 400 280 400 3.0 75 -55 to + 150 MURS360 600 420 600 UNITS Volts Volts Volts Amps Amps
0
C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @T J = 25 o C @T J = 150 o C SYMBOL VF IR trr MURS320 0.875 5 150 25 MURS340 1.25 10 250 50 MURS360 UNITS Volts uAmps nSec 2010-02 REV: O
Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A 2. "Fully ROHS complaint", "100% Sn plating (Pb-free)"
RATING AND CHARACTERISTICS CURVES ( MURS320 THRU MURS360 )
50 W NONINDUCTIVE 10 W NONINDUCTIVE +0.5A
trr
(+) 25 Vdc (approx) (-)
D.U.T
(-)
PULSE GENERATOR (NOTE 2)
0 -0.25A
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+)
NOTES: 1 Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
-1.0A
1cm
SET TIME BASE FOR 15/1 ns/cm
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
5
AVERAGE FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (uA)
1000
TA = 150 OC
4 3 2 1 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
100
TA = 75 OC
10
TA = 25 OC MURS320 MURS340,MURS360
1.0
0
25
50
75
100
125
O
150
175
0.1
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, ( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD CURRENT, (A)
PEAK FORWARD SURGE CURRENT, (A)
20 10 3.0 1.0 0.3 0.1 0.03 0.01 0
FIG.2 TYPICAL FORWARD CURRENT DERATING CURVE
200 100
TJ = 25 C
O
FIG.3 TYPICAL REVERSE CHARACTERISTICS
8.3ms Single Half Sine-Wave (JEDED Method)
MURS340,MURS360
50 30 20 10
MURS320
Pulse Width=300uS 1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
5
10
50
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
NUMBER OF CYCLES AT 60Hz
FIG.4 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
Mounting Pad Layout
0.185 MAX. (4.69 MAX.)
0.121MIN. ( 3.07 MIN.) 0.060 MAX. (1.52 MAX.)
0.320 REF
Dimensions in inches and (millimeters)
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of MURS320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X