Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download MT326024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Multimode Relay MT
I I I I I I I
2 / 3 pole 10 A, 2 CO or 3 CO contacts DC and AC coils Mechanical indicator as standard Electrical indicator New test system with front operated finger protected push-to-test button and integral locking test tab White write on panel RoHS compliant (Directive 2002/95/EC) as per product date code 0415
F0161-A
Applications Mechanical engineering, plant control Approvals
V REG.-Nr.of6182, Z on request E214025 Technical data approved types
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Limiting making capacity, max 20 ms Contact material 2 CO or 3 CO single cont. single cont. bifurcated micro disconnection 10 A 10 A 4A 240/400 VAC 2500 VA 2500 VA 500 VA 20 A 20 A 8A AgNi90/10 AgNi90/10 AgNi90/10 gold plated gold plated Minimum contact load 12V/10mA 20mV/1mA 20mV/1mA Mechanical endurance 20x106 cycles Rated frequency of operation with / without load 20/100 min-1 Contact Type MT321 MT321 MT321 MT3.. MT2.. MT2.. ratings Load 10 A, 250 VAC, CO contact, cos=1, 360/h, df 50%, 35C Ion 50 A, Ioff 5 A, 3x440 VAC, NO, cos=0.3, AC15, normal cond. Ion 30 A, Ioff 3 A, 3x440 VAC, NC, cos=0.3, AC15, normal cond. 2 A, 125 V, L/R 30 ms, 3 NO contacts in series, 1800/h, DF 10% 0.7 A, 125 V, L/R 20 ms, 2 NO contacts in series, 1800/h, DF 10% 1 A, 125 V, L/R 20 ms, 2 NO contacts in series, 1800/h, DF 10%
Cycles 2.2x105 6x103 6x103 1x105 2x105 4x104
Coil data
Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range 6...220 VDC 6...230 VAC 1.2 W 2.3 VA 1
Coil versions, DC-coil Coil code Rated Operate Release Coil Rated coil STD PD*) voltage voltage voltage resistance power VDC VDC VDC Ohm W 006 0A6 6 4.5 0.6 32+10% 1.1 012 0B2 12 9.0 1.2 110+10% 1.3 + 024 0C4 24 18.0 2.4 475+10% 1.2 048 0E8 48 36.0 4.8 2000+10% 1.2 060 0G0 60 45.0 6.0 2850+10% 1.3 110 1B0 110 82.5 11.5 10000+12% 1.2 220 2C0 220 165.0 22.0 40000+15% 1.2 All figures are given for coil without preenergization, at ambient temperature +23C *) Protection diode PD; standard polarity: 2-pole relays: +2 / -7, 3-pole relays: +2 / -10
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Multimode Relay MT (Continued)
Coil versions, AC-coil 50/60 Hz Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power 50/60Hz 50/60Hz 50/60Hz VAC VAC VAC Ohm VA 006 6 4.8 2.4 5.3+10% 2.29/1.98 012 12 9.6 4.8 24+10% 2.19/1.86 + 024 24 19.2 9.6 86+10% 2.26/1.95 048 48 38.4 19.2 345+10% 2.28/1.97 060 60 48.0 24.0 544+10% 2.27/1.96 115 115 92.0 46.0 2000+10% 2.37/2.00 + 230 230 184.0 92.0 8300+12% 2.32/1.96 All figures are given for coil without preenergization, at ambient temperature +23C
Insulation
Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 2500 Vrms 1500 Vrms 2500 Vrms W 2.8/4.0 mm W 2.8/4.0 mm W IIIa basic functional basic 250 V 2 240/400 V III Terminal assignment
Bottom view on pins
S0168-B
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0415 Ambient temperature range DC coil -40...+60C AC coil -45...+50C Operate- / release time 12/5 ms Bounce time NO / NC contact 4 ms Vibration resistance (function) NO / NC contact 5/2 g Shock resistance (function) NO / NC contact 50/10 g Category of protection RTI - dust protected Relay weight 80 g Packaging unit 25 pcs Dimensions
S0296-A
Accessories
For details see datasheet Accessories Multimode Relay MT
Product key
MT
Type Contact configuration 2 2 CO contacts, 8-pin 3 3 CO contacts, 11-pin Contact material 2 AgNi 90/10 B AgNi 90/10 bifurcated contacts, gold plated 3 AgNi 90/10, gold plated Version 1 DC with test button 6 AC with test button 3 DC with test button 8 AC with test button and bipolar LED and LED Coil Coil code: please refer to coil versions table, preferred types in bold print Other types on request
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Multimode Relay MT (Continued)
Product key MT221012 MT221024 MT221048 MT221060 MT221110 MT221220 MT223024 MT226012 MT226024 MT226048 MT226115 MT226230 MT228024 MT228115 MT228230 MT321012 MT321024 MT321048 MT321060 MT321110 MT321220 MT323024 MT3230C4 MT326012 MT326024 MT326048 MT326115 MT326230 MT328024 MT328115 MT328230 MT331024 MT331110 MT331220 MT333024 MT3330C4 MT333110 MT333220 MT336115 MT336230 MT338024 MT338115 MT338230
Contact configuration 2 CO contacts 8-pin
Contact material AgNi 90/10
Version DC with test button
DC+LED+test button AC test button
AC+LED test button 3 CO contacts 11-pin AgNi 90/10 DC with test button
DC+LED+test button DC+LED+PT+TB AC test button
AC+LED test button AgNi 90/10 gold plated DC with test button DC+LED+test button DC+LED+PD+TB DC+LED test button AC test button AC+LED test button
Coil 12 VDC 24 VDC 48 VDC 60 VDC 110 VDC 220 VDC 24 VDC 12 VAC 24 VAC 48 VAC 115 VAC 230 VAC 24 VAC 115 VAC 230 VAC 12 VDC 24 VDC 48 VDC 60 VDC 110 VDC 220 VDC 24 VDC 24 VDC 12 VAC 24 VAC 48 VAC 115 VAC 230 VAC 24 VAC 115 VAC 230 VAC 24 VDC 110 VDC 220 VDC 24 VDC 24 VDC 110 VDC 220 VDC 115 VAC 230 VAC 24 VAC 115 VAC 230 VAC
Part number 4-1393090-9 5-1393090-0 5-1393090-1 5-1393090-2 5-1393090-3 5-1393090-4 5-1393090-7 6-1393090-3 6-1393090-4 6-1393090-5 6-1393090-7 6-1393090-8 6-1393090-9 7-1393090-0 7-1393090-1 6-1393091-8 7-1393091-0 7-1393091-1 7-1393091-2 7-1393091-4 7-1393091-7 8-1393091-4 7-1393091-9 9-1393091-6 9-1393091-7 9-1393091-8 0-1393092-1 0-1393092-2 0-1393092-4 0-1393092-7 0-1393092-8 1-1393092-1 1-1393092-3 1-1393092-5 1-1393092-8 1-1393092-6 2-1393092-0 2-1393092-2 2-1393092-5 2-1393092-6 2-1393092-7 8-1415025-1 2-1393092-8
3
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of MT326024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X