Part Number Hot Search : 
KA75420Z SB360S 52000 EDB2820 SMBG5932 PT116 2SC5245A M5R15TLJ
Product Description
Full Text Search
 

To Download MKP1841-315635-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 1841
Vishay Roederstein
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Dimensions in millimeters
L Max. W Max. Marking
FEATURES
Product is completely lead (Pb)-free Product is RoHS-compliant
H Max. 0.6
CAPACITANCE RANGE
470pF to 6.8F
e3
RoHS
COMPLIANT
CAPACITANCE TOLERANCES
6.0 - 1 0.4 pcm 0.4 od
20% (M), 10% (K), 5% (J)
RATED VOLTAGES (UR):
Od 0.6 0.8 1.0
PCM 7.5 10 - 37.5 10 - 37.5
W < 16.0 16.0
160 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC, 1600 VDC, 2000 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz
100 VAC, 160 VAC, 220 VAC, 250 VAC, 400 VAC, 600 VAC, 650 VAC, 700 VAC
MAIN APPLICATIONS
High voltage, high current and high pulse operations, deflection circuits in TV sets (S-correction and fly-back tuning). Protection circuits in SMPS's. Snubber and electronic ballast circuits. Input and output filtering in SPS designs, storage, timing and integrating circuits.
TEST VOLTAGE (ELECTRODE/ELECTRODE)
1.6 x UR for 2 s
INSULATION RESISTANCE
Measured at 100 VDC after one minute For C 0.33F: 100,000 M minimum value (150,000 M typical value)
MARKING
Manufacturer's logo/type/C-value/rated voltage/tolerance/ date of manufacture
TIME CONSTANT
Measured at 100 VDC after one minute For C > 0.33F: 30,000 s minimum value (50,000 s typical value)
DIELECTRIC
Polypropylene film
ELECTRODES
Vacuum deposited aluminum
TEMPERATURE COEFFICIENT
- 250 x 10-6/C (typical value)
COATING
Flame retardant plastic case (UL-class 94 V-0), blue, epoxy resin sealed. Flame class B according to IEC 60065 available on request
CAPACITANCE DRIFT
Up to + 40C, 0.5% for a period of two years
DERATING FOR DC AND AC.CATEGORY VOLTAGE UC
At + 85C: UC = 1.0 UR At + 100C: UC = 0.7 UR
CONSTRUCTION
Extended double-sided metallized polyester film, internal series connection (630 VDC/400 VAC to 2000 VDC), double-sided metallized polyester carrier film (refer to general information)
SELF INDUCTANCE
~ 6 nH measured with 2mm long leads
PULL TEST ON LEADS RELIABILITY
LEADS
Tinned wire
30 N in direction of leads according to IEC 60068-2-21 Operational life > 300,000 h Failure rate < 2 FIT (40C and 0.5 x UR) For further details, please refer to the general information available at www.vishay.com/doc?26033.
IEC TEST CLASSIFICATION
55/100/56, according to IEC 60068
OPERATING TEMPERATURE RANGE
- 55C to + 100C
MAXIMUM PULSE RISE TIME
PCM Maximum Pulse Rise Time dv/dt [V/s] 160 VDC 250 VDC 400 VDC 630 VDC 1000 VDC (mm) 7.5 1800 2200 3600 4500 -- 10 820 1140 1840 2280 -- 15 410 560 910 3430 6600 22.5 260 320 520 2120 2800 27.5 202 240 400 1524 2000 37.5 140 170 280 980 1280 If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted. Document Number: 26019 Revision: 23-Jun-05 For technical questions contact; dc-film@vishay.com 1600 VDC -- -- 11,100 3800 2680 1690 2000 VDC -- -- 20,300 6200 4200 2600
www.vishay.com 1
MKP 1841
Vishay Roederstein
DISSIPATION FACTOR TAN
MEASURED AT 1kHz 10kHz 100kHz C 0.1F 0.3 x 10-3 0.4 x 10-3 1.5 x 10-3 0.1F < C 1.0F 0.3 x 10-3 0.5 x 10-3 -- Maximum values C > 1.0F 0.3 x 10-3 -- --
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
CAPACITANCE
CAPACITANCE CODE W
VOLTAGE CODE 16 160 VDC/100 VAC H -- -- -- -- -- -- -- -- 9.0 10.5 9.0 9.5 10.5 11.5 10.5 12.5 13.5 17.5 16.5 17.0 21.0 23.5 24.5 33.0 32.5 40.0 L -- -- -- -- -- -- -- -- 10.0 10.3 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 41.5 42.5 PCM -- -- -- -- -- -- -- -- 7.5 7.5 10 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 -- -- -- -- 4.0 4.5 4.5 4.5 5.5 6.5 5.5 6.5 7.5 8.5 8.5 W -- --
VOLTAGE CODE 25 250 VDC/160 VAC H -- -- -- -- -- -- -- 9.0 9.5 9.5 9.5 10.5 11.5 10.5 12.5 13.5 17.5 16.5 18.5 21.0 20.5 24.5 29.5 35.0 40.0 -- L -- -- -- -- -- -- -- 10.0 10.0 10.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 31.5 42.5 -- PCM -- -- -- -- -- -- -- 7.5 7.5 7.5 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 27.5 37.5 -- W -- -- -- -- -- -- 4.5 5.0 4.5 5.5 6.5 5.5 6.5 7.5 8.5 8.5
VOLTAGE CODE 40 400 VDC/220 VAC H -- -- -- -- -- -- 9.5 10.5 9.5 10.5 11.5 10.5 12.5 13.5 14.5 16.5 18.5 21.0 23.5 24.5 24.5 32.5 40.0 -- -- -- L -- -- -- -- -- -- 10.0 10.3 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 41.5 41.5 42.5 -- -- -- PCM -- -- -- -- -- -- 7.5 7.5 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 37.5 37.5 37.5 -- -- -- W 4.5 3.0 3.0 3.0 3.0 4.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
VOLTAGE CODE 63 630 VDC/250 VAC H 9.5 8.5 8.5 8.5 8.5 9.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- L 10.0 10.0 10.0 10.0 10.0 10.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- PCM 7.5 7.5 7.5 7.5 7.5 7.5 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
470pF 680pF 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.01F 0.015F 0.022F 0.033F 0.047F 0.068F 0.10F 0.15F 0.22F 0.33F 0.47F 0.68F 1.0F 1.5F 2.2F 3.3F 4.7F 6.8F
- 147 - 168 - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 - 522 - 533 - 547 - 568
-- -- -- -- -- -- -- -- 4.0 5.0 4.0 4.5 5.5 6.5 5.5 6.5 7.5 8.5 8.5 9.0 11.0 13.5 15.0 18.0 18.0 20.0
10.5 11.0 13.5 15.0 14.5 18.0 20.0 -- -- --
10.5 11.0 11.5 15.0 16.5 20.0 20.0 --
Further C-values upon request
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLES MKP 1841-310-405-D MKP 1841-310-405-G MKP 1841-310-405-F MKP 1841-310-405-W MKP 1841-522-165-V MKP 1841-522-165-G MKP 1841-547-255 PCM 7.5 - 10 X X X X -- -- X PCM 15 X X X X X -- X PCM 22.5 - 27.5 -- -- -- -- X X X PCM 37.5 -- -- -- -- -- -- X
*S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 510 x 360mm (W x H x L) www.vishay.com 2 For technical questions contact; dc-film@vishay.com Document Number: 26019 Revision: 23-Jun-05
MKP 1841
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
CAPACITANCE CAPACITANCE CODE W 470pF 680pF 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.010F 0.015F 0.022F 0.033F 0.047F 0.068F 0.10F 0.15F 0.22F 0.33F 0.47F 0.68F - 147 - 168 - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 -- -- -- -- -- -- 5.5 5.5 5.5 6.5 7.5 7.5 8.5 10.5 11.5 13.5 12.5 14.5 16.0 20.0 VOLTAGE CODE 63 630 VDC/400 VAC H -- -- -- -- -- -- 10.5 10.5 10.5 12.5 13.5 15.5 16.5 18.5 20.5 23.5 22.5 24.5 28.5 40.0 L -- -- -- -- -- -- 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 41.5 41.5 41.5 42.5 PCM -- -- -- -- -- -- 15 15 15 15 15 22.5 22.5 22.5 27.5 27.5 37.5 37.5 37.5 37.5 -- 5.5 5.5 5.5 7.5 6.5 6.5 7.5 10.5 9.0 11.5 13.5 12.5 14.5 16.0 20.0 -- W -- -- VOLTAGE CODE 10 1000 VDC/600VAC H -- -- -- -- 10.5 10.5 10.5 13.5 14.5 14.5 15.5 18.5 18.5 20.5 23.5 22.5 24.5 28.5 40.0 -- L -- -- -- -- 18.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 31.5 31.5 31.5 41.5 41.5 41.5 42.5 -- PCM -- -- -- -- 15 15 15 15 22.5 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 37.5 37.5 -- W -- -- 5.5 5.5 5.5 6.5 6.5 6.5 6.5 7.5 8.5 9.0 11.5 12.5 14.5 16.0 18.0 -- -- -- VOLTAGE CODE 13 1600 VDC/650 VAC H -- -- 10.5 10.5 10.5 14.5 14.5 14.5 14.5 15.5 16.5 18.5 20.5 22.5 24.5 28.5 32.5 -- -- -- L -- -- 18.0 18.0 18.0 26.5 26.5 26.5 26.5 26.5 26.5 31.5 31.5 41.5 41.5 41.5 41.5 -- -- -- PCM -- -- 15 15 15 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 37.5 37.5 37.5 37.5 -- -- -- W 5.5 5.5 6.5 6.5 6.5 6.5 6.5 7.5 10.5 9.0 11.5 13.5 12.5 14.5 16.0 -- -- -- -- --
Vishay Roederstein
VOLTAGE CODE 20 2000 VDC/700 VAC H 10.5 10.5 14.5 14.5 14.5 14.5 14.5 15.5 18.5 18.5 20.5 23.5 22.5 24.5 28.5 -- -- -- -- -- L 18.0 18.0 26.5 26.5 26.5 26.5 26.5 26.5 26.5 31.5 31.5 31.5 41.5 41.5 41.5 -- -- -- -- -- PCM 15 15 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 37.5 -- -- -- -- --
Further C-values upon request
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLES MKP 1841-315/635-D MKP 1841-315/635-G MKP 1841-315/635-F MKP 1841-315/635-W MKP 1841-410/105-V MKP 1841-410/105-G MKP 1841-447/105 PCM 15 X X X X X -- X PCM 22.5 - 27.5 -- -- -- -- X X X PCM 37.5 -- -- -- -- -- -- X
*S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 510 x 360mm (W x H x L) Document Number: 26019 Revision: 23-Jun-05 For technical questions contact; dc-film@vishay.com www.vishay.com 3
MKP 1841
Vishay Roederstein Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
VRMS
Capacitance in F
0.0 1 0.0
VRMS
3 2 100 7 5 3 2 10 7 5 3 2 1 10
3
3 2 100 7 5 3 2 10 7 5 3 2 1
4. 7 3. 3
68
00
0.0 22 0.0 47 0.1
15 22 0.1 0 .0 0.0
6.8
4.7
2.2
1
0.4
7
0.2
2
47
2.
2
1
0.4
7
0.2
2
160 VDC 2 3 5 7 10
4
250 VDC 10 3 2 3
Capacitance in pF and F 5 7 10 4 2 3 5 7 10 5 2 3 5 7 10 6 f [Hz]
2
3
5 7 10
5
2
3
Permissible AC Voltage versus Frequency
5 7 10 f [Hz]
6
Permissible AC Voltage versus Frequency VRMS 1000 7 5 3 2
0.0 47 0.1
0.0
VRMS
3 2 100 7 5 3 2 10 7 5 3 2 1 10 3 2 3 5 7 10 4 2 3
47 00 0.0 1 0.0
2. 2
Capacitance in pF and F
22
47
47 0.0 33 0 .02 2
0 10 00
22 00
1
0.4
7
0.2
2
100 7 5 3 2
0.0
1
47
00
400 VDC
Capacitance in pF and F 10 5 7 10 5 2 3 5 7 10 6 f [Hz] 10 3
630 VDC/250 VAC 2 3 5 7 10 4 2 3 5 7 10 5 2 3 5 7 10 6 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
VRMS
VRMS
3 2 1000 7 5 3 2 100 7 5 3 2 10 10 3 2 3 5 7 10 4 2 3
Capacitance in pF and F
3 2 1000 7 5 3 2 100 7 5 3 2 10
0.4 7
Capacitance in pF and F
33
47
00 47 00 0.0 1 0.0 22 0.1 0
00 0.0 1 0.0 22 0.0
8
0.3
3
0.2
2
0.6
0.4
47
.04
7
7 0.2
630 VDC/400 VAC 5 7 10 5 2
2
0.1
1000 VDC 10 3 2 3 5 7 10 4 2 3 5 7 10 5 2 3 5 7 10 6 f [Hz]
3
Permissible AC Voltage versus Frequency VRMS
5 7 10 6 f [Hz]
Permissible AC Voltage versus Frequency
VRMS
1000 7 5 3 2 100 7 5 3 2 1600 VDC 10 10 3 2 3 5 7 10 4 2 3
0.2 2 0.1
10
00 22 00 47 0.0 22 00 0.0 1
3 2 1000 7 5 3 2 100 7 5 3 2 10
Capacitance in pF and F
47 0 10 00 22
0.1 0. 04 7
0.0
47
00
0.0
00 22 0. 01
47
Capacitance in pF and F 5 7 10 5 2 3 5 7 10 6 f [Hz]
2000 VDC 10 3 2 3 5 7 10 4 2 3 5 7 10 5 2 3 5 7 10 6 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
www.vishay.com 4
For technical questions contact; dc-film@vishay.com
Document Number: 26019 Revision: 23-Jun-05
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MKP1841-315635-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X