Part Number Hot Search : 
8656N15 VLWR9932 CL432BLP LTM461 3296X MIC2124 LR3303 TS7010R
Product Description
Full Text Search
 

To Download MJW16010A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification MJW16010A
isc Silicon NPN Power Transistor
DESCRIPTION *Low Collector Saturation Voltage *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 500V(Min) *Wide Area of Safe Operation APPLICATIONS *Designed for high-voltage, high-speed,power switching in inductive circuits where fall time is critical. They are particularly suited for line-operated switchmode applications. Typical applications: *Switching regulators *Inverters *Solenoids *Relay drivers *Motor controls *Deflection circuits ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCEV VCEO VEBO IC ICM IB
B
PARAMETER Collector-EmitterVoltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current Base Current-Peak Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
VALUE 1000 500 6 15 20 10 15 135 150 -55~150
UNIT V V V A A A A W
IBM PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 0.92 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification MJW16010A
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat)-1 VCE(sat)-2 VBE(sat) ICEV ICER IEBO hFE COB PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain Output Capacitance CONDITIONS IC= 100mA ;IB=0 IC= 5A; IB= 1A
B
MIN 500
TYP.
MAX
UNIT V
0.7 1.0 1.5 1.5 0.15 1.0 1.0 0.15 5 8 400
V V V mA mA mA
IC= 10A; IB= 2A IC= 10A; IB= 2A; TC=100 IC= 10A; IB= 2A IC= 10A; IB= 2A; TC=100 VCEV=1000V;VBE(off)=1.5V VCEV=1000V;VBE(off)=1.5V;TC=100 VCE= 1000V;RBE= 50;TC=100 VEB= 6V; IC=0 IC= 15A ; VCE= 5V IE= 0;VCB= 10V, ftest= 1.0kHz
pF
Switching times;Resistive load(PW= 30s; Duty Cycle2%) td tr tstg tf Delay Time Rise Time Storage Time Fall Time 0.1 0.6 3.0 0.4 s s s s
IC= 10A; IB1= 1.3A; IB2= 2.6A; RB2= 1.6; VCC= 250V
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of MJW16010A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X