Part Number Hot Search : 
T7001830 BD6581GU EA1060D VS125B 2SD1517 SCBH2 TLP117 4LS37
Product Description
Full Text Search
 

To Download MCH2812D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
FEATURES
* * * * * * * * * * * -55C to +125C operation 12 to 50 VDC input Fully isolated Magnetic feedback Fixed frequency 370 kHz typ. Topology - Current Mode Flyback 80 V for up to 120 ms transient protection (70 V for 15 V single and dual models) Inhibit function Indefinite short circuit protection Undervoltage lockout Up to 79% efficiency (MGH models)
MODELS
VDC OUTPUT SINGLES 5 5.2 (MCH) 12 15 DUALS 5 12 15
MCH SERIESTM SINGLE & DUAL DC/DC CONVERTERS
With a miniature footprint of just 0.8 square inches, the MCH SeriesTM of DC/DC converters delivers 1.5 watts of output power while saving significant board real estate. The wide input voltage range of 12 to 50 VDC accepts the varying voltages of military, aerospace, or space bus power and tightly regulates output voltages to protect downstream components. Transient protection of 80 volts for up to 120 milliseconds exceeds the requirements of MIL-STD-704A for the 5, 5.2, and 12 volt single models and the 12 volt dual model. The 15 volt single and dual converters will withstand transients of up to 70 volts for up to 120 milliseconds.
INHIBIT FUNCTION
When an open collector TTL logic low is applied to the inhibit terminal, pin 7, the converter shuts down and lowers the output voltage to near zero and input current to as low as 2.3 mA. Leaving the terminal open or applying an open collector TTL logic high will enable the converter.
PROTECTION FEATURES
Undervoltage lockout prevents the MCH Series converters from operating below approximately 8 VDC input voltage to keep system current levels smooth, especially during initialization or re-start operations. All models include a soft-start function to prevent large current draw and minimize overshoot. The converters also provide short circuit protection by restricting the current.
CONVERTER DESIGN
MCH Series DC/DC converters incorporate a continuous flyback topology with a constant switching frequency of approximately 370 kHz. Current-mode pulse width modulation (PWM) provides output voltage regulation. Output error voltage is magnetically fed back to the input side of the PWM to regulate output voltage. Regulation is also affected by the load; refer to the Electrical Characteristics tables on the following pages. Dual models regulate the negative output with magnetic coupling to the positive output. Up to 80% of the total load may be on one output providing that the other output carries a minimum of 20% of the total load. The dual models can be used at double the output voltage by connecting the load between positive and negative outputs, leaving the common unconnected. (ex: MCH2805D can be used as a 10 VDC output.)
MIL-STD-461
Use Interpoint's FMSA-461 EMI filter to pass the CE03 requirements of MIL-STD-461C.
CONVENIENT PACKAGING
The MCH Series converters are packaged in hermetically sealed, projection-welded metal cases which provide EMI/RFI shielding.
Crane Aerospace & Electronics Electronics Group (Interpoint Brand) PO Box 97005 * Redmond WA 98073-9705 425.882.3100 * electronics@craneae.com www.craneae.com
Page 1 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
MGH SERIESTM SINGLE & DUAL DC/DC CONVERTERS
The MGH SeriesTM of DC/DC converters delivers 1.5 watts of output power in a labor saving surface mount package. The wide input voltage range of 12 to 50 VDC accepts the varying voltages of military, aerospace, or space applications. Single output converters feature outputs of 5, 12, or 15 volts while dual output models feature outputs of 5, 12, or 15 volts. Transient protection of 80 volts for up to 120 milliseconds exceeds the requirements of MIL-STD-704A for the 5 and 12 volt single and dual models. The 15 volt single and dual converters will withstand transients of up to 70 volts for up to 120 milliseconds.
PROTECTION FEATURES
Undervoltage lockout prevents the MGH Series converters from operating below approximately 8 VDC input voltage to keep system current levels smooth, especially during initialization or re-start operations. All models include a soft-start function to prevent large current draw and minimize overshoot. The MGH Series of converters also provide short circuit protection by limiting the current to approximately 125% of full load.
MIL-STD-461
Use Interpoint's FMGA-461 EMI filter to pass the CE03 requirements of MIL-STD-461C.
CONVERTER DESIGN
MGH Series DC/DC converters incorporate a continuous flyback topology with a constant switching frequency of approximately 370 kHz. Output voltage regulation is accomplished on the primary side using current-mode pulse width modulation (PWM). Regulation is affected by the output load; refer to the specifications tables for more information. For dual output models, up to 80% of the total load may be on one output providing the other output carries a minimum of 20% of the total load. The dual models can be used at double the output voltage by connecting the load between positive and negative outputs, leaving the common unconnected. As an example the MGH2805D (5 volt dual output) can be used as a 10 VDC output.
SURFACE MOUNT PACKAGE
MGH DC/DC converters can be surface mounted with pick-andplace equipment or manually. It is recommended that the case be attached with flexible epoxy adhesive or silicone which is thermally conductive (>1 watt /meter/K). Internal components are soldered with SN96 (melting temperature 221C) to prevent damage during reflow. Maximum reflow temperature for surface mounting the MGH converter is 220C for a maximum of 30 seconds. SN60, 62, or 63 are the recommended types of solder. Hand soldering should not exceed 300C for 10 seconds per pin. The hermetically sealed metal cases are available in two different lead configurations. See case B for dimensions and options.
INHIBIT FUNCTION
When an open collector TTL logic low is applied to the inhibit terminal, pin 18, the converter shuts down and lowers the output voltage to near zero and input current to as low 2.3 mA. Leaving the terminal open or applying an open collector TTL logic high will enable the converter.
Positive Input
+ +Vin Inhibit Shutdown PWM Controller FB + +Vout + Input Common Case Ground Output Common Negative Output Positive Output
Dual models only
FIGURE 1: MGH BLOCK DIAGRAM
www.craneae.com
Page 2 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range * 12 to 50 VDC continuous * 80 V for 120 msec transient (70 V for 15 V single and dual models) Output Power * 1.5 W Capacitive Load * 200 F single output models * 100 F each output, dual output models Lead Soldering Temperature * Reflow 220C 30 sec. max SN60, 62 or 63 recommended solder * Hand solder 300C 10 sec. max per lead Storage Temperature Range (Case) * -65C to +150C Case Operating Temperature (Tc) * -55C to +125C full power * -55C to +135C absolute Derating Output Power/Current (Tc) * Linearly from 100% at 125C to 0% at 135C Output Voltage Temperature Coefficient * 100 ppm/C typical Input to Output Capacitance * 100 to 170 pF typical Current Limit * 125% of full load typical Isolation * 100 megohm minimum at 500 V Audio Rejection * 40 dB typical Conversion Frequency (kHz) * 25C 300 min, 370 typ, 450 max * -55C to +125C 270 min, 370 typ, 470 max Inhibit Pin Voltage (unit enabled) * 7 to 12 V Undervoltage Lockout * 8 V input typical
INHIBIT
Inhibit - TTL Open Collector * Logic low (output disabled) Logic low voltage 0.8 V Inhibit pin current 1 mA max * Referenced to input common * Logic high (output enabled) open collector
MECHANICAL AND ENVIRONMENTAL
Size (maximum) MCH models 0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm) See case A2 for dimensions. MGH models 1.010 x 0.880 x 0.250 inches (25.65 x 22.35 x 6.35 mm) Shown on page one with "gull wing" lead option, also available with straight leads. See case B for dimensions and options.
Weight (maximum) 12 grams typical Screening Standard, ES, or 883 (Class H, QML). See "883, Class H, QML Products - Element Evaluation" and "883, Class H, QML Products - Environmental Screening" for more information.
POSITIVE 1 INPUT
+
0.47 F typical +VIN FB + 3 POSITIVE OUTPUT
INHIBIT
7
SHUTDOWN
PWM CONTROLLER +VOUT + 4 OUTPUT COMMON 6 NEGATIVE OUTPUT DUAL MODELS ONLY
INPUT COMMON
2
FIGURE 2: MCH BLOCK DIAGRAM
www.craneae.com
Page 3 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
PIN OUT MCH MODELS Pin 1 2 3 4 5 6 7 Single Output Positive Input Input Common Positive Output Output Common Case Ground No connection Inhibit Dual Output Positive Input Input Common Positive Output Output Common Case Ground Negative Output Inhibit
Squared corner and dot on top of cover indicate pin one.
12
3
4
7
6
5
See case A2 for dimensions.
FIGURE 3: MCH PIN OUT
PINS NOT IN USE
Inhibit (INH1, INH2) Pin 2, 12, 15, 16, 17 (pins with no connection) Leave unconnected Ground to input common
PIN OUT MGH MODELS Pin 1 2 3 4, 5 6, 7 8, 9 10, 11 12 13, 14 15, 16, 17 18 Single Output Positive Input No connection Input Common Positive Output Case Ground Output Common Case Ground No connection No connection No connection Inhibit Dual Output Positive Input No connection Input Common Positive Output Case Ground Output Common Case Ground No connection Negative Output No connection Inhibit
1 2 3 4 5 6 7 8 9
TOP VIEW MGH
18 17 16 15 14 13 12 11 10
Differently colored glass bead around pin one or dimple in header (bottom or side of case) indicates pin one. Cover marking is oriented with pin one at the upper right corner. See case B for dimensions and "gull-wing" option.
FIGURE 4: MGH PIN OUT
To meet specified performance, all pins must be connected except "No Connection" pins.
www.craneae.com
Page 4 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
MCH Model Selection Table (see next page for MGH options)
MODEL NUMBERING KEY
SMD NUMBERS
STANDARD MICROCIRCUIT DRAWING (SMD) 5962-9569601HXC 5962-9569701HXC 5962-9569801HXC 5962-9570201HXC 5962-9570301HXC 5962-9570401HXC MCH SERIES SIMILAR PART MCH2805S/883 MCH2812S/883 MCH2815S/883 MCH2805D/883 MCH2812D/883 MCH2815D/883
MCH Base Model Input Voltage
28 12 D / 883
Output Voltage (R = decimal point, 3R3 = 3.3 Vout) Number of Outputs (S = single, D = dual) Screening (Standard screening has no designator in this position.)
For exact specifications for an SMD product, refer to the SMD drawing. SMDs can be downloaded from: http://www.dscc.dla.mil/programs/smcr
Model Selection
MCH28 Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows Vout value Number of outputs Case option Screening for singles: 5, 5R2, 12, 15 duals: 5, 12, 15
"R" = decimal point, 3R3 = 3.3 VDC
S (single) or D (dual) standard (case A2, leave blank) standard screening, leave blank /ES (ES screening), /883 (Class H, QML)
www.craneae.com
Page 5 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
MGH Model Selection Table (see previous page for MCH options)
MODEL NUMBERING KEY
SMD NUMBERS
MGH Base Model Input Voltage Output Voltage Number of Outputs (S = single, D = dual)
28 12 S
Z / ES
STANDARD MICROCIRCUIT DRAWING (SMD) 5962-9569601HYC 5962-9569701HYC 5962-9569801HYC 5962-9570201HYC 5962-9570301HYC 5962-9570401HYC
MCH/MGH SERIES SIMILAR PART MGH2805S/883 MGH2812S/883 MGH2815S/883 MGH2805D/883 MGH2812D/883 MGH2815D/883
Gull Wing Lead Option (Straight leaded case has no designator in this position.) Screening (Standard screening has no designator in this position.)
For exact specifications for an SMD product, refer to the SMD drawing. For the gull wing lead option, replace the Y in the SMD number (HYC) with a Z (HZC). SMDs can be downloaded from http://www.dscccols.com/programs/smcr
Model Selection
MGH28 Base model
Vout value
number of outputs
screening
Choose one from each of the following rows Vout value Number of outputs Screening singles: 5, 12, 15
"R" = decimal point, 3R3 = 3.3 VDC
duals: 5, 12, 15
S (single) or D (dual) standard screening, leave blank /ES (ES screening), /883 (Class H, QML)
www.craneae.com
Page 6 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MCH SINGLE OUTPUT MODELS PARAMETER CONDITIONS OUTPUT VOLTAGE2 Tc = 25C Tc = -55C TO +125C OUTPUT CURRENT V = 12 to 50 VDC
IN
MCH2805S MCH2812S MCH2815S MIN TYP MAX MIN TYP MAX MIN TYP MAX 4.95 5 5.05 11.88 12 12.12 14.85 15 15.15 4.80 5 5.20 11.52 12 12.48 14.40 15 15.60 -- -- 300 -- -- 125 -- -- 100 0 -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- 72 69 -- -- -- -- -500 -500 -- -- -500 -500 -- -- -- -- -- -- -- 45 65 35 40 350 380 100 115 28 -- 5.5 6.0 2.3 2.4 100 130 77 75 1.3 1.4 3.0 3.5 185 185 125 125 170 180 0.75 0.75 7 10 0 0 1.5 150 300 120 120 800 800 200 300 50 80 11 11 3.5 3.5 200 250 -- -- 2.0 2.3 15 15 500 500 500 600 0 -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- 74 72 -- -- -- -- -700 -800 -- -- -- 1.5 0 -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- 74 72 -- -- -- -- -700 -800 -- -- -- 35 50 70 80 700 760 165 185 28 -- 6.0 6.5 2.3 2.4 100 150 79 77 2.3 2.5 4.0 4.0 350 380 140 180 1.5 150 250 350 350 1600 1600 350 450 50 70 12 12 3.5 3.5 200 250 -- -- 3.7 4.0 20 20 700 800 600 750 850 850 2.5 2.5 40 40 450 450
UNITS VDC mA W mV p-p mV
OUTPUT POWER OUTPUT RIPPLE VOLTAGE LINE REGULATION LOAD REGULATION
V
IN
= 12 TO 50 VDC
INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT
INPUT RIPPLE CURRENT3 EFFICIENCY LOAD FAULT
4,5
STEP LOAD RESPONSE6
STEP LINE RESPONSE6
START-UP
10 kHz - 2 MHz Tc = -55C TO +125C V = 12 TO 50 VDC IN Tc = -55C TO +125C 10% TO FULL LOAD Tc = -55C TO +125C 50% TO FULL1 Tc = -55C TO +125C CONTINUOUS TRANSIENT1 120 ms NO LOAD Tc = -55C TO +125C INHIBITED Tc = -55C TO +125C 10k Hz - 10 MHz Tc = -55C TO +125C Tc = 25C Tc = -55C TO +125C POWER DISSIPATION Tc = -55C TO +125C RECOVERY1 Tc = --55C TO +125C 50 %-100%- 50% LOAD TRANSIENT Tc = -55C TO +125C RECOVERY Tc =-55C TO +125C 12 TO 50 TO 12 V IN TRANSIENT1 Tc = -55C TO +125C RECOVERY1 Tc = -55C TO +125C DELAY Tc = -55C TO +125C OVERSHOOT1 Tc = -55C TO +125C
50 200 70 300 60 250 70 250 600 1400 640 1400 145 300 160 400 28 50 -- 80 6.0 12 6.5 12 2.3 3.5 2.4 3.5 100 200 150 250 79 -- 77 -- 2.0 3.2 2.2 3.5 3.5 20 3.5 20 350 380 130 130 700 800 500 600
mV
VDC V
mA
mA p-p % W ms
mV pk s
500 -1000 400 1000 -850 400 500 -1000 400 1000 -850 450 4.0 -- 0.6 3.0 -- 0.47 4.0 -- 0.6 3.0 -- 0.5 40 -- 7 40 -- 7 40 -- 10 40 -- 10 150 -- 0 350 -- 0 150 -- 0 350 -- 0
mV pk ms ms mV pk
CAPACITIVE LOAD
1
Notes: 1. Guaranteed by design, not tested. 2. Specified at 50% total P . out 3. Lin = 2 H. 4. Maximum duration of short circuit: 25C-- 90 seconds, 125C - 30 seconds. 5. Load fault is a short circuit (<50 mohms). Recovery is into resistive full load.
6. Transition 10 s. Recovery = time to settle to within 1% of Vout final value. 7. Max. spec indicates 80% of the converter's total power, available from either output.
www.craneae.com
Page 7 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MGH SINGLE OUTPUT MODELS PARAMETER 1 OUTPUT VOLTAGE OUTPUT CURRENT OUTPUT POWER OUTPUT RIPPLE VOLTAGE LINE REGULATION LOAD REGULATION CONDITIONS Tc = 25C Tc = -55C TO +125C V
IN
MGH2805S MIN 4.95 4.80 0 0 -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- -- -- 72 69 -- -- -- -- -400 -500 -- -- -400 -500 -- -- -- -- -- -- TYP 5 5 -- -- 45 65 35 40 350 380 100 115 28 -- 5.5 6.0 70 73 2.3 2.4 100 130 77 75 1.3 1.4 3.0 3.5 185 185 125 125 170 180 0.75 0.75 7 10 0 0 MAX 5.05 5.20 300 1.5 150 300 100 120 700 800 200 300 50 80 10 11 74 78 3.2 3.5 200 250 -- -- 2.0 2.3 12 15 400 500 500 600 400 500 3.0 4.0 20 40 100 150 MIN 11.88 11.52 0 0 -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- -- -- 74 72 -- -- -- -- -700 -800 -- -- -900 -1000 -- -- -- -- -- --
MGH2812S TYP 12 12 -- -- 50 70 60 70 600 640 145 160 28 -- 6.0 6.5 68 70 2.3 2.4 100 150 79 77 2.0 2.2 3.5 3.5 350 380 130 130 400 400 0.6 0.6 7 10 0 0 MAX 12.12 12.48 125 1.5 200 300 200 250 1300 1400 300 400 50 80 10 12 72 74 3.2 3.5 200 250 -- -- 3.2 3.5 15 20 700 800 500 600 900 1000 2.5 3.0 20 40 250 350 MIN 14.85 14.40 0 0 -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- -- -- 74 72 -- -- -- -- -700 -800 -- -- -750 -850 -- -- -- -- -- --
MGH2815S TYP 15 15 -- -- 35 50 70 80 700 760 165 185 28 -- 6.0 6.5 68 70 2.3 2.4 100 150 79 77 2.3 2.5 4.0 4.0 350 380 140 180 400 450 0.47 0.5 7 10 0 0 MAX 15.15 15.60 100 1.5 150 250 300 350 1500 1600 350 450 50 70 11 12 72 74 3.2 3.5 200 250 -- -- 3.7 4.0 18 20 700 800 600 750 750 850 2.0 2.5 20 40 300 450 mA p-p % W ms mV pk s mV pk ms ms mV pk mA UNITS VDC mA W mV p-p mV
= 12 to 50 VDC
VIN = 12 to 50 VDC 10 kHz - 2 MHz Tc = -55C TO +125C VIN = 12 to 50 VDC Tc = -55C TO +125C 10% TO FULL LOAD Tc = -55C TO +125C 50% TO FULL LOAD Tc = -55C TO +125C
mV
INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT
CONTINUOUS TRANSIENT 120 ms NO LOAD Tc = -55C TO +125C FULL LOAD Tc = -55C TO +125C INHIBITED Tc = -55C TO +125C
VDC V
INPUT RIPPLE 2 CURRENT EFFICIENCY LOAD FAULT
3, 4
10k Hz - 10 MHz Tc = -55C TO +125C Tc = 25C Tc = -55C TO +125C POWER DISSIPATION Tc = -55C TO +125C RECOVERY Tc = --55C TO +125C TRANSIENT Tc = -55C TO +125C RECOVERY Tc = -55C TO +125C TRANSIENT Tc = -55C TO +125C RECOVERY Tc = -55C TO +125C DELAY Tc = -55C TO +125C OVERSHOOT Tc = -55C TO +1 25C
STEP LOAD RESPONSE5 50 %-100%- 50% STEP LINE RESPONSE5 12 TO 50 TO 12 VIN START-UP 0 TO 28 VDC
Notes 1. Specified at 50% of full load. 2. Lin = 2 H 3. Max. duration of short circuit: 25C- 90 seconds; 125C - 30 seconds.
4. Load fault is a short circuit (<50 mohms). Recovery into resistive full load. 5. Input step transition 10 s.Recovery is time to settle to within 1% of Vout final value.
www.craneae.com
Page 8 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MCH DUAL OUTPUT MODELS PARAMETER CONDITIONS 2 Tc = 25C OUTPUT VOLTAGE Tc = -55C TO +125C OUTPUT CURRENT7 V = 12 TO 50 VDC
IN IN
MCH2805D MIN TYP MAX 4.95 5 5.05 4.80 5 5.20 0 150 240 0 -- -- -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- 73 70 -- -- -- -- -300 -400 -- -- -250 -300 -- -- -- -- -- -- -- 35 50 35 50 10 20 300 350 80 100 28 -- 5.0 6.0 2.3 2.4 100 130 77 75 1.4 1.6 3.7 3.8 130 140 100 100 125 130 0.6 0.6 8 10 0 0 1.5 150 250 150 250 50 100 600 700 200 300 50 80 10 12 3.2 3.5 200 250 -- -- 2.2 2.5 15 20 300 400 400 500 250 300 2.5 3.0 25 45 100 150
MCH2812D MCH2815D MIN TYP MAX MIN TYP MAX 11.88 12 12.12 14.85 15 15.15 11.52 12 12.48 14.40 15 15.60 0 62.5 100 0 50 80 0 -- -- -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- 73 70 -- -- -- -- -600 -700 -- -- -500 -600 -- -- -- -- -- -- -- 35 40 35 40 100 110 550 570 115 130 28 -- 7.5 8.0 2.3 2.4 115 150 77 75 2.5 2.7 3.2 3.2 250 260 165 165 240 250 0.9 0.9 8 10 0 0 1.5 150 250 150 250 300 400 1100 1200 250 350 50 80 13 14 3.2 3.5 200 250 -- -- 3.8 4.2 15 20 600 700 700 800 500 600 3.0 4.0 25 45 250 350 0 -- -- -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- 72 69 -- -- -- -- -600 -700 -- -- -500 -600 -- -- -- -- -- -- -- 30 35 30 35 165 180 600 630 125 135 28 -- 7.5 8.0 2.3 2.4 90 120 76 74 2.7 3.0 4.0 4.0 250 270 50 50 220 230 0.6 0.7 8 10 0 0 1.5 150 250 150 250 500 650 1300 1400 300 400 50 70 13 14 3.2 3.5 200 250 -- -- 4.1 4.5 15 20 600 700 200 300 500 600 3.0 4.0 25 45 750 900
UNITS VDC mA W
OUTPUT POWER OUTPUT RIPPLE VOLTAGE +V -V
V
= 12 TO 50 VDC
OUT
10 kHz - 2 MHz Tc = -55C TO +125C 10 kHz - 2 MHz Tc = -55C TO +125C V = 12 TO 50 VDC IN Tc = -55C TO +125C 10% TO FULL -55C TO +125C 50% TO FULL1 -55C TO +125C CONTINUOUS TRANSIENT1 120 ms NO LOAD Tc = -55C TO +125C INHIBITED Tc = -55C TO +125C 10 kHz - 10 MHz Tc = -55C TO +125C Tc = 25C Tc = -55C TO +125C
mV p-p
OUT 8 9
LINE REGULATION
mV
LOAD REGULATION VOUT
mV
INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT
VDC V
uF
INPUT RIPPLE CURRENT EFFICIENCY LOAD FAULT
3
mA p-p % W ms
POWER DISSIPATION Tc = -55C TO +125C 1 RECOVERY Tc = -55C TO +125C STEP LOAD 50 %-100%- 50% LOAD 6 TRANSIENT RESPONSE VOUT Tc = -55C TO +125C RECOVERY -55C TO +125C STEP LINE 12 TO 50 TO 12 VIN RESPONSE6 VOUT TRANSIENT1 Tc = -55C TO +125C 1 RECOVERY Tc = -55C TO +125C START-UP DELAY 0 TO 28 VDC, VOUT Tc = -55C TO +125C OVERSHOOT1 Tc = -55C TO +125C CAPACITIVE LOAD
4,5
mV pk s
mV pk ms ms mV pk uF
Notes: 1. Guaranteed by design, not tested. 2. Specified at 50% balanced load. 3. Lin = 2 H. 4. Maximum duration of short circuit: 25C-- 90 seconds, 125C - 30 seconds. 5. Load fault is a short circuit (<50 mohms). Recovery is into resistive full load, with one output shorted at a time.
6. Transition 10 s. Recovery = time to settle to within 1% of Vout final value. 7. Max. spec indicates 80% of the converter's total power, available from either output. 8. Specification applies to both + and - Vout. 9. Although no minimum load is required, at no load the output voltage may increase up to 15%.
www.craneae.com
Page 9 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Electrical Characteristics: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
MGH DUAL OUTPUT MODELS PARAMETER OUTPUT VOLTAGE1 OUTPUT CURRENT OUTPUT POWER OUTPUT RIPPLE VOLTAGE +VOUT -VOUT LINE REGULATION LOAD
3 REGULATION , 4 3 2
MGH2805D MIN 4.95 4.80 0 0 -- -- -- -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- -- -- 73 70 -- -- -- -- -300 -400 -- -- -250 -300 -- -- -- -- -- -- TYP 5 5 150 -- 35 50 35 50 10 20 300 350 80 100 -- 28 -- 5.0 6.0 69 72 2.3 2.4 100 130 77 75 1.4 1.6 3.7 3.8 130 140 100 100 125 130 0.6 0.6 8 10 0 0 MAX 5.05 5.20 240 1.5 150 250 150 250 50 100 600 700 200 300 400 50 80 10 12 73 77 3.2 3.5 200 250 -- -- 2.2 2.5 15 20 300 400 400 500 250 300 2.5 3.0 25 45 100 150 MIN 11.88 11.52 0 0 -- -- -- -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- -- -- 73 70 -- -- -- -- -600 -700 -- -- -500 -600 -- -- -- -- -- --
MGH2812D TYP 12 12 62.5 -- 35 40 35 40 100 110 550 570 115 130 -- 28 -- 7.5 8.0 70 71 2.3 2.4 115 150 77 75 2.5 2.7 3.2 3.2 250 260 165 165 240 250 0.9 0.9 8 10 0 0 MAX 12.12 12.48 100 1.5 150 250 150 250 300 400 1100 1200 250 350 500 50 80 13 14 73 77 3.2 3.5 200 250 -- -- 3.8 4.2 15 20 600 700 700 800 500 600 3.0 4.0 25 45 250 350
MGH2815D MIN 14.85 14.40 0 0 -- -- -- -- -- -- -- -- -- -- -- 12 0 -- -- -- -- -- -- -- -- 72 69 -- -- -- -- -600 -700 -- -- -500 -600 -- -- -- -- -- -- TYP 15 15 50 -- 30 35 30 35 165 180 600 630 125 135 -- 28 -- 7.5 8.0 71 72 2.3 2.4 90 120 76 74 2.7 3.0 4.0 4.0 250 270 50 50 220 230 0.6 0.7 8 10 0 0 MAX 15.15 15.60 80 1.5 150 250 150 250 500 650 1300 1400 300 400 500 50 70 13 14 74 78 3.2 3.5 200 250 -- -- 4.1 4.5 15 20 600 700 200 300 500 600 3.0 4.0 25 45 750 900 mA p-p % W ms mV pk s mV pk ms ms mV pk mA V mV p-p UNITS VDC mA W
CONDITIONS Tc = 25C Tc = -55C TO +125C VIN = 12 to 50 VDC V
IN
= 12 to 50 VDC
10 kHz - 2 MHz Tc = -55C TO +125C 10 kHz - 2 MHz Tc = -55C TO +125C VIN = 12 to 50 VDC Tc = -55C TO +125C 10% TO FULL LOAD -55C TO +125C 50% TO FULL LOAD -55C TO +125C
mV
CROSS REGULATION5 INPUT VOLTAGE NO LOAD TO FULL INPUT CURRENT -VOUT CONTINUOUS TRANSIENT 120 ms NO LOAD Tc = -55C TO +125C FULL LOAD Tc = -55C TO +125C INHIBITED Tc = -55C TO +125C INPUT RIPPLE CURRENT EFFICIENCY LOAD FAULT
7,8 6
mV VDC V
10 kHz - 10 MHz Tc = -55C TO +125C Tc = 25C Tc = -55C TO +125C POWER DISSIPATION Tc = -55C TO +125C RECOVERY Tc = -55C TO +125C
STEP LOAD RESPONSE 9 Vout 50 %-100%- 50% STEP LINE RESPONSE19 Vout 12 TO 50 TO 12 VIN START-UP 0 TO 28 VDC, Vout
TRANSIENT Tc = -55C TO +125C RECOVERY -55C TO +125C TRANSIENT Tc = -55C TO +125C RECOVERY Tc = -55C TO +125C DELAY Tc = -55C TO +125C OVERSHOOT Tc = -55C TO +125C
Notes: 1. Specified at 50% load. 2. Max. spec indicates 80% of the converter's total available power. This 80% is available from either output. 3. Specification applies to both + and -Vout. 4. Although no minimum load is required, at no load the output voltage may increase up to 15%. 5. Cross regulation is specified as the effect on -Vout for the following percent
ages of total output power: +Po = 20% and -Po = 80% to +Po=80% and -Po=20% 6. Lin = 2 H. 7. Max. duration of short circuit: 25C - 90 seconds; 125C - 30 seconds. 8. Load fault is a short circuit (<50 mohms). Recovery into resistive full load. 9. Input step transition 10 s.Recovery is time to settle to within 1% of Vout final value.
www.craneae.com
Page 10 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified. MCH SINGLE AND DUAL OUTPUT MODELS
90 80 12 VOLT 70 EFFICIENCY 28 VOLT EFFICIENCY 60 50 50 VOLT 70 EFFICIENCY 28 VOLT 60 50 50 VOLT 28 VOLT 60 50 50 VOLT 90 90
80
12 VOLT
80 12 VOLT 70
40
40
40
30 0.25 0.5 0 OUTPUT POWER 0.75 1 1.25 1.5 1.75 ALL 5 VOLT MODELS
30 0.25 0.5 0 OUTPUT POWER 1 1.25 1.5 1.75 0.75 12 & 15 VOLT SINGLE MODELS
30 0.25 0.5 0 OUTPUT POWER 1 1.25 1.5 1.75 0.75 12 & 15 VOLT DUAL MODELS
EFFICIENCY vs LOAD
EFFICIENCY vs LOAD
EFFICIENCY vs LOAD
FIGURE 5
0
20 V / div.
FIGURE 6
FIGURE 7
VIN
20 ATTENUATION (dB)
50 VDC 100 mV / div. 12 VDC
FULL LOAD TO HALF LOAD
40
60
100 mV / div.
VOUT
HALF LOAD TO FULL LOAD
80
100
1
10 60 FREQUENCY (kHz) MCH2815S - Representative of all models
200s / div.
MCH2805S
500s / div.
MCH2805S
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
AUDIO REJECTION
FIGURE 8
FIGURE 9
FIGURE 10
20V/div.
VIN
20 V / div.
VIN
50 VDC 200 mV / div. 12 VDC
+VOUT FULL LOAD TO HALF LOAD -VOUT HALF LOAD TO FULL LOAD
200 mV / div.
2V/div.
+VOUT -VOUT
200s / div. MCH2815D
VOUT
-VOUT FULL LOAD TO HALF LOAD +VOUT HALF LOAD TO FULL LOAD
500s / div. MCH2815D
6 0 2 4 8 10 12 14 16 18 TIME (ms) MCH2805S Representative of all 5 volt models
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
TURN-ON INTO FULL LOAD
FIGURE 11
www.craneae.com
FIGURE 12
Page 11 of 18 Rev E - 20060508
FIGURE 13
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified. MCH SINGLE AND DUAL OUTPUT MODELS (CONT.)
4 VOUT VOLTAGE CHANGE (%) 5 V 2 VOUT VOLTAGE CHANGE (%) 2 4 -5 V
20V/div.
VIN
12 V 15 V
-15 V -12 V
0
0
+15 V +12 V +5 V
0 V for -VOUT
5V/div.
-VOUT
+VOUT
-2
-2
0 V for +VOUT 0 5 10 15 20 25 30 35 40 45 TIME (ms) MCH2815D Also representative of MCH2812S & D and MCH2815S
-4 10 20 40 50 30 OUTPUT LOAD (%) DUAL ISOLATED 50% LOAD +V; 50% TO 10% LOAD -V AND 50% LOAD -V; 50% TO 10% LOAD +V
TURN-ON INTO FULL LOAD
-4 90/10 70/30 50/50 30/70 10/90 OUTPUT LOAD (%) DUAL ISOLATED 90% TO 10% LOAD ON +V 10% TO 90% LOAD ON -V
CROSS REGULATION
CROSS REGULATION
FIGURE 14
1.8
FIGURE 15
FIGURE 16
120
1.6 MAXIMUM POWER (W)
15 V SINGLE & DUAL 12 V SINGLE & DUAL 5V DUAL 5V SINGLE
90
TRIP POINT 125% NARROWBAND
EMISSION LEVEL (dB A)
100 80 Vout NOMINAL % 60 SAFE OPERATING AREA 40 20
70
CE
03
1.4
LI
M
50
IT
1.2
30
1.0
10
0.8 9 10 INPUT VOLTAGE 11 12 ALL MODELS
0 0 20 40 60 80 100 % OF FULL LOAD 120 140 160
.015
0.1
1 FREQUENCY (MHz)
10
50
LOW LINE DROPOUT
OUTPUT VOLTAGE vs. OUTPUT LOAD
MCH FILTERED WITH FMSA
FIGURE 17
FIGURE 18
FIGURE 19
www.craneae.com
Page 12 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified. MGH SINGLE AND DUAL OUTPUT MODELS
90 80 12 VOLT EFFICIENCY 70 EFFICIENCY 28 VOLT 60 50 40 30 0.25 0.5 0.75 1 1.25 1.5 1.75 0 ALL 5 VOLT MODELS OUTPUT POWER 50 VOLT 70 28 VOLT 60 50 VOLT 50 40 30 0.25 0.5 0.75 0 OUTPUT POWER EFFICIENCY 90 80 12 VOLT 70 60 50 40 30 0.25 0.5 0.75 1 1.25 1.5 1.75 0 12 & 15 V DUAL MODELS OUTPUT POWER 28 VOLT 50 VOLT 90 80 12 VOLT
1 1.25 1.5 1.75 12 & 15 V SINGLES
EFFICIENCY vs LINE & LOAD
EFFICIENCY vs LINE & LOAD
EFFICIENCY vs LINE & LOAD
FIGURE 20
FIGURE 21
FIGURE 22
0
20 V / div.
20 ATTENUATION (dB) 40 60 80
Vin
50 VDC FULL LOAD TO HALF LOAD 100 mV / div. 12 VDC
100 mV / div.
Vout
HALF LOAD TO FULL LOAD
100
10 1 60 FREQUENCY (kHz) MGH2815S - Representative of all models 200 s / div. MGH2805S 500 s / div. MGH2805S
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
AUDIO REJECTION
FIGURE 23
FIGURE 24
FIGURE 25
20V/div.
20 V / div.
Vin
Vin 50 VDC 12 VDC 200 mV / div.
+VOUT FULL LOAD TO HALF LOAD -VOUT HALF LOAD TO FULL LOAD
200 mV / div.
2V/div.
+Vout -Vout 200 s / div. MGH2815D
Vout
6 0 2 4 8 10 12 14 16 18 TIME (ms) MGH2805S Representative of all 5 volt models
-VOUT FULL LOAD TO HALF LOAD +VOUT HALF LOAD TO FULL LOAD 500 s / div. MGH2815D
TURN-ON INTO FULL LOAD
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
FIGURE 26
FIGURE 27
FIGURE 28
www.craneae.com
Page 13 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
Typical Performance Curves: 25C Tc, 28 VDC Vin, 100% load, unless otherwise specified. MGH SINGLE AND DUAL OUTPUT MODELS (CONT.)
4 -5 Vout VOLTAGE CHANGE (%) Vin Vout VOLTAGE CHANGE (%) 4 5 2 12 15
20V/div.
2
-15 -12
0
0 V for -Vout
5V/div.
-Vout
+Vout
+15 +12 +5
0
-2
-2
0 V for +Vout 0 5 10 15 20 25 30 35 40 45 TIME (ms) MGH2815D Also representative of MGH2812S & D and MGH2815S -4
90/10 70/30 50/50 30/70 10/90
TURN-ON INTO FULL LOAD
OUTPUT LOAD (%)
DUAL
90% TO 10% LOAD ON +V 10% TO 90% LOAD ON -V
-4 20 30 40 10 50 OUTPUT LOAD (%) DUAL 50% LOAD +V; 50% TO 10% LOAD -V AND 50% LOAD -V; 50% TO 10% LOAD +V
CROSS REGULATION
CROSS REGULATION
FIGURE 29
FIGURE 30
FIGURE 31
120 100 Vout NOMINAL % 80 60 SAFE OPERATING AREA 40 20 0 0 TRIP POINT 125%
20
40 60 80 100 120 140 160 % OF FULL LOAD
OUTPUT VOLTAGE vs. OUTPUT LOAD
FIGURE 32
www.craneae.com
Page 14 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converter Cases
28 VOLT INPUT - 1.5 WATT
BOTTOM VIEW CASE A2
Seam Seal
Projection Weld
0.805 max. (20.45) 0.697 (17.70)
Squared corner and dot on top of case indicate pin one.
12 3 4
0.018 0.002 dia. (0.46 0.05) 7 6 5
0.097 (2.46) 0.000 0.27 0.02 (6.9 0.5) 0.270 max (6.98) 0.000 0.000 0.270 max (6.86) 0.000 0.27 0.02 (6.9 0.5)
0.135 (3.43) 0.235 (5.97)
0.435?(11.05) 0.535 (13.59)
0.835 (21.21)
Seal hole: 0.056 0.002 (1.42 0.05)
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin Materials Header Kovar/Nickel/Gold Cover Kovar/Nickel Pins Kovar/Nickel/Gold matched glass seal
Case A2, Rev C, 20060110 Please refer to the numerical dimensions for accuracy. All information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. Copyright (c) 1999-2006 Interpoint Corp. All rights reserved.
FIGURE 33: CASE A2
www.craneae.com
Page 15 of 18 Rev E - 20060508
0.980 max. (24.89)
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converter Cases
28 VOLT INPUT - 1.5 WATT
TOP VIEW CASE B
Differently colored glass bead around pin one or dimple in header (bottom or side of case) indicates pin one. Cover marking is oriented with pin one at the upper right corner. 0.900 (22.86) 0.800 (20.32) 0.700 (17.78) 0.600 (15.24) 0.500 (12.70) 0.400 (10.16) 0.300 ( 7.62) 0.200 ( 5.08) 0.100 ( 2.54) 0.000 0.000 0.010 (0.25) 0.50 (12.7) 1.870 ref. (47.50) 0.08 (2.0) 0.250 max. (6.35) 1 2 3 4 5 6 7 8 9
0.880 max (22.35)
18 17 16 15 14 13 12 11 10
(This view shows straight leads.)
1.010 max (25.65)
0.015 (0.38)
Straight Leads Seam seal
1.140 ref. (28.96)
0.135 ref. (3.43) 1 0.010 (0.25)
Seal hole: 0.040 0.002 (1.02 0.05)
1 Gull wing leads are solder dipped. Lead dimensions are prior to solder dip. 0.010 (0.25) Bottom of case to bottom of lead
Gull Wing Leads Option
Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified
0.055 (1.40)
CAUTION Maximum reflow temperature is 220C for a maximum of 30 seconds. SN60, SN62, or SN63 are the recommended types of solder. See case B Solder Pads for Solder Mask instructions. Hand soldering should not exceed 300C for 10 seconds per pin. Materials Header Kovar/Nickel/Gold Cover Kovar/Nickel Pins Kovar/Nickel/Gold matched glass seal
Case B, Rev C, November 9, 2005 Please refer to the numerical dimensions for accuracy. All information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. Copyright (c) 1999-2006 Interpoint Corp. All rights reserved.
0.070 (1.78)
0.08 (2.0)
FIGURE 34: CASE B
www.craneae.com
Page 16 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
883, CLASS H, QML PRODUCTS - ELEMENT EVALUATION
ELEMENT EVALUATION TEST PERFORMED (COMPONENT LEVEL) Element Electrical (probe) Element Visual Internal Visual Final Electrical Wire Bond Evaluation
4
STANDARD 1 (NON-QML) 2 3 M/S P yes no no no no no no no no no no no
CLASS H, QML 2 3 M/S P yes yes yes yes yes no yes yes no yes yes yes
SLAMTM/C-SAM: Input Capacitors only (Add'l test, not req. by H or K)
Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SLAMTM: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy Notes: 1. Non-QML products do no meet all of the requirements of MIL-PRF-38534 2. M/S = Active components (Microcircuit and Semiconductor Die) 3. P = Passive components 4. Not applicable to EMI filters that have no wire bonds
www.craneae.com
Page 17 of 18 Rev E - 20060508
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC/DC Converters
28 VOLT INPUT - 1.5 WATT
883, CLASS H, QML PRODUCTS - ENVIRONMENTAL SCREENING
TEST 125C STANDARD non-QML 125C /ES non-QML Class H /883 QML
Pre-cap Inspection Method 2017, 2032 Temperature Cycle (10 times) Method 1010, Cond. C, -65C to 150C, ambient Method 1010, Cond. B, -55C to 125C, ambient Constant Acceleration Method 2001, 3000 g Method 2001, 500g Burn-In Method 1015, 160 hours at 125C case, typical 96 hours at 125C case, typical Final Electrical Test MIL-PRF-38534, Group A Subgroups 1 through 6: -55C, +25C, +125C case Subgroups 1 and 4: +25C case Hermeticity Test Fine Leak, Method 1014, Cond. A Gross Leak, Method 1014, Cond. C Gross Leak, Dip (1 x 10-3) Final Visual Inspection Method 2009
yes
yes
yes
no no
no yes
yes no
no no
no yes
yes no
no no
no yes
yes no
no yes
no yes
yes no
no no yes
yes yes no
yes yes no
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
MCH/MGH Single and Dual. Rev E - 20060508. This revision supercedes all previous releases. All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. MCH/MGH Series is a trademark of Interpoint. Copyright (c) 1994 - 2006 Interpoint Corporation. All rights reserved. www.craneae.com
Page 18 of 18


▲Up To Search▲   

 
Price & Availability of MCH2812D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X