Part Number Hot Search : 
MAX5481 LG12864 CM2059 SZ5A100 VLSL31 CA12081 SMBJ20A M68SD
Product Description
Full Text Search
 

To Download MC74HCT125A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74HCT125A Quad 3-State Noninverting Buffer with LSTTL Compatible Inputs
High-Performance Silicon-Gate CMOS
The MC74HCT125A is identical in pinout to the LS125. The device inputs are compatible with standard CMOS and LSTTL outputs. The MC74HCT125A noninverting buffer is designed to be used with 3-state memory address drivers, clock drivers, and other bus-oriented systems. The devices have four separate output enables that are active-low.
Features
14 1
http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 MC74HCT125AN N SUFFIX AWLYYWWG CASE 646 1
* * * * * * * *
Output Drive Capability: 15 LSTTL Loads Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 mA High Noise Immunity Characteristic of CMOS Devices In Compliance with the JEDEC Standard No. 7A Requirements Chip Complexity: 72 FETs or 18 Equivalent Gates These are Pb-Free Devices
PIN ASSIGNMENT LOGIC DIAGRAM Active-Low Output Enables
A1 OE1 A2 OE2 A3 2 1 5 4 9 10 12 13 PIN 14 = VCC PIN 7 = GND 11 Y4 8 Y3 6 Y2 3 Y1
14 14 1 SOIC-14 D SUFFIX CASE 751A 1 HCT125AG AWLYWW
14 14 1 TSSOP-14 DT SUFFIX CASE 948G 1 HCT 125A ALYWG G
OE1 A1 Y1 OE2 A2 Y2 GND
1 2 3 4 5 6 7
14 13 12 11 10 9 8
VCC OE4 A4 Y4 OE3 A3 Y3
14 SOEIAJ-14 F SUFFIX CASE 965 1 A = Assembly Location L, WL = Wafer Lot Y, YY = Year W, WW = Work Week G = Pb-Free Package G = Pb-Free Package (Note: Microdot may be in either location) 74HCT125A ALYWG
14 1
FUNCTION TABLE
HCT125A Inputs A H L X OE L L H Output Y H L Z OE3 A4 OE4
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2009
November, 2009 - Rev. 1
1
Publication Order Number: MC74HCT125A/D
MC74HCT125A
MAXIMUM RATINGS
Symbol VCC Vin Vout Iin Iout ICC PD Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air Plastic DIP SOIC Package TSSOP Package Value - 0.5 to + 7.0 - 0.5 to VCC + 0.5 - 0.5 to VCC + 0.5 20 35 75 750 500 450 - 65 to + 150 260 Unit V V V mA mA mA mW This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Tstg TL
Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP, SOIC or TSSOP Package)
_C _C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Derating -- Plastic DIP: - 10 mW/_C from 65_ to 125_C SOIC Package: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin, Vout TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V Min 2.0 0 - 55 0 0 0 Max 6.0 VCC + 125 1000 500 400 Unit V V _C ns
http://onsemi.com
2
MC74HCT125A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit Symbol VIH VIL VOH Parameter Minimum High-Level Input Voltage Maximum Low-Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Three-State Leakage Current Maximum Quiescent Supply Current (per Package) Test Conditions Vout = VCC - 0.1 V |Iout| v 20 mA Vout = 0.1 V |Iout| v 20 mA Vin = VIH |Iout| v 20 mA Vin = VIH VOL Vin = VIL |Iout| v 20 mA Vin = VIL Iin IOZ Vin = VCC or GND Output in High-Impedance State Vin = VIL or VIH Vout = VCC or GND Vin = VCC or GND Iout = 0 mA |Iout| v 6.0 mA |Iout| v 6.0 mA VCC V 4.5 to 5.5 4.5 to 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5 - 55 to 25_C 2.0 0.8 4.4 5.4 3.98 0.1 0.1 0.26 0.1 0.5 v 85_C 2.0 0.8 4.4 5.4 3.84 0.1 0.1 0.33 1.0 5.0 v 125_C 2.0 0.8 4.4 5.4 3.7 0.1 0.1 0.4 1.0 10 mA mA V Unit V V V
ICC
5.5
4.0
40
160
mA
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns, VCC = 5.0 V 10%)
Guaranteed Limit Symbol tPLH, tPHL tPLZ, tPHZ tPZL, tPZH tTLH, tTHL Cin Cout Parameter Maximum Propagation Delay, Input A to Output Y (Figures 1 and 3) Maximum Propagation Delay, Output Enable to Y (Figures 2 and 4) Maximum Propagation Delay, Output Enable to Y (Figures 2 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 3) Maximum Input Capacitance Maximum 3-State Output Capacitance (Output in High-Impedance State) VCC V 5.0 5.0 5.0 5.0 - - - 55 to 25_C 18 24 18 12 10 15 v 85_C 23 30 23 15 10 15 v 125_C 27 36 27 18 10 15 Unit ns ns ns ns pF pF
Typical @ 25C, VCC = 5.0 V CPD Power Dissipation Capacitance (Per Buffer)* * Used to determine the no-load dynamic power consumption: P D = CPD VCC 2 f + ICC VCC . 30 pF
ORDERING INFORMATION
Device MC74HCT125ANG MC74HCT125ADG MC74HCT125ADR2G MC74HCT125ADTG MC74HCT125ADTR2G MC74HCT125AFG MC74HCT125AFELG Package PDIP-14 (Pb-Free) SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* SOEIAJ-14 (Pb-Free) Shipping 25 Units / Rail 55 Units / Rail 2500 / Tape & Reel 96 Units / Rail 2500 / Tape & Reel 50 Units / Rail 2000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
3
MC74HCT125A
SWITCHING WAVEFORMS
VCC VM GND HIGH IMPEDANCE 10% tPZH tTHL OUTPUT Y VM tPHZ 90% VOL VOH HIGH IMPEDANCE
tr INPUT A (VI) tPLH OUTPUT Y 90% VM 10% tTLH VI = GND to 3.0 V VM = 1.3 V 90% VM 10%
tf VCC GND tPHL
OE (VI)
OUTPUT Y
VM
Figure 1.
Figure 2.
TEST POINT OUTPUT DEVICE UNDER TEST
TEST POINT OUTPUT 1 kW CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ and tPZH.
CL*
DEVICE UNDER TEST
CL *
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 3. Test Circuit
Figure 4. Test Circuit
VCC OE
A
Y
(1/4 OF THE DEVICE)
http://onsemi.com
4
MC74HCT125A
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
14
8
B
1 7
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
5
MC74HCT125A
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE J
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6
MC74HCT125A
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS INCHES MIN MAX MIN MAX 4.90 5.10 0.193 0.200 4.30 4.50 0.169 0.177 --- 1.20 --- 0.047 0.05 0.15 0.002 0.006 0.50 0.75 0.020 0.030 0.65 BSC 0.026 BSC 0.50 0.60 0.020 0.024 0.09 0.20 0.004 0.008 0.09 0.16 0.004 0.006 0.19 0.30 0.007 0.012 0.19 0.25 0.007 0.010 6.40 BSC 0.252 BSC 0_ 8_ 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
0.15 (0.006) T U
S
A -V-
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
DIM A B C D F G H J J1 K K1 L M
SOLDERING FOOTPRINT*
7.06 1
0.36
14X
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
EEE CCC EEE CCC
0.65 PITCH
DIMENSIONS: MILLIMETERS
MC74HCT125A
PACKAGE DIMENSIONS
SOEIAJ-14 CASE 965-01 ISSUE B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018).
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
DIM A A1 b c D E e HE L LE M Q1 Z
MILLIMETERS MIN MAX --2.05 0.05 0.20 0.35 0.50 0.10 0.20 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --1.42
INCHES MIN MAX --0.081 0.002 0.008 0.014 0.020 0.004 0.008 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --0.056
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
8
MC74HCT125A/D


▲Up To Search▲   

 
Price & Availability of MC74HCT125A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X