Part Number Hot Search : 
MC33184 TB330SEV BSM151 KTC3198 NCP4561 SBM1F 12011 BD45245G
Product Description
Full Text Search
 

To Download MBR20L100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR20L100CT
Pb
Features
Low power loss, high efficiency. High current capability, Low forward voltage drop. Plastic material used carries Underwriters Laboratory Classifications UL 94V-0 High surge current capability. Guard-ring for transient protection. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application. High temperature soldering guaranteed: 260oC/10 seconds /.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension
RoHS
COMPLIANCE
20.0 AMP. Schottky Barrier Rectifiers TO-220AB
Mechanical Data
Cases: JEDEC TO-220AB Molded plastic Terminal: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked Mounting position : Any Mounting Torque : 5 in-lbs. max. Weight: 2.24 gram Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TC = 120 Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) At TC = 130 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=10A TC =25 IF=10A TC =125 Maximum DC Reverse Current at Rated DC Blocking Voltage Voltage rate of change (rated VR) Typical Junction Capacitance (Note 2) Typical Thermal Resistance per leg.(Note 3) Operating Temperature Range Storage Temperature Range @ TA=25 @ TA=100 Symbol
MBR20L1000CT 100 70 100 20 20 220 1.0 0.77 0.67 0.2 10 10,000 460 1.0 -65 to +150 -65 to +175
Units V V V A A A A V mA V/uS pF
O
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt Cj
RJC
C/W
O O
TJ TSTG
C C
Notes: 1. 2.0Us PU;SE WIDTH. F=1.0kh, Continue 10 cycles 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Thermal Resistance from junction to case Per Leg, with Heatsink size (4"x6"x0.25") Al-plate.
Page : 1 of 2
Version : C09
RATINGS AND CHARACTERISTIC CURVES (MBR20L100CT)
FIG.1 Forward Current Derating Curve
25
180
FIG 2 Maximum Forward Surge Current
Peak Forward Surge Current (A)
160 140 120 100 80 60 40 20 0
Average Forward Current
20 15
(A)
10 5 0 0 50 100
o
150
1
Lead Temperature ( C)
10 Number of Cycles at 60 Hz
100
FIG 3 Typical Forward Voltage character
100
Reverse lreakage current (uA)
FIG 4 Typical Reverse Leakage character
100
Forward current (A)
10
Ta=125 C
o
10
Ta=125oC
1
Ta=25oC
1
Ta=25oC
0.1 0.1 0.2 0.3 0.4 0.5 0.6 Forward Voltage (V) 0.7 0.8 0.9
0.1 0 20 40 60 80 100 120 140
Percentage of VR (%)
FIG 5 Typical Junction Capacitance
FIG 6 Typical transient Thermal Rresistance
10 Resistance (oC/W) Transient Thermal
10000 Capacitance (pF)
1000
1
100
0.1
Reverse Voltage (V)
1
10
100
0.1 0.01
0.1
1
10
100
T, pulse Duration (Sec)
Page : 2 of 2
Version : C09


▲Up To Search▲   

 
Price & Availability of MBR20L100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X