Part Number Hot Search : 
FN2291 12N60 2SA2062 8056BVR 3N156 CQ10A04 MC68HC ES1HL
Product Description
Full Text Search
 

To Download MBR2060CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRB2060CT, MBR2060CT SWITCHMODEt Power Rectifiers
TO-220/D2PAK Surface Mount Power Package
These state-of-the-art devices employ the use of the Schottky Barrier principle with a platinum barrier metal.
Features http://onsemi.com
* * * * * * * * *
Package Designed for Power Surface Mount Applications (D2PAK) Center-Tap Configuration (D2PAK) Guardring for Stress Protection Low Forward Voltage 175C Operating Junction Temperature Epoxy Meets UL 94 V-0 @ 0.125 in Short Heat Sink Tab Manufactured - Not Sheared (D2PAK) Similar in Size to Industry Standard TO-220 Package Pb-Free Packages are Available
SCHOTTKY BARRIER RECTIFIERS 20 AMPERES, 60 VOLTS
1 4 3 4
Mechanical Characteristics:
* Case: Epoxy, Molded, Epoxy Meets UL 94 V-0 * Weight: 1.7 Grams (Approximately) - D2PAK, * * * *
1.9 Grams (Approximately) - TO-220 Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds (D2PAK) Device Meets MSL1 Requirements (D2PAK) ESD Ratings: Machine Model, C (>400 V) Human Body Model, 3B (>8000 V)
Rating Symbol VRRM VRWM VR IF(AV) IFRM Value 60 Unit V
4 1 3 1 D2PAK CASE 418B STYLE 3 3 TO-220AB CASE 221A STYLE 6 2
MAXIMUM RATINGS (Per Leg) MARKING DIAGRAMS
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TC = 110C) Total Device Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz, TC = 100C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz) Storage Temperature Range Operating Junction Temperature (Note 1) Voltage Rate of Change (Rated VR)
10 20 20
A A
AY WW B2060G AKA AY WW B2060G AKA
IFSM
150
A
IRRM Tstg TJ dv/dt
0.5 -65 to +175 -65 to +175 10,000
A C C V/ms
A Y WW B2060 G AKA
= Assembly Location = Year = Work Week = Device Code = Pb-Free Package = Diode Polarity
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RqJA.
(c) Semiconductor Components Industries, LLC, 2009
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
September, 2009 - Rev. 8
1
Publication Order Number: MBRB2060CT/D
MBRB2060CT, MBR2060CT
THERMAL CHARACTERISTICS (Per Leg)
Characteristic Thermal Resistance, - Junction-to-Case - Junction-to-Ambient (Note 2) - Junction-to-Ambient (Note 2) MBRB2060CT MBR2060CT Symbol RqJC RqJA RqJA Value 2.0 50 60 Unit C/W
2. When mounted using minimum recommended pad size on FR-4 board.
ELECTRICAL CHARACTERISTICS (Per Leg)
Characteristic Maximum Instantaneous Forward Voltage (Note 3) (iF = 20 Amps, TJ = 125C) (iF = 20 Amps, TJ = 25C) Maximum Instantaneous Reverse Current (Note 3) (Rated dc Voltage, TJ = 125C) (Rated dc Voltage, TJ = 25C) 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. Symbol vF iR Value 0.85 0.95 35 0.15 Unit V
mA
ORDERING INFORMATION
Device MBRB2060CT MBRB2060CTG MBRB2060CTT4 MBRB2060CTT4G MBR2060CT MBR2060CTG Package D2PAK (Pb-Free) D2PAK (Pb-Free) TO-220 TO-220 (Pb-Free) D2PAK D2PAK Shipping 50 Units / Rail 50 Units / Rail 800 Units / Tape & Reel 800 Units / Tape & Reel 50 Units / Rail 50 Units / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MBRB2060CT, MBR2060CT
i F, INSTANTANEOUS FORWARD CURRENT (AMPS 50 125C 150C 10 100C 5 3 TJ = 25C I R, REVERSE CURRENT (mA) 20 10 TJ = 125C TJ = 100C 1 TJ = 150C
0.1
1 0.5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 vF, INSTANTANEOUS VOLTAGE (VOLTS) 0.9 1
0.01 0 20
TJ = 25C 40 60 80 100 VR, REVERSE VOLTAGE (VOLTS) 120 140
Figure 1. Typical Forward Voltage Per Diode
IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 20 dc 15 SQUARE WAVE 10 RATED VOLTAGE APPLIED RqJC = 2C/W AVERAGE POWER (WATTS) 20 18 16 14 12 10 8 6 4 2 0 80 100 0 120 140 TC, CASE TEMPERATURE (C) 160 180 0
Figure 2. Typical Reverse Current Per Diode
IPK/IAV = 5 PI IPK/IAV = 10 IPK/IAV = 20 SQUARE WAVE DC
TJ = 125C
5.0
2
4
6 8 10 12 14 AVERAGE CURRENT (AMPS)
16
18
20
Figure 3. Typical Current Derating, Case, Per Leg
Figure 4. Average Power Dissipation and Average Current
http://onsemi.com
3
MBRB2060CT, MBR2060CT
PACKAGE DIMENSIONS
D2PAK 3 CASE 418B-04 ISSUE J
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 418B-01 THRU 418B-03 OBSOLETE, NEW STANDARD 418B-04. DIM A B C D E F G H J K L M N P R S V INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.035 0.045 0.055 0.310 0.350 0.100 BSC 0.080 0.110 0.018 0.025 0.090 0.110 0.052 0.072 0.280 0.320 0.197 REF 0.079 REF 0.039 REF 0.575 0.625 0.045 0.055 MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.89 1.14 1.40 7.87 8.89 2.54 BSC 2.03 2.79 0.46 0.64 2.29 2.79 1.32 1.83 7.11 8.13 5.00 REF 2.00 REF 0.99 REF 14.60 15.88 1.14 1.40
C E -B-
4
V W
1
2
3
S
A
-T-
SEATING PLANE
K G D
3 PL M
J H TB
M
W
0.13 (0.005) VARIABLE CONFIGURATION ZONE L M
R
N U L
P L M
STYLE 3: PIN 1. ANODE 2. CATHODE 3. ANODE 4. CATHODE
M
F VIEW W-W 1
F VIEW W-W 2
F VIEW W-W 3
SOLDERING FOOTPRINT*
8.38 0.33
10.66 0.42
1.016 0.04
5.08 0.20
17.02 0.67
3.05 0.12
mm inches
SCALE 3:1
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
4
MBRB2060CT, MBR2060CT
PACKAGE DIMENSIONS
TO-220 CASE 221A-09 ISSUE AF
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.161 0.095 0.105 0.110 0.155 0.014 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 ----0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 4.09 2.42 2.66 2.80 3.93 0.36 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 ----2.04
-T- B
4
SEATING PLANE
F
T
C S
Q
123
A U K
H Z L V G D N
R J
STYLE 6: PIN 1. 2. 3. 4.
ANODE CATHODE ANODE CATHODE
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
5
MBRB2060CT/D


▲Up To Search▲   

 
Price & Availability of MBR2060CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X