Part Number Hot Search : 
TSOP12 TNP3025B L2010 T74LS F2051 BD4852 PST7044 FN481
Product Description
Full Text Search
 

To Download LT1T023C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS P/N : LT1T023C
Page : 1/1
Feature ! ! ! ! ! ! RJ-45 connector integrated with X'FMR. Size same as RJ-45 connector to save PCB Board space. Reduce EMI radiation, improve EMI performance. Complies with IEEE802.3 standards. Operating temperature range: 0to +70. Storage temperature range: -25to +125.
Electrical Specifications @ 25C
Part Number TX LT1T023C 1CT:2.5 Turns Ratio (5%) RX 1CT:1 OCL (uH Min) @ 100KHz/0.1V TX/RX 35/200 L.L (uH Max) 0.4 CW/W (pF Max) 15 HI-POT (Vrms) 1500
PRI Pins
(P1-P2)& (P3-P6)
Schematic
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS P/N : LT1T023C Mechanical
Page : 2/2
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: PBT 15% Glass Filled(UL 94V-0), Black Housing. : Brass C2680-H, 20u Nickel Plated, t=0.25mm. : 0.45mm Dia. Phosphor bronze with 6u gold plated. : 0.4x0.4mm, Phosphor bronze with solder Plated. : 300 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of LT1T023C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X