|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Wound Molded Chip Inductor Dimensions 3.2 0.2 (LSWM-453232 Series) C A L IB E R E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003 Top View - Markings 3.2 0.2 R33M 4.5 0.3 (Not to scale) 1.75 0.10 Dimensions in mm Part Numbering Guide LSWM - 453232 - R10 M - T Dimensions (Length, Width, Height) Packaging Style B=Bulk T=Tape & Reel (500 pcs per reel) Inductance Code Tolerance J=5%, K=10%, M=20% Features Inductance Range Tolerance Construction 0.10 H to 1000 H 5%, 10%, 20% Heat resistant resin with metal terminals Electrical Specifications L Code R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R3 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 L (H) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 9.80 8.20 10 Q Min 28 30 30 30 30 30 30 30 30 30 30 30 50 50 50 50 50 50 50 50 50 50 50 50 50 LQ Test Freq (MHz) 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 25.20 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 7.960 2.520 SRF Min (MHz) 700 500 450 400 350 320 300 350 220 180 160 140 100 80 70 60 55 50 45 40 35 33 27 25 20 DCR Max (Ohms) 0.44 0.22 0.25 0.28 0.32 0.36 0.40 0.45 0.50 0.55 0.60 0.67 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.90 1.00 1.10 1.20 1.40 1.60 IDC Max (mA) 450 450 450 450 450 450 450 450 450 450 450 450 450 430 410 390 380 370 355 330 315 300 285 270 250 L Code 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 L (uH) 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 Q Min 50 50 50 50 50 50 50 50 50 50 50 40 40 40 40 40 30 30 30 30 30 30 30 30 LQ Test Freq (MHz) 2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 2.520 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 SRF Min (MHz) 18 17 16 13 12 11 10 10 9 9 8 7 6 5 5 4 3 3 3 3 2 2 2 2 DCR Max (Ohms) 2.00 2.50 2.80 3.20 3.60 4.00 4.50 5.00 5.50 6.00 7.00 8.00 8.00 9.00 9.50 12.0 18.0 20.0 23.0 26.0 30.0 40.0 45.0 50.0 IDC Max (mA) 225 200 190 180 170 160 150 140 135 130 120 110 110 105 102 100 92 85 80 62 50 50 30 30 Specifications subject to change without notice. Rev. 10/00 TEL 949-366-8700 FAX 949-366-8707 WEB www.caliberelectronics.com |
Price & Availability of LSWM-453232-1R8J-B |