Part Number Hot Search : 
MMSZ5233 8751H SB160 15080 DR204 527S303T CP431VA 2DCK12
Product Description
Full Text Search
 

To Download LBAW56WT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Dual Switching Diodes
Features
LBAW56WT1G
3
*
We declare that the material of product compliance with RoHS requirements.
1 2
DEVICE MARKING
LBAW56WT1G = A1
CASE 419-04, STYLE 4 SOT-323 (SC-70)
MAXIMUM RATINGS (TA = 25C)
Rating Reverse Voltag Forward Current Peak Forward Surge Current Symbol VR IF IFM(surge) Max 70 200 500 Unit Vdc mAdc mAdc
CATHODE 1
CATHODE 2
3 ANODE
Ordering Information
Device LBAW56WT1G LBAW56WT3G Marking A1 A1 Shipping 3000/Tape&Reel 10000/Tape&Reel
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 200 1.6 0.625 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
RJA PD
RJA TJ, Tstg
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol V(BR) IR -- -- -- -- 30 2.5 50 2.0 Min 70 Max -- Unit Vdc Adc
OFF CHARACTERISTICS
Reverse Breakdown Voltage (I(BR) = 100 Adc) Reverse Voltage Leakage Current (VR = 25 Vdc, TJ = 150C) (VR = 70 Vdc) (VR = 70 Vdc, TJ = 150C) Diode Capacitance (VR = 0, f = 1.0 MHz) Forward Voltage (IF = 1.0 mAdc) (IF = 10 mAdc) (IF = 60 mAdc) (IF = 150 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, RL = 100 , IR(REC) = 1.0 mAdc) (Figure 1) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
CD VF
pF mVdc
trr
-- -- -- -- --
715 855 1000 1250 6.0
ns
1/3
LESHAN RADIO COMPANY, LTD.
LBAW56WT1G
+10 V 820 2.0 k 0.1F tr tp 10% t IF t
rr
100 H
IF
t
0.1 F
50 OUTPUT PULSE GENERATOR
D.U.T.
50 INPUT SAMPLING OSCILLOSCOPE
90% V R INPUT SIGNAL IR
i R(REC) = 1.0 mA OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
100
10
IF , FORWARD CURRENT (mA)
IR , REVERSE CURRENT (A)
1.0
10
0.1
1.0
0.01
0.1 0.2 0.4 0.6 0.8 1.0 1.2
0.001 0 10 20 30 40 50
VF , FORWARD VOLTAGE (VOLTS)
VR , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
1.75
CD DIODE CAPACITANCE (pF)
1.5
1.25
1.0
0.75 0 2 4 6 8
VR , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
2/3
LESHAN RADIO COMPANY, LTD.
LBAW56WT1G
SC-70 (SOT-323)
D e1
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
HE
1 2
E
b e
A 0.05 (0.002)
A2 L
c
DIM A A1 A2 b c D E e e1 L HE
MIN 0.80 0.00 0.30 0.10 1.80 1.15 1.20
2.00
MILLIMETERS NOM MAX 0.90 1.00 0.05 0.10 0.7 REF 0.35 0.40 0.18 0.25 2.10 2.20 1.24 1.35 1.30 1.40 0.65 BSC 0.425 REF 2.10 2.40
MIN 0.032 0.000 0.012 0.004 0.071 0.045 0.047
0.079
INCHES NOM 0.035 0.002 0.028 REF 0.014 0.007 0.083 0.049 0.051 0.026 BSC 0.017 REF 0.083
MAX 0.040 0.004 0.016 0.010 0.087 0.053 0.055
0.095
A1
GENERIC MARKING DIAGRAM
SOLDERING FOOTPRINT*
0.65 0.025 0.65 0.025 XX
M
XXM 1 = Specific Device Code = Date Code = Pb-Free Package
G 1.9 0.075 0.9 0.035 0.7 0.028
SCALE 10:1
*This information is generic. Please refer to device data sheet for actual part marking. Pb-Free indicator, "G" or microdot " G", may or may not be present.
mm inches
3/3


▲Up To Search▲   

 
Price & Availability of LBAW56WT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X