Part Number Hot Search : 
DI815C TRMPB N4800 HCT14 1A334 IRFBC20 SPN1423 SMBJ160
Product Description
Full Text Search
 

To Download KVSF639TC103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KVSF
resistors
trimmer potentiometers
EU
features * Products with lead-free terminations meet EU RoHS and China RoHS requirements
dimensions and construction
SF6 Top Adjust Type Dimensions mm RESISTANCE 637A Carbon Film, Standard
0.3 (0.6) (0.8) 7.50.5 3.50.5 3.00.5 7.30.5
SF6 Side Adjust Type Dimensions mm RESISTANCE 639A Carbon Film, Standard 6.40.5
(0.8) (4.5) (3.3) 7.80.5 5.20.5 (1.1)
(2.5)(2.5)
(4.0)
0.3 (0.6)
5.00.5
(1.1)
(9.2)
5.00.5 6.40.5
3.5
(3.2)
(0.3)
5.00.5
(0.3)
2.50.5
637T Carbon Film, Radial Taping
RESISTANCE (0.3) (0.8) 7.60.5 3.0
639T Carbon Film, Radial Taping Type
(1.1)
6.5 (4.2) (0.8)
RESISTANCE
6.2 3.1 3.1 (1.95)
(3.8) (3.3) (4.5) 7.8
5.0+0.8 -0.2 5.70.5
(4.0)
7.40.5
(1.1)
2.5 2.5 5.0+0.8 -0.2
(0.3) (0.4) 2.6 2.5
0.3
Printed Board Framework (Ref.) Dimensions mm
oD
B
2- o C
Type 637A 637T 639A 639T
A 5.0 3.0 2.5 2.5
B 5.0 5.0 5.0 5.0
C 1.2 1.0 1.0 1.0
(2.2)
D 1.2 1.3 1.0 1.3
ordering information
New Part # KVSF Product Code 637A Type SF6: 637A, 639A, 637T, 639T C Termination Material C: SnCu 103 Nominal Resistance 2 significant figures + 1 multiplier
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
A
12/30/08
138
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
KVSF
trimmer potentiometers applications and ratings
Part Designation 637A, 639A, 637T, 639T Power Rating @ 70C 0.1W Resistance Range E-6 & 1,2,3,5x10n 200 - 1M Resistance Tolerance 30% Maximum Working Voltage 50V Rated Ambient Temperature +50C Operating Temperature Range -10C to +70C
resistors
environmental applications Derating Curve
100 80 % Rated Power 60 40 33 20 0 -40 -20 -10
637A, 639A, 637T, 639T,
0
60 80 100 50 85 Ambient Temperature (C)
20
40
Performance Characteristics
Parameter Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C High Temperature Exposure Rotational Life
Requirement R Limit Typical 3 5 20 2 4.5 12 -12 -13 11
Test Method 260C 5C, 5 seconds +1 second -10C / +25C / +70C (30 minutes), 5 cycles 40C 2C, 90 - 95% RH, 350 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 240 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 3C, 240 hours 20 turns
+5, -20 +5, -20 15
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
139


▲Up To Search▲   

 
Price & Availability of KVSF639TC103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X