Part Number Hot Search : 
MAJ150A IRFC014B DM9334J 120000 NTE915 TKE0309D 16GD4ET SMF4L12A
Product Description
Full Text Search
 

To Download KTS1012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Load Switching Applications KTS1012
IC IC
TSSOP-8
Unit: mm
Features
Low ON resistance. 4.0V drive. Mount height 1.1mm.
1,5,8: Drain 2,3,6,7: Source 4: Gate
Absolute Maximum Ratings Ta = 25
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current(DC) Drain Current(pulse) *1 Allowable Power Dissipation *2 Channel Temperature Storage Temperature *1 PW 10 s, duty cycle 1% Symbol VDSS VGSS ID IDP PD Tch Tstg Rating -30 20 -6 -32 1.3 150 -55 to +150 Unit V V A A W
*2 Mounted on a ceramic board (1000mm2X0.8mm)
www.kexin.com.cn
1
SMD Type
KTS1012
Electrical Characteristics Ta = 25
Parameter Drain-to Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Symbol Testconditons Min -30 -1 10 -2.4 8.7 12 21 33 37 1700 VDS = -10 V,f = 1 MHz 380 240 15 See Specified Test Circuit 130 110 85 VDS= -10 V VGS = -10 V ID = -6 A Is = -6 A, VGS = 0 V 32 4.5 5 -0.79 -1.5 28 47 52 Typ Max
IC IC
Unit V A A V S m m m pF pF pF ns ns ns ns nC nC nC V
V(BR)DSS ID=-1mA, VGS=0 IDSS IGSS VDS = -30 V, VGS = 0 V VGS = 16 V, VDS = 0 V
VGS(off) VDS = -10 V, ID = -1 mA Yfs VDS = -10 V, ID = -6 A
RDS(on)1 VGS = -10 V, ID = -6 A Drain to Source On-state Resistance RDS(on)2 VGS = -4.5 V, ID = -4 A RDS(on)3 VGS = -4 V, ID = -4 A Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-to-Source "Miller" Charge Gate-Drain Charge Diode Forward Voltage Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD
Switching Time Test Circuit
Marking
Marking S1012
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KTS1012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X