Part Number Hot Search : 
F092011 2A223K 74LS645 RB154 OP58TS DS4830 SMAJ18 DME3009
Product Description
Full Text Search
 

To Download KF13N60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for switching mode power supplies.
H
KF13N60N
N CHANNEL MOS FIELD EFFECT TRANSISTOR
A N O
Q
B K
FEATURES
VDSS(Min.)= 600V, ID= 13A Drain-Source ON Resistance : RDS(ON)=0.56(Max.) Qg(typ.) =36nC @VGS =10V
d D E
M
P
P
T
1
2
3
MAXIMUM RATING (Tc=25
CHARACTERISTIC Drain-Source Voltage Gate-Source Voltage Drain Current @TC=25 Pulsed Single Pulsed Avalanche Energy Repetitive Avalanche Energy Peak Diode Recovery dv/dt Drain Power Dissipation Tc=25
)
SYMBOL VDSS VGSS ID (Note1) (Note 2) (Note 1) (Note 3) IDP EAS EAR dv/dt PD Tj Tstg RATING 600 30 13 A 32 870 22.5 4.5 215 1.72 150 -55 150 mJ mJ V/ns W W/ UNIT V V
1. Gate 2. Drain 3. Source
DIM MILLIMETERS _ A 15.60 + 0.20 _ B 4.80 + 0.20 _ C 19.90 + 0.20 _ D 2.00 + 0.20 _ d 1.00 + 0.20 _ E 3.00 + 0.20 _ 3.80 + 0.20 F _ G 3.50 + 0.20 _ H 13.90 + 0.20 _ I 12.76 + 0.20 _ J 23.40 + 0.20 K 1.5+0.15-0.05 _ L 16.50 + 0.30 _ M 1.40 + 0.20 _ 13.60 + 0.20 N _ 9.60 + 0.20 O _ P 5.45 + 0.30 _ Q 3.20 + 0.10 _ R 18.70 + 0.20 0.60+0.15-0.05 T
F C J I G
TO-3P(N)-E
Derate above25
Maximum Junction Temperature Storage Temperature Range Thermal Characteristics Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
RthJC RthJA
0.58 40
/W /W
Marking
D
1
KF13N60
N 801
2
G
S
1 2
PRODUCT NAME LOT NO
2008. 10. 2
Revision No : 1
L
R
1/6
KF13N60N
ELECTRICAL CHARACTERISTICS (Tc=25
CHARACTERISTIC
)
TEST CONDITION MIN. TYP. MAX. UNIT
SYMBOL
Static
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain Cut-off Current Gate Threshold Voltage Gate Leakage Current Drain-Source ON Resistance BVDSS BVDSS/ Tj IDSS Vth IGSS RDS(ON) ID=250 A, VGS=0V ID=250 A, Referenced to 25 VDS=600V, VGS=0V, VDS=VGS, ID=250 A VGS= 30V, VDS=0V VGS=10V, ID=6.5A 600 2.0 0.63 0.47 10 4.0 100 0.56 V V/ A V nA
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Delay time Turn-on Rise time Turn-off Delay time Turn-off Fall time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Ratings Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS ISP VSD trr Qrr VGSNote 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L = 9.3mH, IAS=13A, VDD=50V, RG = 25 , Starting Tj = 25 Note 3) IS 13A, dI/dt 200A/ , VDD 300 BVDSS, Starting Tj = 25 . , Duty Cycle 2%. Note 4) Pulse Test : Pulse width
Note 5) Essentially independent of operating temperature.
2008. 10. 2
Revision No : 1
2/6
KF13N60N
Fig1. ID - VDS
100
VGS=10V VDS=20V
Fig2. ID - VGS
Drain Current ID (A)
10
VGS=6V VGS=5V
Drain Current ID (A)
10
1
10
0
100 C
25 C
1
0.1 0.1 1 10 100
10
-1
2
4
6
8
10
Drain - Source Voltage VDS (V)
Gate - Source Voltage VGS (V)
Fig3. BVDSS - Tj
Normalized Breakdown Voltage BVDSS
1.2
VGS = 0V IDS = 250
Fig4. RDS(ON) - ID
1.2
1.1
On - Resistance RDS(ON) ()
1.0
1.0
VGS=6V
0.6
VGS=10V
0.9
0.8 -100
-50
0
50
100
150
0.2 0
5
10
15
20
Junction Temperature Tj ( C )
Drain Current ID (A)
Fig5. IS - VSD
10
2
Fig6. RDS(ON) - Tj
3.0
VGS =10V IDS = 6A
Reverse Drain Current IS (A)
100 C
25 C
10
1
Normalized On Resistance
2.5 2.0 1.5 1.0 0.5
10
0
10
-1
0.4
0.6
0.8
1.0
1.2
1.4
1.8
0.0 -100
-50
0
50
100
150
Source - Drain Voltage VSD (V)
Junction Temperature Tj ( C)
2008. 10. 2
Revision No : 1
3/6
KF13N60N
Fig 7. C - VDS
104
12
ID=13A
Fig8. Qg- VGS
Gate - Source Voltage VGS (V)
VDS = 480V VDS = 300V VDS = 120V
10 8 6 4 2 0 0 5 10
Capacitance (pF)
Ciss
103
Coss
102
Crss
101
0
10
20
30
40
15
20
25
30
35
40
Drain - Source Voltage VDS (V)
Gate - Charge Qg (nC)
Fig9. Safe Operation Area
102
100s
Fig10. ID - Tj
14 12
101
Drain Current ID (A)
Drain Current ID (A)
1ms 10ms
10 8 6 4 2
100
100ms
Operation in this area is limited by RDS(ON)
DC
10-1
Tc= 25 C Tj = 150 C Single pulse
102 100
101
102
103
0 25
50
75
100
125
150
Drain - Source Voltage VDS (V)
Junction Temperature Tj ( C)
Fig11. Transient Thermal Response Curve
100
Transient Thermal Resistance
Duty=0.5
0.2
10-1
0.1
0.05
PDM t1 t2
Single Pulse
0.02
0.01
10-2
- Rth(j-c) = 0.58 C/W Max. - Duty Factor, D= t1/t2 10-3 10-2 10-1 100 101
10-5
10-4
TIME (sec)
2008. 10. 2
Revision No : 1
4/6
KF13N60N
Fig12. Gate Charge
VGS Fast Recovery Diode 10 V
ID
0.8 VDSS 1.0 mA
ID Q Qgs Qgd Qg VGS
VDS
Fig13. Single Pulsed Avalanche Energy
1 EAS= LIAS2 2 BVDSS BVDSS - VDD
BVDSS
L
IAS
50V 25 VDS 10 V VGS ID(t)
VDD
VDS(t)
Time tp
Fig14. Resistive Load Switching
VDS 90% RL
0.5 VDSS 25 VDS 10V VGS
VGS 10% td(on) ton tr td(off) tf toff
2008. 10. 2
Revision No : 1
5/6
KF13N60N
Fig15. Source - Drain Diode Reverse Recovery and dv /dt
DUT VDS IF
Body Diode Forword Current
ISD (DUT)
IRM
di/dt
IS
Body Diode Reverse Current
0.8
VDSS
driver
VDS (DUT)
Body Diode Recovery dv/dt VSD VDD
10V
VGS
Body Diode Forword Voltage drop
2008. 10. 2
Revision No : 1
6/6


▲Up To Search▲   

 
Price & Availability of KF13N60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X