Part Number Hot Search : 
74HC45 MMBZ5243 T9G01812 USD002A 3DD209 70BC0WF RF30100 2SB118
Product Description
Full Text Search
 

To Download KBP2005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP2005G THRU KBP210G
Reverse Voltage - 50 to 1000 Volts
SINGLE PHASE SILICON BRIDGE RECTIFIER
Forward Current - 2.0 Ampere
FEATURES

Ideal for printed circuit board Surge overload rating: 60A peak High case dielectric strength High temperature soldering guaranteed: 260C/10 seconds at 5lbs. (2.3kg) tension
KBP
.460(11.68) .420(10.6) .035(0.9) .028(0.7) AC .5 (12.7) MIN
.160(4.1) SPACING .140(3.6)
MECHANICAL DATA
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Terminals: Plated leads solderable per MIL-STD 202, method 208 Mounting Position: Any Weight: 1.70 g Marking: Type Number
.600(15.24) .560(14.22)
.153(3.9) .146(3.7)
.050(1.27)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
CHARACTERISTICS
SYMBOL VRRM VRMS VDC IO IFSM VF @TA = 25 oC @TA = 125 o C IR TJ,TSTG
KBP2005G KBP201G KBP202G KBP204G KBP206G KBP208G KBP210G UNITS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage
o Maximum Average Forward Output Current at TA = 25 C
50 35 50
100 70 100
200 140 200
400 280 400 2.0 60 1.1 10.0 500 -55 to + 150
600 420 600
800 560 800
1000 700 1000
V V V A A V A
0
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum DC Forward Voltage Drop per Bridge Element at 2.0A DC Maximum Reverse Current at rated DC Blocking Voltage per element Operating and Storage Temperature Range
C
KBP2005G THRU KBP210G
RATINGS AND CHARACTERISTIC CURVES
FIG.2-TYPICAL FORW ARD CHARACTERISTICS FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT 20.0 10.0
AVERAGE FORWARD OUTPUT CURRENT AMPERES
2.0
INSTANTANEOUS FORWARD CURRENT, AMPERES
1.0
0.1
T J=25C
0
50
100
150
AMBIENT TEMPERATURE !
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORW ARD VOLTAGE. VOLTS
FIG.3-TYPIACL REVERSE CHARACTERISTICS 10 FIG.4-MAXIMUM FORW ARD SURGE CURRENT
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
PEAK FORWARD SURGE CURRENT AMPERES
60
40
T J=25C
0.1
T J=25C
1
10 NUMBER OF CYCLES AT 60HZ
100
0.01 0 20 40 60 80 100 120 140 0 0 0 PERCENT OF RATED PEAK REVERSE VOLTAGE


▲Up To Search▲   

 
Price & Availability of KBP2005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X