Part Number Hot Search : 
EN2537A MSMA152 N4006 MT140 THL42A SF81S THL42A THL42A
Product Description
Full Text Search
 

To Download KBJ1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBJ10005 thru KBJ1010
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT KBJ
? .134(3.4) ? .122(3.1) 1.193(30.3) 1.169(29.7) .213(5.4) .197(5.0) .173(4.4) .157(4.0)
? .134(3.4) ? .122(3.1)
- 50 to 1000Volts - 10 Amperes
FEATURES
Rating to 1000V PRV Ideal for printed circuit board Low forward voltage drop,high current capability Reliable low cost construction utilizing molded plastic
The plastic material has UL flammability
.198 (5.1) .800(20.3) .776(19.7) .165(4.2) .142(3.6) .708(18.0) .669(17.0)
technique results in inexpensive product
classification 94V-0
.106(2.7) .096(2.3) .094(2.4) .075(1.9) .043(1.1) .035(0.9)
+
_ ~~
.441(11.2) .425(10.8)
.114(2.9) .098(2.5)
.402(10.2) .303(7.7).303(7.7) SPACING .386(9.8) .287(7.3).287(7.3)
.031(0.8) .023(0.6)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=110 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL VRRM VRMS VDC I(AV)
KBJ 10005 50 30 50
KBJ 1001 100 70 100
KBJ 1002 200 140 200
KBJ 1004 400 280 400 10.0 3.0 240 1.0 10 500 120 55 1.4 -55 to +125 -55 to +150
KBJ 1006 600 420 600
KBJ 1008 800 560 800
KBJ 1010 1000 700 1000
UNIT V V V A
IFSM VF IR I2t CJ RJC TJ TSTG
A V uA A2s pF /W
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 150mm*150mm*1.6mm cu plate heatsink.
~ 261 ~
RATING AND CHARACTERTIC CURVES KBJ10005 thru KBJ1010
FIG.1-FORWARD CURRENT DERATING CURVE 10.0 AVERAGE FORWARD OUTPUT CURRENT AMPERES
WITH HEATSINK
FIG.2-MAXMUN NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT , AMPERES 240 240
TJ=150 SINGLE -SINE- WAVE
8.0
6.0
SINGLE PHASE HALF WAVE 60Hz
(JEDEC METHOD)
4.0 RESISTIVE OR INDUCTIVE LOAD
Single Half-Sine- Wave (JEDEC METHOD) 0 1 2 5 10 20 50 100
2.0
WITHOUT HEATSINK
1.0 0 20 40 60 80 100 120 140 CASE TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 INSTANTANEOUS FORWARD CURRENT, (A) 10
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
1.0
10
0.1
TJ = 25C PULSE WIDTH 300us
TJ=25,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,(VOLTS) 100 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125
TJ=100
10
TJ=50
1.0
TJ=25
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 262 ~


▲Up To Search▲   

 
Price & Availability of KBJ1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X