Part Number Hot Search : 
GP30T 2SK298 F1030 3EZ15D5 E170CA ACM2402F PB2016 SI7135
Product Description
Full Text Search
 

To Download IBS1512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IB SERIES
1.5 WATTS - IB SERIES
6000 VDC Input/Output Isolation
1.5 WATTS
FEATURES
* * * * * * highly isolated single and dual outputs short circuit protection industry standard packages high efficiency: 75% typical MTBF > 2,000,000 hours
THE IB SERIES FROM WALL INDUSTRIES
The IB Series features extremely high Input/Output isolation in a miniature 1.5 watt package. Designed with a low profile and 24 pin DIP compatibility, the IB fits easily into PC board assemblies. High efficiency (>75% typical) is a result of state-of-the-art circuitry with an oscillator frequency greater than 50kHz.
SPECIFICATIONS: IB SERIES
All specifications apply @ +25 C ambient unless otherwise noted.
GENERAL SPECIFICATIONS
Efficiency (typical)....................................75% (nom. Vin, FL) Isolation Voltage (input to output)..........................6000VDC Feedthrough Capacitance...................................15pF max. Isolation Resistance...............................100Mohms (typical) Switching Frequency..........................................50kHz min.
INPUT SPECIFICATIONS
Input Voltage Range.............................5,12, 15VDC 10% Input Filter...................................................................N/A
OUTPUT SPECIFICATIONS
Output Current....................................................See Table Voltage Tolerance.................................3% nom. Vin @ FL Line Regulation............................................1.1%/%of Vin Load Regulation..............................................10% NL-FL Ripple/Noise (20MHz BW)..................................50mV p-p
Due to advances in technology, specifications subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature...............-40 to +85C(1" from case) Storage Temperature....................................-55 to +125C Cooling.................................................Free Air Convection
PHYSICAL SPECIFICATIONS
Dimensions: Single Output........................0.8 x 1.25 x 0.4" Case Material.............................Non-Metallic
11/28/01
1
603 778 2300
WWW.WALLINDUSTRIES.COM
1.5 WATTS
Input Voltage (VDC) Output Voltage (VDC) Output Current (mA) Model Number
IB SERIES
5VDC
5 12 15 +/- 5 +/_ 12 +/- 15
300 125 100 150 63 50 300 125 100 50 150 63 50 300 125 100 150 63 50
IBS55 IBS512 IBS515 IBD55-DIL IBD512-DIL IBD515-DIL IBS25 IBS212 IBS215 IBS248** IBD25-DIL IBD212-DIL IBD215-DIL IBS155 IBS1512 IBS1515 IBD155-DIL IBD1512-DIL IBD1515-DIL 1 2 3 4 5 11, 12 13, 14 15 23, 24 +Vout -Vout No Pin -Vin + Vout Common - Vout - Vin
PIN CONNECTIONS
Single +Vin +Vin Dual + Vin + Vin
12VDC
5 12 15 48 +/- 5 +/- 12 +/- 15
15VDC
5 12 15 +/- 5 +/- 12 +/- 15
Notes:
1. All case and pin-to-case dimensions ref erence only unless otherwise noted. 2. Pin details: eight pins (single output) nine pins (dual output) 0.02" diameter x 0.15" long. **1500VDC I/O Isolation, this package only.
11/28/01
WWW.WALLINDUSTRIES.COM
603 778 2300
2
IB SERIES
1.5 WATTS
11/28/01
3
603 778 2300
WWW.WALLINDUSTRIES.COM


▲Up To Search▲   

 
Price & Availability of IBS1512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X