|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
H HiTRON UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP149 SERIES FEATURES: ACCOMMODATE UNIVERSAL AC SOURCES MEET IEC 61000-3-2 HARMONIC CORRECTION DUAL CONVERTER ARCHITECTURE +5V STAND-BY GREEN POWER MEET UNIVERSAL SAFETY STANDARDS EMI MEET CISPR PUB. 22 & FCC CLASS B CE MARKING COMPLIANCE SPECIFICATION INPUT SPECIFICATION Input Voltage: Typ. 90-264Vac with PFC. Input Connector: V-M (Molex 5273) connector. Input Frequency: 47-63Hz. Inrush Current: Typ. 30.6A@230Vac. Input Current: 2.0A @115Vac, 0.96A @230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR PUB. 22 & FCC Class B. Hold-up Time: Typ. 20mS @115Vac & 230Vac. Power Fail Signal: Installed. DC OK Signal: Installed in two main outputs. Remote Inhibit: Installed. Enable active low. Power Factor & Harmonic Correction: Meet IEC 61000-3-2, PF typ.0.99@ full load. Over Temperature Protection: By thermostat. Earth Leakage: Less than 0.75mA. OUTPUT SPECIFICATION Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Connector: B-S, V-M (Molex 5273), X-M (Molex 5268) connectors. Output Wattage: Typ. 150W with 30 cfm forced air cooling. Line Regulation: Typ. 0.1%. Load Regulation: Main VO1 & Aux. VO2 typ. 1-1.5%. Main VO3 & Aux. VO4 typ. 5.0%. Noise & Ripple: Typ. 1.0% peak to peak. OVP: Installed in VO1, VO2 & VO3 (Latch). Remote Sensing: Installed in O/P VO1 & VO2. Adjustability: Available at VO1, VO2 and VO3. Load Sharing: Active current sharing circuit available at VO1 & VO2 rail. Overload Protection (OLP): Fully protected against output overload and short circuit. Consult the factory for the OLP setting. Operating Temperature: 0 to +50C under forced air cooling for half load. Storage Temperature: -55 to +85C. Temperature Coefficient: 0 to +70C (after 15 minutes warm-up) typ. 0.02-0.05%/C. Cooling: 25-30 cfm airflow is required to deliver the full power. 150W. Construction: U-bracket construction format. Industrial Grade. GENERAL SPECIFICATION Efficiency: Typ. 70-73.7%. Switching Frequency: Fixed frequency at 70K Hz. Circuit Topology: Dual converter architecture. 1st, forward circuit for VO1 & VO2 rails. 2nd, fixed-frequency flyback circuit for VO3 & VO4 rails. Transient Response: Output voltage returns in less than 1mS following a 25% load change. Safety Standard: UL 60950-1/EN 60950-1 Class I. Power Density: 3.0 Watts / Cubic Inch. Note: Due to requests in market and advances in technology, specifications subject to change without notification. For the details of safety approval, please consult the factory. -51- OUTPUT VOLTAGE / CURRENT RATINGS CHART SINGLE OUTPUT(Under forced air cooling) MODEL NO. HVP149-S033350 HVP149-S050300 HVP149-S120150 HVP149-S240075 HVP149-S480375 MAIN VO1 @# Typ. Volt. 35.00A +3.3V 30.00A +5.0V 15.00A +12.0V 7.50A +24.0V 3.75A +48.0V DUAL OUTPUT(Under forced air cooling) MODEL NO. HVP149-20 HVP149-21 HVP149-22 HVP149-23 HVP149-290A HVP149-290B HVP149-291 HVP149-292 HVP149-293 AUX. VO2 @# Typ. Volt. 4.0A +12.0V 4.0A +12.0V 4.0A +12.0V 2.5A +24.0V 4.0A +15.0V 12.0A +3.3V 8.0A +5.0V 12.0A +3.3V 8.0A +5.0V AUX. VO2 @# Typ. Volt. 8.0A +12.0V 8.0A +12.0V 8.0A +12.0V 4.0A +24.0V 6.0A +15.0V 15.0A +3.3V 15.0A +5.0V 15.0A +3.3V 15.0A +5.0V 15.0A +3.3V MAIN VO1 @# Typ. Volt. 30A +5.0V 30A +5.0V 30A +5.0V 30A +5.0V 30A +5.0V 30A +3.3V 30A +3.3V 30A +3.3V 30A +3.3V MAIN VO3 @ Typ. Volt. 3.0A 12.0V 6.0A 5.0V 2.0A 24.0V 3.0A 12.0V 3.0A 15.0V 3.0A 12.0V 3.0A 12.0V 3.0A 15.0V 3.0A 15.0V MAIN VO3@ Typ. Volt. 2.0A 12.0V 4.0A 5.0V 3.0A 12.0V 2.0A 12.0V 2.0A 12.0V 2.0A 12.0V 2.0A 12.0V 1.5A 15.0V 1.5A 15.0V 4.0A 12.0V AUX. VO4 (or ) Typ. Volt. 2.0A 12.0V 3.0A 5.0V 2.0A 5.0V 2.0A 12.0V 1.5A 15.0V 2.0A 12.0V 2.0A 12.0V 1.5A 15.0V 1.5A 15.0V 2.0A 5.0V AUX. VO2 @# Typ. Volt. 10A +5.0V 5A +12.0V 5A +15.0V 3A +24.0V 15A +3.3V 8A +5.0V 5A +12.0V 4A +15.0V 3A +24.0V TRIPLE OUTPUT(Under forced air cooling) MODEL NO. HVP149-30 HVP149-31 HVP149-T050IM HVP149-32 HVP149-33 HVP149-390A HVP149-390B HVP149-391A HVP149-391B MAIN VO1 @# Typ. Volt. 30.0A +5.0V 30.0A +5.0V 17.5A +5.0V 30.0A +5.0V 30.0A +5.0V 30.0A +5.0V 30.0A +3.3V 30.0A +5.0V 30.0A +3.3V MAIN VO1 @# Typ. Volt. 30A +5.0V 30A +5.0V 30A +5.0V 30A +5.0V 30A +5.0V 30A +5.0V 30A +3.3V 30A +5.0V 30A +3.3V 30A +2.5V QUAD OUTPUT(Under forced air cooling) MODEL NO. HVP149-40 HVP149-41 HVP149-Q050IIE HVP149-42 HVP149-43 HVP149-490A HVP149-490B HVP149-491A HVP149-491B HVP149-Q025DIE Symbol: "" OVP built-in. "@" Adjustable. "" Floating but not isolated output. "" Installed with Post Regulator (P.R.). "#" Remote sensing. "" Installed with magnetic amplifier. "" Positive or Negative selectable (factory set). "" Active circuit current sharing. "" Double Feedback. Remark: VO1 andVO2 total continual output current 30A. VO3 and VO4 total continual output current 5A. Max. total output power: 150W. MECHANICAL DIMENSIONS: MM [INCHES] WEIGHT: 960.5g (33.88 Oz) INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT AC INPUT ASSIGNMENT CNTR & PIN# ACLINE P1-L ACNEUTRAL P1-N ACGROUND P1-G SINGLE/DUAL/ TRIPLE/ QUAD OUTPUT +VO1 P2-2 VO2 P2-3 DCCOM P2-1 VO3 P3-1,2 -VO3 P3-3,4 VO4 P3-5 -VO4 P3-6 DC-COM P4-1 ENABLE P4-2 POWER FAIL P4-3 ASSORTED SIGNALS DC-OK P4-4 +5V S. B. P4-5 VO2 P4-6 VO2+S P4-7 VO1 P4-8 VO1/VO2 -S P4-9 VO1 +S P4-10 Mating connector P1 & P3: Molex 5195 or 5239 series, P4: Molex 5264 series or equivalent. -52- |
Price & Availability of HVP149-S240075 |