Part Number Hot Search : 
HT2813D PST35XX SY10E 01190 CTDO1 121KB Z6547 T2810N
Product Description
Full Text Search
 

To Download HER105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
High efficiency, Low VF High current capability High reliability High surge current capability For use in low voltage, high frequency inventor, free wheeling, and polarity protection application.
Mechanical Data
Cases: Molded plastic DO-41 Epoxy: UL 94V0 rate flame retardant Lead: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.34gram
-
- TDD- D A Y A
HER101 - HER108
1.0 AMP. High Efficient Rectifiers DO-41
-
Dimensions in inches and (millimeters)
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length o @TA = 55 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current TA=25 C o at Rated DC Blocking Voltage TA=125 C Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance Typical Thermal Resistance Operating Temperature Range ( Note 2 )
o
Symbol HER HER HER HER HER HER HER HER Units 101 102 103 104 105 106 107 108 50 100 200 300 400 600 800 1000 V VRRM VRMS VDC I(AV) IFSM VF IR Trr Cj RJA
TJ
35 50
70
140 210 280 420 560
700
V V A A
100 200 300 400 600 800 1000 1.0 30 1.0 1.3 5.0 150 50 25 70 -65 to +150 -65 to +150 75 20 1.7
V uA uA nS pF o C/W o C o C
Storage Temperature Range TSTG 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on PCB.
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China
RATINGS AND CHARACTERISTIC CURVES (HER101 THRU HER108)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
2.0
1000
FIG.2- TYPICAL REVERSE CHARACTERISTICS
AVERAGE FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
100
10 Tj=75 0C
0 0 25 50 75 100 125
O
150
175
AMBIENT TEMPERATURE. ( C)
1
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
40
-
- TDD- D A Y A
-
Tj=100 0C
Tj=25 0C
PEAK FORWARD SURGE CURRENT. (A)
35 30 25 20 15
0.1 0 8.3ms Single Half Sine Wave JEDEC Method 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
10 0
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD CURRENT. (A)
10
FIG.4- TYPICAL JUNCTION CAPACITANCE
70 60 50 40 30
HE
JUNCTION CAPACITANCE.(pF)
1
HER101-HER104
HE
R1
05
HE
R1 06 ~H ER
R1
20
01
0.1
~H
ER
10
10
5
8
HER106-HER108
10 0 0.1 0.5 1 2 5 10 20 50 100 200 500 1000 REVERSE VOLTAGE. (V) 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
(+) 50Vdc (approx) (-)
NON INDUCTIVE
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
Factory Address: Taiguan Industrial zone, Yanjinyu Dongjin Rode No.1, XinXiang, HeNan, China


▲Up To Search▲   

 
Price & Availability of HER105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X