Part Number Hot Search : 
LTC4090 GMCR100 7400FC ISL9767 A02BC 2N6241 SF2004PT CSA1012
Product Description
Full Text Search
 

To Download HER105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101 THRU HER108
HIGH EFFICIENCY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
Features * Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound * Void-free Plastic in DO-41 package * 1.0 amperes operation at Ta = 55 oC with no thermal runaway * Ultra Fast switching for high efficiency * Exceeds environmental standards of MIL-S-19500/228 Mechanical Data * Case: Molded plastic, DO-41 * Lead: MIL-STD-202 method 208 guaranteed * Polarity: Band denotes cathode * Mounting Position: Any
Absolute Maximum Ratings and Characteristics Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TA = 55OC Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1A DC Maximum reverse current at rated reverse voltage TJ = 25 C TJ = 100 C
O O
HER HER 101 102 100 70 100
HER 103 200 140 200
HER 104 300 210 300
HER 105 400 280 400
HER 106 600 420 600
HER 107 800 560 800
HER Units 108 1000 700 1000 Volts Volts Volts Amp Amps
VRRM VRMS VDC IO IFSM VF IR trr CJ RJA TJ ,TS
50 35 50
1.0 30 1.0 1.3 10 500 50 17 60 -55 to +150 75 1.7
Volts Amps nSec pF
O
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical junction resistance (Note 3) Operating and storage temperature range
C/W
O
C
Notes: 1. Test Conditions: IF = 0.5A, IR = -1A, IRR = -0.25A. 2. Measured at 1MHz and applied reverse voltage of 4 volts DC. 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 22/03/2003
HER101 THRU HER108
REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A DUT (+) 25Vdc (appox) (-) 1 NON INDUCTIVE OSCILLOSCOPE (NOTE 1) -1.0A 1cm NOTES:1. Rise Time=7ns max. Input Impedance= 1 megohm 22 pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms SET TIME BASE FOR 50ns/cm 0 PULSE GENERATOR (NOTE 2) -0.25A
FORWARD CHARACTERISTICS 10
FORWARD CURRENT, AMPERES
AVERAGE FORWARD CURRENT, A
FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0 25 100 125 150 175
HER101 TYPICAL 1
HER108 o Tj=25 C 0.1
50
75
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
AMBIENT TEMPERATURE, ( C)
FORWARD VOLTAGE VOLTS
TYPICAL JUNCTION CAPACITANCE
FORWARD SURGE CURRENT (A)
PEAK FORWARD SURGE CURRENT 35 30 25 20 15 10 5
100
JUNCTION CAPACITANCE,pF
10 Tj=25 C f=1.0MHz Vsig=50mVp-p
o
0.1
0.5
1
2
5
10 20 50
100
500 1000
0.1
0.1
1
10
100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, VOLTS
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 22/03/2003


▲Up To Search▲   

 
Price & Availability of HER105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X