Part Number Hot Search : 
MX98748 1SMB11 AD1011 B1605 MMA7455L MX98748 GH100 00101
Product Description
Full Text Search
 

To Download G4050330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0 WATT MINATURE SMD DC/DC CONVERTERS
FEATURES
1 Watt Isoltated Outputs Minature SMD Package 1000Vdc Isolation
INPUT SPECIFICATIONS
q Voltage ........................................ 5 or 12Vdc q Voltage Range ......................................... 5% q Input Filter ................................................. Cap
GENERAL SPECIFICATIONS
q Efficiency (unregulated) ........................ 70% q Switching Frequency .................. 20KHz min. q Isolation Voltage .....................1000Vdc min. q Operating Temperature ........... 0 to +70OC q Storage Temperature ............ -40 to +85OC
OUTPUT SPECIFICATIONS
q Voltage ............................................ Per Table q Voltage Accuracy ................................... 5% q Ripple & Noise 20MHz BW ........ 100mV p-p q Line Regulation (unregulated)........... 1.2% q Load Regulation (unregulated)......... 10%
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO 70OC PART NUMBER G4050330 G4050520 G4050911 G4050508 G4051520
INPUT VOLTAGE (Vdc) OUTPUT OUTPUT TYPICAL VOLTAGE CURRENT EFFICIENCY (Vdc) (mA Max.) (% Typ.)
PART NUMBER G4120520 G4120911 G4121208 G4121520
INPUT VOLTAGE (Vdc)
OUTPUT OUTPUT TYPICAL VOLTAGE CURRENT EFFICIENCY (Vdc) (mA Max.) (% Typ.)
5 5 5 5 5
3.3 5 9 12 15
300 200 110 85 66
70 70 75 75 75
12 12 12 12
5 9 12 15
200 110 85 66
70 75 75 75
PACKAGE PHYSICAL DIMENSIONS .... DIMENSIONS IN mm (inches)
PCB LAYOUT RECOMMENDED P.C.B. LAYOUT Dimensions in inches (mm)
.450 (11.43) 5x.060 (1.52) .330 (8.40) 3x.100 (2.54)
8
5
1
5x.034 (.86)
8
P G4XXXXXX YYWW M
PIN#1 WHITE DOT
.300 (7.62)
4
1 2 .515 (13.08) MAX 4 .323 (8.20) MAX
5
PIN NUMBER 1 2 3 4 5 6 7 8
FUNCTION -INPUT +INPUT OMITTED -OUTPUT +OUTPUT OMITTED OMITTED N.C.
g4xxxxxx 01/02
.285 (7.24) MAX .100 (2.54) TYP .020 (0.50) TYP .300 (7.62) .010 (0.25) TYP
.010 (.25) .004 (.10)
.355 (9.0) .435 (11.05)
Specifications subject to change without notice.
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1


▲Up To Search▲   

 
Price & Availability of G4050330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X