Part Number Hot Search : 
CAT24C16 T4MP1318 MX641 HEF4085 MX641 CT273 BSS81 UPD62A
Product Description
Full Text Search
 

To Download FMS008-4000-R-EDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series FMS 8 Pin SIM Card Reader (Manual) with Separate Switch
Specifications
Insulation resistance: Withstanding voltage: Contact Resistance: Current Rating: Voltage Rating. Operating Temp. Range: Mating Cycles: >1000 M Min at 500V DC 250V ACrms/Minute 50m, 100 m max. 0.5A 5.0V rms -55C to +85C 10,000 insertions
Card Connectors
4000 - * - EDC
SIM Card Reader
Part Number Reader (Details)
FMS008
Series No. Design No
T = Top Mount R = Reversed Mount
Materials and Finish
Insulator: Contact: Plating: Contact area: LCP CuSn6 1.0m Ni over all, Au plated, Soldering area Sn plated
Features
Number of contacts 8 (SIM type) Top and reversed mount versions available Separate switch can beused as option Packaging for Tape and Reel: 900 pcs. per reel
Specifications
Insulation resistance: Withstanding voltage: Contact Resistance: Current Rating: Voltage Rating. Operating Temp. Range: Mating Cycles: >1000 M Min at 500V DC 250V ACrms/Minute 50m, 100 m max. 0.5A 5.0V rms -40C to +85C 10,000 insertions
Part Number Switch (Details)
FMS008
Series No. Design No
-
4000 - SW * * - EDC
T = Top Mount R = Reversed Mount 1 = Bar = 0.1mm 3 = Bar = 0.3mm
Materials and Finish
Insulator: Contact: Plating: Contact area: LCP CuSn6 1.0m Ni over all, Au plated, Soldering area Sn plated
Features
Number of contacts 1 Operates normally in an open position Top and reversed mount versions available Two different thicknesses of bar available Packaging for Tape and Reel: 1,200 pcs. per reel
Outline Connector Dimensions
(Reverse Mount Type)
Recommended PCB Layout
(Reverse Mount Type)
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
A-63


▲Up To Search▲   

 
Price & Availability of FMS008-4000-R-EDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X