Part Number Hot Search : 
56F80 L3015 PT460F SF103 7B991 CM6807CR LT1P53A 2SC4002
Product Description
Full Text Search
 

To Download FLR380F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STRAP TYPE PPTC FLR Series
FEATURES
*Low profile, Solid State *Application: Rechargeable battery packs Lithium cell and battery packs *Operation Current: 1.9A ~ 7.3A *Maximum Voltage: 15V&20V *Temperature Range: -40C to 85C
RoHS
u
FEATURES
*UL (E211981) *C-UL (E211981) *TUV (R50004084)
ELECTRICAL CHARACTERISTIC (23C)
Part Number FLR190F FLR260F FLR380F FLR450F FLR550F FLR600F FLR730F Hold Current IH, A 1.9 2.6 3.8 4.5 5.5 6.0 7.3 Trip Current IT, A 3.9 5.8 8.3 8.9 10.5 11.7 14.1 Maximum time to trip at 5xIH, sec 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Current IMAX, A 100 100 100 100 100 100 100 Rated Voltage VMAX, Vdc 15 15 15 20 20 20 20 Typical Power Pd, W 1.2 2.5 2.5 2.5 2.8 2.8 3.3 RMIN Resistance Tolerance RMAX R1MAX OHMS 0.072 0.042 0.026 0.020 0.016 0.014 0.012 OHMS 0.102 0.630 0.370 0.028 0.022 0.019 0.015
OHMS 0.039 0.020 0.013 0.011 0.009 0.007 0.006
IH=Hold current-maximum current at which the device will not trip at 23C still air. IT=Trip current-maximum current at which the device will always trip at 23C still air. V MAX=Maximum voltage device can withstand without damage at its rated current. I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX). Pd=Typical power dissipated from device when in the tripped state in 23C still air environment. R MIN=Minimum device resistance at 23C. R1MAX=Maximum device resistance at 23C, 1 hour after tripping. Physical specifications: Lead materials: 0.13mm nominal thickness, quarter-hard nickel. Insulating material: Polyester tape.
FLR PRODUCT DIMENSIONS (MILLIMETERS)
Part Number FLR190F FLR260F FLR380F FLR450F FLR550F FLR600F FLR730F Fig 1 1 1 1 1 1 1 A Min Max Min 4.9 4.9 6.9 9.9 6.9 19.9 22.1 20.9 23.1 24.0 26.0 24.0 26.0 35.0 37.0 B 5.5 5.5 7.5 7.5 0.6 0.6 0.6 0.6 C 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.5 4.1 4.1 5.3 5.3 4.1 4.1 D 7.5 5.5 5.5 6.7 6.7 5.5 5.5 3.9 3.9 4.9 5.9 4.9 5.9 5.9 F 4.1 4.1 5.1 6.1 5.1 6.1 6.1 Max Min Max Min Max Min Max
10.5 0.6
24.0 26.0 13.9 14.5 0.6 27.1 29.1 13.9 14.5 0.6
THERMAL DERATING CURVE
Therm Der al ating C urve - FLR Ser ies
Percent of Rated Hold and Trip Current
200%
TYPICAL TIME-TO-TRIP AT 23C
AB
100
CD EFG
150%
Time-to-trip (S)
10
100%
1
50%
0.1
0.01
0% -40 -20 0 20 40 60 80
1
10 Fault Current (A)
100
A B C D E F G
= = = = = = =
FLR190 FLR260 FLR380 FLR450 FLR550 FLR600 FLR730
Amb ient Temp erature (C)
NOTE: All Specification subject to change without notice.
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C5EC03 REV 2007.03.1P


▲Up To Search▲   

 
Price & Availability of FLR380F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X