Part Number Hot Search : 
RFBC4 NH00M2 BTA316 AD1585B ZMM62 R1500 1N4454 P85N10
Product Description
Full Text Search
 

To Download FDS9431A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDS9431A_F085 P-Channel 2.5V Specified MOSFET
February 2010
FDS9431A_F085
P-Channel 2.5V Specified MOSFET
General Description
This P-Channel 2.5V specified MOSFET is produced using Fairchild's proprietary, high cell density, DMOS technology. This very high density process has been especially tailored to minimize on-state resistance and yet maintain superior switching performance.
tm
Features *
-3.5 A, -20 V. RDS(ON) = 0.130 @ VGS = -4.5 V RDS(ON) = 0.180 @ VGS = -2.5 V.
* * * * *
Fast switching speed. High density cell design for extremely low RDS(ON). High power and current handling capability. Qualified to AEC Q101 RoHS Compliant
Applications * * * *
DC/DC converter Power management Load switch Battery protection
D D
D
D
5 6 7
4 3 2 1
SO-8
S
S
S
G
8
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
T A=25 C unless otherwise noted
o
Parameter
Ratings
-20 8
(Note 1a)
Units
V V A W
-3.5 -18 2.5 1.2 1.0 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b) (Note 1c)
TJ, Tstg
Operating and Storage Junction Temperature Range
C
Thermal Characteristics
RqJA RqJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1)
50 25
C/W C/W
Package Marking and Ordering Information
Device Marking FDS9431A Device FDS9431A_F085 Reel Size 13''
1
Tape width 12mm
Quantity 2500 units
www.fairchildsemi.com
(c)2010 Fairchild Semiconductor Corporation FDS9431A_F085 Rev. A
FDS9431A_F085 P-Channel 2.5V Specified MOSFET
Electrical Characteristics
Symbol
BVDSS DBVDSS DTJ IDSS IGSSF IGSSR
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
(Note 2)
Test Conditions
VGS = 0 V, ID = -250 mA ID = -250 mA,Referenced to 25C VDS = -16 V, VGS = 0 V VGS = 8 V, VDS = 0 V VGS = -8 V, VDS = 0 V
Min
-20
Typ
Max Units
V
Off Characteristics
-28 -1 100 -100 mV/C mA nA nA
On Characteristics
VGS(th) DVGS(th) DTJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance
VDS = VGS, ID = -250 mA ID = -250 mA,Referenced to 25C VGS = -4.5 V, ID = -3.5 A VGS = -2.5 V, ID = -3.0 A VGS = -4.5 V, ID = -3.5 A TJ=125C VGS = -4.5 V, VDS =-5 V VDS = -5 V, ID = -3.5 A
-0.4
-0.6 2 0.110 0.140 0.155
-1
V mV/C
0.130 0.180 0.220
W W W A
ID(on) gFS
On-State Drain Current Forward Transconductance
-10 6.5
S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance
(Note 2)
VDS = -10 V, VGS = 0 V, f = 1.0 MHz
405 170 45
pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDD = -5 V, ID = -1 A, VGS = -4.5 V, RGEN = 6 W
6.5 20 31 21
13 35 50 35 8.5
ns ns ns ns nC nC nC
VDS = -5 V, ID = -3.5 A, VGS = -4.5 V
6 0.8 1.3
Drain-Source Diode Characteristics and Maximum Ratings
IS VSD Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage VGS = 0 V, IS = -2.1 A
(Note 2)
-2.1 -0.7 -1.2
A V
Notes: 1: RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a) 50 C/W when mounted on a 1 in2 pad of 2 oz. copper.
b) 105 C/W when mounted on a 0.04 in2 pad of 2 oz. copper.
c) 125 C/W on a minimum mounting pad.
Scale 1 : 1 on letter size paper 2: Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
FDS9431A_F085 Rev. A
2
www.fairchildsemi.com
FDS9431A_F085 P-Channel 2.5V Specified MOSFET
Typical Characteristics
10 VGS= -4.5V -ID, DRAIN CURRENT (A) 8 -3.5V
RDS(ON) , NORMALIZED
-2.5V
DRAIN-SOURCE ON-RESISTANCE
2
1.8
VGS = -2.0V
1.6
6
-2.5
1.4
4
-2.0V
-3.0
1.2
-3.5 -4.0 -4.5
2 -1.5V 0 0 1 2 3 4 5
1
0.8 0 2 4 6 8 10 -I D , DRAIN CURRENT (A)
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
1.6
DRAIN-SOURCE ON-RESISTANCE
0.5
V GS = -4.5V
1.4
1.2
R DS(ON) ,ON-RESISTANCE(OHM)
I D = -1.6A
I D = -0.8A
RDS(ON) , NORMALIZED
0.4
0.3
TJ = 125C
1
0.2
0.8
0.1
25C
0.6 -50
0
-25
0
25
50
75
100
125
150
1 -V
2
GS
3
4
5
TJ , JUNCTION TEMPERATURE (C)
,GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation withTemperature.
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
VDS = -5V
-I D , DRAIN CURRENT (A)
-I S , REVERSE DRAIN CURRENT (A)
10
10
TA = -55C 25C 125C
VGS = 0V
1
8
T = 125C J
0.1
6
25C -55C
4
0.01
2
0.001
0 0 1 2 3 4 -VGS , GATE TO SOURCE VOLTAGE (V)
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -V SD , BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDS9431A_F085 Rev. A
3
www.fairchildsemi.com
FDS9431A_F085 P-Channel 2.5V Specified MOSFET
Typical Characteristics
(continued)
5 I D = -1.6A -V GS , G ATE -S O U R CE VO LTAG E (V ) 4 V D S = -5V
2000
1000 C AP AC I TA NC E (pF)
-15V 3
500
Ciss
2
200
Coss f = 1 M Hz VG S = 0 V
0.2 0.5 1 2 5
1
100
Crss
10 20
0 0 2 4 Q g , G ATE C H ARG E (nC ) 6 8
50 0.1
-V DS , D R A IN T O S OU R CE V OLTA GE (V)
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
50
IT LI M
100
S( O N)
50
us
40
10 - I D , D R AI N C U R R EN T (A)
RD
1m 10 m
100
1s 10 s DC
s
POWER (W)
SINGLE PULSE o RJA= 125 C/W TA= 25 C
o
3
s
30
ms
0 .5
20
0. 05
VV == -4.5V GS S -4.5V G SINGLE PUL SE SING L E PULSE = 135 C/W RR J A = 125C/W JA TA A= 25C T = 2 5C
A
10
0. 01 0 .1
0 .3
1
2
5
10
30
0 0.001
0.01
0.1
1
10
100
1000
- VD S , DR A IN -SO UR C E V OLTA GE (V)
SINGLE PULSE TIME (SEC)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
TR ANSI ENT T ER M H AL RESISTANC E
1 0.5 0.2 0.1 0 .05 0 .02 0 .01 0. 05 0 0. 02 0 0. 01 0 0.0 001 0. 01 0 0 .01 0.1 t 1, TI ME (s e c ) 1 10 100 300
D= 0 .5 0 .2 0 .1 0. 5 0 0. 2 0 01 .0 S i n g le P ul s e
r(t), NORM AL IZED EFFECTIVE
R J A (t) = r(t) * R J A R J A= 125C /W
P(p k )
t1
t2
TJ - TA = P * RJA ( t ) D u t y C y c l e, D = t 1 /t 2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient themal response will change depending on the circuit board design.
FDS9431A_F085 Rev. A
4
www.fairchildsemi.com
FDS9431A_F085 P-Channel 2.5V Specified MOSFET
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. PowerTrench(R) AccuPowerTM The Power Franchise(R) FRFET(R) (R) Global Power ResourceSM PowerXSTM Auto-SPMTM Green FPSTM Programmable Active DroopTM Build it NowTM Green FPSTM e-SeriesTM QFET(R) CorePLUSTM TinyBoostTM QSTM GmaxTM CorePOWERTM TinyBuckTM Quiet SeriesTM GTOTM CROSSVOLTTM TinyCalcTM RapidConfigureTM IntelliMAXTM CTLTM TinyLogic(R) ISOPLANARTM Current Transfer LogicTM TM TINYOPTOTM (R) MegaBuckTM DEUXPEED TinyPowerTM Dual CoolTM Saving our world, 1mW/W/kW at a timeTM MICROCOUPLERTM TinyPWMTM EcoSPARK(R) SignalWiseTM MicroFETTM TinyWireTM EfficentMaxTM SmartMaxTM MicroPakTM TriFault DetectTM SMART STARTTM MicroPak2TM (R) TRUECURRENTTM* SPM(R) MillerDriveTM SerDesTM STEALTHTM MotionMaxTM Fairchild(R) SuperFETTM Motion-SPMTM Fairchild Semiconductor(R) SuperSOTTM-3 OptiHiTTM FACT Quiet SeriesTM UHC(R) SuperSOTTM-6 OPTOLOGIC(R) FACT(R) (R) Ultra FRFETTM (R) OPTOPLANAR SuperSOTTM-8 FAST (R) UniFETTM SupreMOSTM FastvCoreTM VCXTM SyncFETTM FETBenchTM VisualMaxTM Sync-LockTM FlashWriter(R) * PDP SPMTM XSTM (R)* FPSTM Power-SPMTM F-PFSTM
tm
tm
tm
*Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.Fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handing and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative / In Design Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I47
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production
FDS9431A_F085 Rev. A
5
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDS9431A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X