Part Number Hot Search : 
14515 IRFZ48V 2SD1611 74HCT190 C3042 7C102 B39182B MD105S
Product Description
Full Text Search
 

To Download EUM6261 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUM6261/6261A
1A /18V PWM Fan Motor Driver
DESCRIPTION
EUM6261/6261A is a fan motor driver for the single coil brushless DC motor. With its high efficient direct PWM control mode, EUM6261/6261A controls the speed of brushless DC motor with a built in HALL IC interface. EUM6261/6261A is suitable to drive variable speed motors for personal computer's power supply radiation fans and CPU coolers. EUM6261/6261A integrates PWM fan speed control, minimum speed mode, fan tachometer, lock protection, auto restart and Hall Bias functions. PWM mode controls fan speed in low noise and low vibration ways by adjusting RCTL voltage. EUM6261/6261A can set minimum fan speed by presetting RMIN voltage. EUM6261/6261A internally limits to the 10% lowest fan speed. If a fan motor is stalled by the external force or obstacles, overdrive current may incur coil overheat and burning. To prevent motor from overheating, the lock protection circuit shuts down the internal power devices for a few seconds after the motor lock is detected. Then the auto restart circuit resumes to power up the internal power devices. If the lock persists, EUM6261/6261A shuts off power devices for a few seconds. The lock protection delay time is externally programmable by a capacitor. EUM6261/6261A has built in motor rotation speed feedback (FG) output, motor rotation detection (RD) output and Hall sensor bias output.
FEATURES
Built in 18V Full-wave Fan Driver PWM Fan Speed Control Programmable Minimum Fan Speed Internal 10% Minimum Fan Speed Clamp Built in Soft Switching Function Built in Hall Bias Lock Protection and Auto Restart Fan Rotation Speed Feedback FG Output Fan Rotation Detection RD Output Thermal Shutdown Protection Available in TSSOP-16 Package RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Personal Computer's Power Supply Radiation Fans and CPU Coolers
Application Circuit
Figure 1. Typical Application Circuit
DS6261/6261A Ver1.1 Oct. 2008
1


▲Up To Search▲   

 
Price & Availability of EUM6261

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X