Part Number Hot Search : 
092316 01301 LA4585 2N5481 T74FCT ADM211AR NB2579A B66285K
Product Description
Full Text Search
 

To Download ESCC-5001DRL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5 W U l t r a m i n i a t u re Encapsulated Switching Power Supplies
Universal 85-265VAC Input High Efficiency Improved EMI Performance 3000V Isolation Single and Dual Outputs
ECA-5
series
UL60950-1, EN60950-1 & IEC60950-1
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT - PCB Mount ESCA-5000 3.3 VDC ESCA-5001 5 VDC ESCA-5002 12 VDC ESCA-5003 15VDC ESCA-5005 24VDC SINGLE OUTPUT - Chassis Mount ESCC-5000 3.3 VDC ESCC-5001 5 VDC ESCC-5002 12 VDC ESCC-5003 15VDC ESCC-5005 24VDC SINGLE OUTPUT - DIN Rail Mount ESCC-5000/DRL 3.3 VDC ESCC-5001/DRL 5 VDC ESCC-5002/DRL 12 VDC ESCC-5003/DRL 15VDC ESCC-5005/DRL 24VDC DUAL OUTPUT - PCB Mount EDCA-5006 +/-12VDC EDCA-5007 +/-15VDC DUAL OUTPUT - Chassis Mount EDCC-5006 +/-12VDC EDCC-5007 +/-15VDC DUAL OUTPUT - DIN Rail Mount EDCC-5006/DRL +/-12VDC EDCC-5007/DRL +/-15VDC
1.25A 1A 0.42A 0.33A 0.23A 1.25A 1A 0.42A 0.33A 0.23A 1.25A 1A 0.42A 0.33A 0.23A +/-0.21A +/-0.17A +/-0.21A +/-0.17A +/-0.21A +/-0.17A
1.56A 1.5A 0.63A 0.5A 0.35A 1.56A 1.5A 0.63A 0.5A 0.35A 1.56A 1.5A 0.63A 0.5A 0.35A +/-0.26A +/-0.21A +/-0.26A +/-0.21A +/-0.26A +/-0.21A
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 ASTRODYNE EUROPE: 353 51 561060
5 W U l t r a m i n i a t u re Medical Grade Encap sulated Switchers
Universal 85-265VAC Input High Efficiency Improved EMI Performance 4000V Isolation Single and Dual Outputs
EMA-5
series
UL60601, EN60601-1 & IEC60601-1
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT - PCB Mount ESMA-5000 3.3 VDC ESMA-5001 5 VDC ESMA-5002 12 VDC ESMA-5003 15VDC ESMA-5005 24VDC SINGLE OUTPUT - Chassis Mount ESMC-5000 3.3 VDC ESMC-5001 5 VDC ESMC-5002 12 VDC ESMC-5003 15VDC ESMC-5005 24VDC SINGLE OUTPUT - DIN Rail Mount ESMC-5000/DRL 3.3 VDC ESMC-5001/DRL 5 VDC ESMC-5002/DRL 12 VDC ESMC-5003/DRL 15VDC ESMC-5005/DRL 24VDC DUAL OUTPUT - PCB Mount EDMA-5006 +/-12VDC EDMA-5007 +/-15VDC DUAL OUTPUT - Chassis Mount EDMC-5006 +/-12VDC EDMC-5007 +/-15VDC DUAL OUTPUT - DIN Rail Mount EDMC-5006/DRL +/-12VDC EDMC-5007/DRL +/-15VDC
1.25A 1A 0.42A 0.33A 0.23A 1.25A 1A 0.42A 0.33A 0.23A 1.25A 1A 0.42A 0.33A 0.23A +/-0.21A +/-0.17A +/-0.21A +/-0.17A +/-0.21A +/-0.17A
1.56A 1.5A 0.63A 0.5A 0.35A 1.56A 1.5A 0.63A 0.5A 0.35A 1.56A 1.5A 0.63A 0.5A 0.35A +/-0.26A +/-0.21A +/-0.26A +/-0.21A +/-0.26A +/-0.21A
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 ASTRODYNE EUROPE: 353 51 561060
5 W U l t r a m i n i a t u re Encapsulated Switching Power Supplies
INPUT SPECIFICATIONS
Input Voltage Range Frequency Range Inrush Current, typ: 90-264 VAC 47-63 Hz 20A@100V, 40A@200V Input *
ECA-5
3KVAC, (4KVAC Medical) 2500VAC 1000VAC 75%~78%, typ 100Khz, (fixed, typical)
series
GENERAL SPECIFICATIONS
Input-Out Isolation I/P-Ground O/P-Ground Efficiency Switching Frequency
OUTPUT SPECIFICATIONS
Voltage and Current Load Regulation (20%-FL) Line Regulation Cross Regulation (Duals) Preset Accuracy DC Voltage Adjust (typ) Temperature Coefficient Ripple/Noise Over Voltage Protection Over Temp. Protection Short Circuit Protection Hold Up Time See Selection Chart Singles: +/- 3%, Duals: +/- 3% Singles +/- 0.1~1%, typ Duals +/- 0.3~1%, typ 2% 1% +/- 10% of FS (Primary) +/-0.03%/C 100mV Pk-Pk, typ Clamp, 130-150% * Latching, Cool and Repower Continuous, self-recovering 20 mS, typ
PHYSICAL SPECIFICATIONS
PCB Mount Chassis Mount Case Material Construction Weight PCB / CHA Size 2.28L" x 1.77W" x 0.83H" 3.77L" x 2.16W" x 1.0H" Rynite, 94V-0 Rated Encapsulated. Soft Pot 4 oz (112g) / 8.5 oz (238g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Storage Temperature Relative Humidity EMC / EMI MTBF 0 to +70C (See Derate) -25 to +71C * 0 to + 95%, non-cond * FCC/A, VDE 0871/A , CISPRB (Mil Std 217, 25C) 180,000 Hrs
All specifications are typical at nominal input, full load, and 25C unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 ASTRODYNE EUROPE: 353 51 561060
5 W U l t r a m i n i a t u re Encapsulated Switching Power Supplies
OUTPUT DERATING CURVE
100 90 80 70 Load, % 60 50 40 30 20 0 10 20 30 40 50 60 70
ECA-5
series
Ambient Temperature, C
MECHANICAL DIMENSIONS
1.85 [47.00]
Model Type / Pin#
0.040 [1.02] DIA. TYP.
Single AC HI AC LO GND +Vout No Pin -Vout
Dual AC HI AC LO GND +Vout Out Com -Vout
1.77 [45.0]
2.28 [57.9]
0.20 [5.1]
1 2 3 6 8 9
.XX 0.02 [0.508] .XXX 0.01 [0.253]
0.83 [21.0]
Tolerance:
Dimensions shown in inch [mm] 0.12 [5.3] 1.85 [47.0]
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 ASTRODYNE EUROPE: 353 51 561060
5 W U l t r a m i n i a t u re Encapsulated Switching Power Supplies
MECHANICAL DIMENSIONS - CHASSIS MOUNT
ECA-5
series
4 1 2 3 5 6 7 8 9
MECHANICAL DIMENSIONS - DIN RAIL
0.350 [8.89]
Model Type / Pin# 1 2 3 4 5 6 7 8 9
Single AC LO GND AC HI N/C -Vout -Vout +Vout +Vout N/C
Dual AC LO GND AC HI N/C -Vout Com Com +Vout N/C
DIN Rail mounting kit available for Chassis-mount modules, specify part # M-DRL-01. Kit includes mounting plate, DIN Rail cliip and assembly hardware.
0.100 [2.54]
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 ASTRODYNE EUROPE: 353 51 561060


▲Up To Search▲   

 
Price & Availability of ESCC-5001DRL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X