![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power Inductor ELECTRONICS INC. EPA3964 & EPA3964-LF * Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications * Add "-LF" after part number for Lead Free * Storage Temperature : -40C to +125C * Operating Temperature : 0C to +70C * UL 1446 Class B Insulation System * 500 KHz Switching Frequency Primary Specification Connection Inductance (H 15%) @ Idc 2.33 0.58 DCR ( Typ.) .0046 .0011 Idc (Amps) 11.9 23.8 Inductance (H 15%) @ Odc 3.67 0.92 Vt (V-sec) @ 500 KHz 2.0 1.0 Temp. Rise (C Typ.) @ Vt1 58 58 Series Parallel Package Schematic 1 2 4 3 .580 Max. (14.73) .570 Typ. (14.48) 1 3 .250 .050 (6.35 1.27) 2 4 .825 (20.95) .350 Max. (8.89) .125 (3.18) Coplanarity : Within 0.004" Max. (Toe and Heel) Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight 5. Packaging Information (Tray) EPA3964 SnPb 260C (Unlimited, 30C/60%RH) EPA3964-LF SnCu 260C (Unlimited, 30C/60%RH) MSL = 1 MSL = 1 3.85 grams 80 pieces/tray 3.85 grams 80 pieces/tray Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSA3964 & -LF Rev. A4 3/6/08 WC TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPA3964-LF
![]() |