Part Number Hot Search : 
ACS573MS 1654P ST9013 TC143E LF198A LY62L 1654P VA2656
Product Description
Full Text Search
 

To Download DRS-09P12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D Series (Standard D-Sub)
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temp.: 5,000M min. 1,000 V AC 20m max. 5A -55C to +105C 260C / 3 sec.
90 Solder Dip - Short Distance (Male / Female 5.08mm)
Part Number (Details) D
Series Terminal Version: RS = 5.08mm (Distance) No. of Contact Pins P = Male (9 pins only) S = Female (25 pins only) PCB Assembly: 1 = With Snap-in Connection Assembly: 2 = Clinch Nut Rivetted, 4-40 (Without Female Screw Locks) For Special Platings
RS - *
* 1 2-*
Materials and Finish
Insulator: Contacts: Shell: Plating: PBT (glass filled) , UL94V-0 Phoshor Bronze Ni plated Gold over Nickel
Outline Connector Dimensions (Female 25 pins)
B C
A
Outline Connector Dimensions (Male 9 pins)
Recommended PCB Layouts
Male 9 pins Female 25 pins
Top View
Part Number
DRS-09P12-* DRS-25S12-*
Sockets and Connectors
No. of Contacts
9 25
A
30.85 53.00
B
24.95 47.04
C
16.92 38.38
Trading Division
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of DRS-09P12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X