Part Number Hot Search : 
MV1403 DM135 AD587 120DC 4740A BPW42 015A011 2SJ533
Product Description
Full Text Search
 

To Download DO5010H-103ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 284-1
SMT Power Inductors - DO5010H Series
* Irms ratings up to 15 A; saturation currents up to 30 A * Heavy gauge wire for low DC resistance
Designer's Kit C355 contains 3 of each part Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS compliant tin-silver over copper. Other terminations available at additional cost. Weight 3.2 - 4.0 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 250 per 13 reel Plastic tape: 32 mm wide, 0.38 mm thick, 24 mm pocket spacing, 7.8 mm pocket depth PCB washing Only pure water or alcohol recommended DCR max (mOhm) 2.6 4.0 6.1 8.6 10 14 17 18 26 28 32 47 66 86 130 190 250 380 560 850 1100 1800 SRF typ3 (MHz) 156 100 75 60 55 40 35 35 28 26 20 20 15 9 8 7 6 5 4 3 2.5 2.0
1. When ordering, please specify termination and packaging codes:
Part Number1 DO5010H-781ML_ DO5010H-152ML_ DO5010H-222ML_ DO5010H-332ML_ DO5010H-392ML_ DO5010H-472ML_ DO5010H-602ML_ DO5010H-782ML_ DO5010H-103ML_ DO5010H-123ML_ DO5010H-153ML_ DO5010H-223ML_ DO5010H-333ML_ DO5010H-473ML_ DO5010H-683ML_ DO5010H-104ML_ DO5010H-154ML_ DO5010H-224ML_ DO5010H-334ML_ DO5010H-474ML_ DO5010H-684ML_ DO5010H-105ML_
Inductance2 20% (H) 0.78 1.5 2.2 3.3 3.9 4.7 6.0 7.8 10 12 15 22 33 47 68 100 150 220 330 470 680 1000
Isat4 (A) 30 25 20 17 15 13 12 11 10 8.5 8.0 7.0 5.5 4.5 3.5 3.0 2.6 2.4 1.9 1.4 1.2 1.0
Irms5 (A) 15 15 12 10 9.0 8.4 7.5 7.5 6.0 5.2 4.4 3.5 3.0 2.6 2.3 1.8 1.5 1.2 1.0 0.82 0.72 0.56
DO5010H-105MLD Termination: L = RoHS compliant tin-silver over copper. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: D = 13 machine-ready reel. EIA-481 embossed plastic tape. B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4284A LCR meter or equivalent. 3. SRF measured using Agilent/HP 8753D network analyzer. 4. DC current at which the inductance drops 10% (typ) from its value without current. 5. Current that causes a 40C temperature rise from 25C ambient. 6. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 284-1
Revised 10/14/08
(c) Coilcraft, Inc. 2009
Document 284-2
SMT Power Inductors - DO5010H Series
Typical L vs Frequency
10000
Typical L vs Current
10000
1000
1000 H
1000 H
1000
Inductance (H)
Inductance (H)
100
100 H
100
100 H
10
10 H
10
10 H
1
0.78 H
1
0.78 H
0.1 0.01 0.1 1 10
0.1 0.1 1 10 100
Frequency (MHz)
Current (A)
Irms Derating
120 110 100
Note
0.500 12,70
Note: Maximum height: 0.315 for -781 to -153 8,00 0.300 for -223 to -683 7,62 0.280 for -104 to -105 7,11
Percent of rated Irms
90 80 70 60 50 40
0.600 max 15,24
0.730 max 18,54 0.561 min 14,25
0.075 1,90 0.250 6,35 0.200 max 5,08 0.626 15,90
25C
30 20 10 0 -40 -20 0 20
0.065 max 1,65 0.710 max 18,03
Recommended Land Pattern
Dash number
Internal code
40
60
80
100
120 140
Ambient temperature (C)
XXX
Part Marking
Part marking since Feb. 2005. Parts manufactured prior to that date may have color dots. Visit www.coilcraft.com/colrpowr.cfm for details.
X
Dimensions are in
inches mm
Specifications subject to change without notice. Please check our website for latest information.
Document 284-2
Revised 10/14/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of DO5010H-103ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X