Part Number Hot Search : 
2VP20 A12BB W20J4R IP2524B TC9149 XL4301E1 R2J10 TTINY2
Product Description
Full Text Search
 

To Download DL2NF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DL
SPECIFICATIONS
Electrical Ratings Electrical Life Contact Resistance Dielectric Strength Insulation Resistance Operating Force See Contract Options 100,000 cycles typical < 50 m max initial @ 2-4VDC, 100mA 2000Vrms min > 100M min 2 Pole: 350 +/- 100gF, 200 +/- 100gF 4 Pole: 450 +/- 100gF, 400 +/- 100gF 6 Pole: 550 +/- 100gF, 450 +/- 100Gf 8~16 Pole : 650 +/- 150gF -40C to 85C -40C to 85C
Operating Temperature Storage Temperature
MATERIALS RoHS COMPLIANT
Actuator Housing Terminal Base Contacts Terminals Chassis Spring Latching Pin POM PC Phenolic Phosphor Bronze, Ag or Au+Ni plated Brass, Ag or Au+Ni plated Steel Steel Steel
ORDERING INFORMATION
Series: DL 4 S N F DL Number of Poles: 2 = DPDT 4 = 4PDT 6 = 6PDT 8 = 8PDT 10 = 10PDT 16 = 16PDT ** stacking switch part numbers are: DL2LAQ/4LAQ (Soft touch = DL2SLAQ/4SLAQ) DL2LAQ/6LAQ (Soft touch = DL2SLAQ/6SLAQ) Actuation Force Options: None = Standard Force S = Soft Touch Switch Function: N = Non-latching L = Latching Terminal Options: A, F, E, C, G Mounting Options: Blank = No Chassis (standard) B = Mounting Chassis, Single Stage, 3.2mm dia Mounting Holes C = Mounting Chassis, Single Stage, M3X0.5 Threaded Mounting Holes ** Multi-Stage Switch Assembly Part Numbers Assigned At Factory Contact Material: Q = Silver R = Gold Caps: C14 C20 C28 Blank = No Cap C15 C21 C29 C11 C16 C22 C12 C18 C26 **See Cap Options for color availability C13 C19 C27
B
Q
C13
www.citswitch.com
page 129 phone - 763.535.2339 fax - 763.535.2194
DL
DIMENSIONS SCHEMATIC & PC LAYOUT
Number of Poles 2 4 6 8 10 16 "L" mm 24.8 36.8 48.8 60.8 72.8 108.8 "P" 6 12 18 24 30 48 "A" mm 8 16 24 32 40 64
TERMINAL OPTIONS & ACTUATOR DETAIL
MOUNTING OPTIONS
STACKING SWITCHES
DL2LAQ/4LAQ (soft touch = DL2SLAQ/4SLAQ)
B = 3.2mm mounting holes, C = M3X0.5 mounting holes
DL2LAQ/6LAQ (soft touch = DL2SLAQ/DL6SLAQ)
www.citswitch.com
page 130 phone - 763.535.2339 fax - 763.535.2194
DL
CONTACT OPTIONS
Designator Q R Contact Material Silver Plating Gold over Nickel Plating Terminal Material Silver Plating Gold over Nickel Plating Electrical Ratings 500mA @ 120VAC, 1A @ 28VDC 0.4VA max @ 20VAC or VDC max
CAP OPTIONS
C11_
1 = White, 2 = Black, 3 = Red, 9 = Gray Contact Factory for other available colors
C12_
1 = White, 2 = Black, 3 = Red, 9 = Gray Contact Factory for other available colors
C13_
1 = White, 2 = Black, 3 = Red, 9 = Gray Contact Factory for other available colors
C14_
1 = White, 2 = Black, 3 = Red, 9 = Gray Contact Factory for other available colors
C15_
2 = Black, 0 = Clear Contact Factory for other available colors
C16_
1 = White, 2 = Black, 3 = Red, 7 = Blue Contact Factory for other available colors
C18_
1 = White, 2 = Black, 9 = Light Gray Contact Factory for other available colors
C19_
1 = White, 2 = Black, 3 = Red, 8 = Dark Gray Contact Factory for other available colors
C20_ _
Housing Color: 2 = Black, 9 = Light Gray Indicator Color: 1 = White, 4 = Yellow, 5 = Green, 7 = Blue Contact Factory for other available colors
C21_ _
Housing Color: 2 = Black, 9 = Light Gray Indicator Color: 1 = White, 4 = Yellow, 5 = Green, 7 = Blue Contact Factory for other available colors
www.citswitch.com
page 131 phone - 763.535.2339 fax - 763.535.2194
DL
CAP OPTIONS
C22_
2 = Black, 8 = Dark Gray, 9 = Light Gray Contact Factory for other available colors
C26_
1 = White, 2 = Black, 3 = Red, 9 = Light Gray Contact Factory for other available colors
C27_
1 = White, 2 = Black, 3 = Red, 9 = Light Gray Contact Factory for other available colors
C28_
1 = White, 2 = Black, 3 = Red Contact Factory for other available colors
C29_ _
Housing Color: 2 = Black Indicator Color: 1 = White, 4 = Yellow, 5 = Green, 7 = Blue Contact Factory for other available colors
MULTI-STAGE CHASSIS PART NUMBERS ASSIGNED AT THE FACTORY
BRACKET LENGTH & MOUNTING PITCH
Pitch (C) 10mm 12.5mm 15mm 17.5mm 20mm 25mm 30mm 1
L1 18 L2 24 L1 30 32.5 35 37.5 40 45 50
2
L2 36 38.5 41 43.5 46 51 56 L1 40 45 50 55 60 70 80
Number of Positions 3 4
L2 46 51 56 61 66 76 86 L1 50 57.5 65 72.5 80 95 110 L2 56 63.5 71 78.5 86 101 116 L1 60 70 80 90 100 120 140
5
L2 66 76 86 96 106 126 146 L1 70 82.5 95 107.5 120 145 170
6
L2 76 88.5 101 113.5 126 151 176
www.citswitch.com
page 132 phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of DL2NF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X