Part Number Hot Search : 
C2299 LA5657H LM2902M CNX39U 74053 DDZ20C HL6316G DTRPBF
Product Description
Full Text Search
 

To Download CY28400-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY28400-2
100-MHz Differential Buffer for PCI Express and SATA
Features
* CK409 and CK410 companion buffer * Four differential 0.7V clock output pairs * OE_INV input for inverting OE, PWRDWN, and SRC_STP active levels * Individual OE controls * Low CTC jitter (< 50 ps) * Programmable bandwidth * SRC_STP power management control * SMBus Block/Byte/Word Read and Write support * 3.3V operation * PLL Bypass-configurable * Divide by 2 programmable outputs * 28-pin SSOP and TSSOP packages
Functional Description
The CY28400-2 is a differential buffer and serves as a companion device to the CK409 or CK410 clock generator. The device is capable of distributing the Serial Reference Clock (SRC) in PCI Express and SATA implementations.
Block Diagram
Pin Configuration
OE_INV OE_1, OE_6 SRC_STP PWRDWN
DIFT1
Output Control
DIFC1
DIFT2 SCLK SDATA
SMBus Controller Output Buffer
DIFC2
PLL/BYPASS# SRCT_IN SRCC_IN
DIFT5 DIFC5
VDD SRCT_IN SRCC_IN VSS VDD DIFT1 DIFC1 OE_1 DIFT2 DIFC2 VDD PLL/BYPASS# SCLK SDATA
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27
26
25 24 23 22 21 20 19 18 17 16 15
VDD_A VSS_A IREF OE_INV VDD DIFT6 DIFC6 0E_6 DIFT5 DIFC5 VDD HIGH_BW# SRC_STP PWRDWN
DIV
HIGH_BW#
DIFT6 DIFC6
28 SSOP/TSSOP
CY28400-2
PLL
Cypress Semiconductor Corporation Document #: 38-07722 Rev *C
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised October 27, 2005
CY28400-2
Pin Description
Pin 2,3 Name SRCT_IN, SRCC_IN Type I,DIF 0.7V Differential inputs Description
6,7;9,10;20,19; DIF[T/C][2:1] & [6:5] 23,22 8,21 OE_1, OE_6
O,DIF 0.7V Differential Clock Outputs I,SE 3.3V LVTTL input for enabling differential outputs Active HIGH if OE_INV = 0 Active LOW if OE_INV = 1 3.3V LVTTL input for selecting PLL bandwidth 0 = High BW, 1 = Low BW 3.3V LVTTL input for Power Down Active LOW if OE_INV = 0 Active HIGH if OE_INV = 1 3.3V LVTTL input for SRC_STP. Disables stoppable outputs. Active LOW if OE_INV = 0 Active HIGH if OE_INV = 1 SMBus Slave Clock Input A precision resistor is attached to this pin to set the differential output current 3.3V LVTTL input for selecting fan-out or PLL operation 3.3V Power Supply for PLL Ground for PLL Ground for outputs 3.3V power supply for outputs Input strap for setting polarity of OE_[7:0], SRC_STP, and PWRDWN
17 15
HIGH_BW# PWRDWN
I,SE I,SE
16
SRC_STP
I,SE
13 14 26 12 28 27 4 1,5,11,18,24 25
SCLK SDATA IREF PLL/BYPASS# VDD_A VSS_A VSS VDD OE_INV
I,SE I I PWR GND GND PWR I, SE
I/O,OC Open collector SMBus data
Serial Data Interface
To enhance the flexibility and function of the clock buffer, a two-signal serial interface is provided. Through the Serial Data Interface, various device functions, such as individual clock output buffers, can be individually enabled or disabled. The registers associated with the Serial Data Interface initialize to their default setting upon power-up, and therefore use of this interface is optional. Clock device register changes are normally made upon system initialization, if any are required. The interface cannot be used during system operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read, block write, and block read operations from the controller. For block write/read operation, the bytes must be accessed in sequential order from lowest to highest byte (most significant bit first) with the ability to stop after any complete byte has been transferred. For byte write and byte read operations, the system controller can access individually indexed bytes. The offset of the indexed byte is encoded in the command code, as described in Table 1. The block write and block read protocol is outlined in Table 2 while Table 3 outlines the corresponding byte write and byte read protocol. The slave receiver address is 11011100 (DCh).
Table 1. Command Code Definition Bit 7 (6:0) 0 = Block read or block write operation 1 = Byte read or byte write operation Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be '0000000' Description
Table 2. Block Read and Block Write Protocol Block Write Protocol Bit 1 2:8 Start Slave address - 7 bits Description Bit 1 2:8 Start Slave address - 7 bits Block Read Protocol Description
Document #: 38-07722 Rev *C
Page 2 of 16
CY28400-2
Table 2. Block Read and Block Write Protocol (continued) Block Write Protocol Bit 9 10 11:18 19 20:27 28 29:36 37 38:45 46 .... .... .... .... Write = 0 Acknowledge from slave Command Code - 8 bits '00000000' stands for block operation Acknowledge from slave Byte Count from master - 8 bits Acknowledge from slave Data byte 0 from master - 8 bits Acknowledge from slave Data byte 1 from master - 8 bits Acknowledge from slave Data bytes from master/Acknowledge Data Byte N - 8 bits Acknowledge from slave Stop Description Bit 9 10 11:18 19 20 21:27 28 29 30:37 38 39:46 47 48:55 56 .... .... .... .... Table 3. Byte Read and Byte Write Protocol Byte Write Protocol Bit 1 2:8 9 10 11:18 Start Slave address - 7 bits Write = 0 Acknowledge from slave Command Code - 8 bits '100xxxxx' stands for byte operation, bits[6:0] of the command code represents the offset of the byte to be accessed Acknowledge from slave Data byte from master - 8 bits Acknowledge from slave Stop Description Bit 1 2:8 9 10 11:18 Start Slave address - 7 bits Write = 0 Acknowledge from slave Command Code - 8 bits '100xxxxx' stands for byte operation, bits[6:0] of the command code represents the offset of the byte to be accessed Acknowledge from slave Repeat start Slave address - 7 bits Read = 1 Acknowledge from slave Data byte from slave - 8 bits Acknowledge from master Stop Byte Read Protocol Description Write = 0 Acknowledge from slave Command Code - 8 bits '00000000' stands for block operation Acknowledge from slave Repeat start Slave address - 7 bits Read = 1 Acknowledge from slave Byte count from slave - 8 bits Acknowledge from host Data byte 0 from slave - 8 bits Acknowledge from host Data byte 1 from slave - 8 bits Acknowledge from host Data bytes from slave/Acknowledge Data byte N from slave - 8 bits Acknowledge from host Stop Block Read Protocol Description
19 20:27 28 29
19 20 21:27 28 29 30:37 38 39
Byte 0: Control Register 0 Bit 7 6 @pup 0 0 Name PWRDWN Drive Mode SRC_STP Drive Mode Description Power Down drive mode 0 = Driven when stopped, 1 = Tri-state SRC Stop drive mode 0 = Driven when stopped, 1 = Tri-state Page 3 of 16
Document #: 38-07722 Rev *C
CY28400-2
Byte 0: Control Register 0 (continued) Bit 5 4 3 2 1 0 @pup 0 0 0 1 1 1 Reserved Reserved Reserved HIGH_BW# PLL/BYPASS# SRC_DIV2# Name Reserved Reserved Reserved HIGH_BW# 0 = High Bandwidth, 1 = Low bandwidth PLL/BYPASS# 0 = Fanout buffer, 1 = PLL mode SRC_DIV2# configures output frequency at half the input frequency 0 = Divided by 2 mode (output = input/2),1 = Normal (output = input) Description
Byte 1: Control Register 1 Bit 7 6 @pup 1 1 Reserved OE_6 Name Reserved DIF[T/C]6 Output Enable 0 = Disabled (Tri-state) 1 = Enabled DIF[T/C]5 Output Enable 0 = Disabled (Tri-state) 1 = Enabled Reserved Reserved DIF[T/C]2 Output Enable 0 = Disabled (Tri-state) 1 = Enabled DIF[T/C]1 Output Enable 0 = Disabled (Tri-state) 1 = Enabled Reserved Description
5
1
OE_5
4 3 2
1 1 1
Reserved Reserved OE_2
1
1
OE_1
0
1
Reserved
Byte 2: Control Register 2 Bit 7 6 @pup 0 0 Reserved SRC_STP_DIF[T/C]6 Name Reserved Allow Control DIF[T/C]6 with assertion of SRC_STP 0 = Free-running 1 = Stopped with SRC_STP Allow Control DIF[T/C]5 with assertion of SRC_STP 0 = Free-running 1 = Stopped with SRC_STP Reserved Reserved Allow Control DIF[T/C]2 with assertion of SRC_STP 0 = Free-running 1 = Stopped with SRC_STP Allow Control DIF[T/C]1 with assertion of SRC_STP 0 = Free-running 1 = Stopped with SRC_STP Reserved Description
5
0
SRC_STP_DIF[T/C]5
4 3 2
0 0 0
Reserved Reserved SRC_STP_DIF[T/C]2
1
0
SRC_STP_DIF[T/C]1
0
0
Reserved
Document #: 38-07722 Rev *C
Page 4 of 16
CY28400-2
Byte 3: Control Register 3 Bit 7 6 5 4 3 2 1 0 @pup 0 0 0 0 0 0 0 0 Name Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Description
Byte 4: Vendor ID Register Bit 7 6 5 4 3 2 1 0 @Pup 0 0 0 0 1 0 0 0 Name Revision Code Bit 3 Revision Code Bit 2 Revision Code Bit 1 Revision Code Bit 0 Vendor ID Bit 3 Vendor ID Bit 2 Vendor ID Bit 1 Vendor ID Bit 0 Description
Byte 5: Control Register 5 Bit 7 6 5 4 3 2 1 0 @Pup 0 0 0 0 0 0 0 0 Name Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Description
OE_INV Clarification
The OE_INV pin is an input strap sampled at power-on. The functionality of this input is to set the active level polarities for OE_1, OE_6, PWRDWN, and SRC_STP input pins. `Active HIGH' indicates the functionality of the input is asserted when the input voltage level at the pin is high and deasserted when the voltage level at the input is low. `Active LOW' indicates that the functionality of the input is asserted when the voltage level at the input is low and deasserted when the voltage level at the input pin is high. See VIH and VIL in the DC Electrical Specifications for input voltage high and low ranges. OE_INV 0 1 PWRDWN Active LOW Active HIGH SRC Active LOW Active HIGH OE_1, OE_6 Active HIGH Active LOW
PWRDWN Clarification
The PWRDWN pin is an asynchronous input used to shut off all clocks cleanly and instruct the device to evoke power savings mode. It may be active HIGH or active LOW depending on the strapped value of the OE_INV input. The PWRDWN pin should be asserted prior to shutting off the input clock or power to ensure all clocks shut down in a glitch-free manner. This signal is synchronized internal to the device prior to powering down the clock buffer. PWRDWN is an asynchronous input for powering up the system. When the PWRDWN pin is asserted, all clocks will be held high or tri-stated (depending on the state of the control register drive mode and OE bits) prior to turning off the VCO. All clocks will start and stop without any abnormal behavior and meet all AC and DC parameters. This means no glitches, frequency shifting or amplitude abnormalities among others.
Document #: 38-07722 Rev *C
Page 5 of 16
CY28400-2
OE_INV 0 0 1 1 PWRDWN 0 1 0 1 Mode Power Down Normal Normal Power Down programmed to `0', all clock outputs will be held with the DIFT pin driven high at 2 x Iref and DIFC tri-stated. However, if the control register PWRDWN Drive Mode bit is programmed to `1', then both DIFT and the DIFC are tri-stated.
PWRDWN--Deassertion
The power-up latency is less than 1 ms. This is the time from the deassertion of the PWRDWN pin or the ramping of the power supply or the time from valid SRC_IN input clocks until the time that stable clocks are output from the buffer chip (PLL locked). IF the control register PWRDWN Drive Mode bit is programmed to `1', all differential outputs must be driven high in less than 300 s of the power down pin deassertion to a voltage greater than 200 mV.
PWRDWN--Assertion
When the power-down pin is sampled as being asserted by two consecutive rising edges of DIFC, all DIFT outputs will be held high or tri-stated (depending on the state of the control register drive mode and OE bits) on the next DIFC high to low transition. When the SMBus PWRDWN Drive Mode bit is
PWRDWN DIFT DIFC
Figure 1. PWRDWN Assertion Diagram, OE_INV = 0
PWRDWN DIFT DIFC
Figure 2. PWRDWN Assertion Diagram, OE_INV = 1
Tstable <1 ms
PWRDWN DIFT DIFC
Tdrive_Pwrdwn# <300 s, >200 mV
Figure 3. PWRDWN Deassertion Diagram, OE_INV = 0
Tstable <1 ms
PWRDWN DIFT DIFC
Tdrive_Pwrdwn# <300 s, >200 mV
Figure 4. PWRDWN Deassertion Diagram, OE_INV = 1
Document #: 38-07722 Rev *C
Page 6 of 16
CY28400-2
Table 4. Buffer Power-up State Machine State 0 1 2[1] 3[2,3,4] 3.3V Buffer power off After 3.3V supply is detected to rise above 1.8V - 2.0V, the buffer enters state 1 and initiates a 0.2-ms-0.3-ms delay Buffer waits for PWRDWN deassertion (and waits for a valid clock on the SRC_IN input in PLL mode) Once the PLL is locked to the SRC_IN input clock, the buffer enters state 3 and enables outputs for normal operation Description
Figure 5. Buffer Power-up State Diagram
SRC_STP Clarification
The SRC_STP signal is an asynchronous input used for clean stopping and starting the DIFT/C outputs. This input can be Active HIGH or Active LOW based on the strapped value of the OE_INV input. The SRC_STP signal is a debounced signal in that its state must remain unchanged during two consecutive rising edges of DIFC to be recognized as a valid assertion or deassertion. (The assertion and deassertion of this signal is absolutely asynchronous.) In the case where the output is disabled via OE control, the output will always be tri-stated regardless of the SRC_STP Drive Mode register bit state. Table 5. SRC_STP Functionality[4] OE_INV 0 0 1 1 SRC_STP 1 0 1 0 DIFT Normal Iref * 6 or Float Iref * 6 or Float Normal DIFC Normal Low Low Normal
SRC_STP Assertion
The impact of asserting the SRC_STP pin is that all DIF outputs that are set in the control registers to stoppable via assertion of SRC_STP are stopped after their next transition. When the control register SRC_STP tri-state bit is programmed to `0', the final state of all stopped DIFT/C signals is DIFT clock = High and DIFC = Low. There will be no change to the output drive current values, DIFT will be driven high with a current value equal 6 x Iref, and DIFC will not be driven. When the control register SRC_STP three-state bit is programmed to `1', the final state of all stopped DIF signals is low, both DIFT clock and DIFC clock outputs will not be driven.
Notes: 1. Disabling of the SRCT_IN input clock prior to assertion of PWRDWN is an undefined mode and not recommended. Operation in this mode may result in glitches excessive frequency shifting. 2. The total power up latency from power-on to all outputs active is less than 1 ms (assuming a valid clock is present on SRC_IN input). 3. In PLL Mode, if power is valid and PWRDWN is deasserted but no input clocks are present on the SRC_IN input, DIF clocks will remain disabled. Only after valid input clocks are detected, valid power, PWRDWN deasserted with the PLL locked and stable, are the DIF outputs enabled. 4. In the case where OE is asserted low, the output will always be three-stated regardless of SRC_STP drive mode register bit state.
Document #: 38-07722 Rev *C
Page 7 of 16
CY28400-2
SRC_STP Deassertion
All differential outputs that were stopped will resume normal operation in a glitch-free manner. The maximum latency from the deassertion to active outputs is between 2-6 DIFT/C clock periods (2 clocks are shown) with all DIFT/C outputs resuming simultaneously. If the control register tri-state bit is programmed to `1' (tri-state), then all stopped DIFT outputs will be driven high within 15 ns of SRC_STP deassertion to a voltage greater than 200 mV.
1 ms SRC_STP PWRDWN DIFT(Free Running DIFC(Free Running DIFT (Stoppable) DIFC (Stoppable)
Figure 6. SRC_STP = Driven, PWRDWN = Driven, OE_INV = 0
1 ms SRC_STP PWRDWN DIFT(Free Running DIFC(Free Running DIFT (Stoppable) DIFC (Stoppable)
Figure 7. SRC_STP = Tri-state, PWRDWN = Driven, OE_INV = 0
1 ms SRC_STP PWRDWN DIFT(Free Running DIFC(Free Running DIFT (Stoppable) DIFC (Stoppable)
Figure 8. SRC_STP = Tri-state, PWRDWN = Tri-state, OE_INV = 0
Document #: 38-07722 Rev *C
Page 8 of 16
CY28400-2
1 ms SRC_STP PWRDWN DIFT(Free Running DIFC(Free Running DIFT (Stoppable) DIFC (Stoppable)
Figure 9. SRC_STP = Driven, PWRDWN = Driven, OE_INV = 1
1 ms SRC_STP PWRDWN DIFT(Free Running DIFC(Free Running DIFT (Stoppable) DIFC (Stoppable)
Figure 10. SRC_STP = Tri-state, PWRDWN = Driven, OE_INV = 1
1 ms SRC_STP PWRDWN DIFT(Free Running DIFC(Free Running DIFT (Stoppable) DIFC (Stoppable)
Figure 11. SRC_STP = Tri-state, PWRDWN = Tri-state, OE_INV = 1
Output Enable Clarification
OE functionality allows for enabling and disabling individual outputs. OE_1 and OE_6 are Active HIGH or Active LOW inputs depending on the strapped value of the OE_INV input. Disabling the outputs may be implemented in two ways, via writing a `0' to SMBus register bit corresponding to output of interest or by deasserting the OE input pin. In both methods, if SMBus registered bit has been written low or the OE pin is deasserted or both, the output of interest will be tri-stated. (The assertion and deassertion of this signal is absolutely asynchronous.)
Table 6. OE Functionality OE_INV 0 0 0 0 1 1 1 1 OE (Pin) 0 0 1 1 0 0 1 1 OE (SMBus Bit) 0 1 0 1 0 1 0 1 DIF[T/C] Tri-State Tri-State Tri-State Enabled Tri-State Enabled Tri-State Tri-State
Document #: 38-07722 Rev *C
Page 9 of 16
CY28400-2
OE Assertion
All differential outputs that were tri-stated will resume normal operation in a glitch-free manner. The maximum latency from the assertion to active outputs is between 2-6 DIF clock periods. In addition, DIFT clocks will be driven high within 15 ns of OE assertion to a voltage greater than 200 mV.
SRC_DIV2# Deassertion
The impact of deasserting the SRC_DIV2# is that all DIF outputs will transition cleanly in a glitch-free manner from divide by 2 mode to normal (output frequency is equal to the input frequency) operation within 2-6 DIF clock periods.
OE Deassertion
The impact of deasserting OE is that each corresponding output will transition from normal operation to tri-state in a glitch-free manner. The maximum latency from the deassertion to tri-stated outputs is between 2-6 DIF clock periods.
PLL/BYPASS# Clarification
The PLL/Bypass# input is used to select between bypass mode (no PLL) and PLL mode. In bypass mode, the input clock is passed directly to the output stage resulting in 50-ps additive jitter (50 ps + input jitter) on DIF outputs. In the case of PLL mode, the input clock is pass through a PLL to reduce high frequency jitter. The BYPASS# mode may be selected in two ways, via writing a `0' to SMBus register bit or by asserting the PLL/BYPASS# pin low. In both methods, if the SMBus register bit has been written to `0' or PLL/BYPASS# pin is low or both, the device will be configure for BYPASS operation.
SRC_DIV2# Clarification
The SRC_DIV2# input is used to configure the DIF output mode to be equal to the SRC_IN input frequency or half the input frequency in a glitch-free manner. The SRC_DIV2# function may be implemented via writing a `0' to SMBus register bit.
HIGH_BW# Clarification
The HIGH_BW# input is used to set the PLL bandwidth. This mode is intended to minimize PLL peaking when two or more buffers are cascaded by staggering device bandwidths. The PLL high bandwidth mode may be selected in two ways, via writing a `0' to SMBus register bit or by asserting the HIGH_BW# pin is low or both, the device will be configured for high-bandwidth operation.
SRC_DIV2# Assertion
The impact of asserting the SRC_DIV2# is that all DIF outputs will transition cleanly in a glitch-free manner from normal operation (output frequency equal to input) to half the input frequency within 2-6 DIF clock periods.
Document #: 38-07722 Rev *C
Page 10 of 16
CY28400-2
Absolute Maximum Conditions
Parameter VDD VDD_A VIN TS TA TJ ESDHBM UL-94 MSL Description Core Supply Voltage Analog Supply Voltage Input Voltage Temperature, Storage Temperature, Operating Ambient Temperature, Junction ESD Protection (Human Body Model) Flammability Rating Moisture Sensitivity Level Relative to VSS Non-functional Functional Functional MIL-STD-883, Method 3015 At 1/8 in. 2000 V-0 1 Condition Min. -0.5 -0.5 -0.5 -65 0 Max. 4.6 4.6 VDD + 0.5 +150 70 150 Unit V V VDC C C C V
DC Electrical Specifications
Parameter VDD_A, VDD VILI2C VIHI2C VIL VIH VOL VOH IIL IIH CIN COUT LIN IDD3.3V Description 3.3V Operating Voltage Input Low Voltage Input High Voltage 3.3V Input Low Voltage 3.3V Input High Voltage 3.3V Output Low Voltage 3.3V Output High Voltage Input Low Leakage Current Input High Leakage Current Input Pin Capacitance Output Pin Capacitance Pin Inductance Dynamic Supply Current At max. load, Full Active Bypass Mode At max. load, Full Active PLL Mode OE1 and OE6 deasserted, Bypass SRC_STP asserted, Outputs Driven, Bypass SRC_STP asserted, Outputs Tri-state, Bypass SRC_STP asserted, Outputs Driven, PLL SRC_STP asserted, Outputs Tri-State, PLL IPD3.3V Power-down Supply Current PWRDWN asserted, Outputs driven PWRDWN asserted, Outputs Tri-stated IOL = 1 mA IOH = -1 mA except internal pull-up resistors, 0 < VIN < VDD except internal pull-down resistors, 0 < VIN < VDD 1.5 -- - - - - - - - - - 3.3 5% SDATA, SCLK SDATA, SCLK Condition Min. 3.135 - 2.2 VSS - 0.5 2.0 - 2.4 -5 5 5 6 7 92 115 60 80 2 85 2 40 4 Max. 3.465 1.0 - 0.8 VDD + 0.5 0.4 - Unit V V V V V V V A A pF pF nH mA mA mA mA mA mA mA mA mA
AC Electrical Specifications (Measured in High Bandwidth Mode)
Parameter SRC_IN at 0.7V TPERIOD TR / TF VIH VIL VOX Average Period DIFT and DIFC Rise and Fall Times Differential Input High Voltage Differential Input Low Voltage Crossing Point Voltage at 0.7V Swing Measured SE 250 Measured at crossing point VOX Measured at crossing point VOX Single ended measurement: VOL = 0.175 to VOH = 0.525V (Averaged) 9.9970 9.8720 0.6 150 -150 550 4 10.0533 ns ns V/ns mV mV mV TABSMIN-IN Absolute minimum clock periods Description Condition Min. Max. Unit
Document #: 38-07722 Rev *C
Page 11 of 16
CY28400-2
AC Electrical Specifications (continued) (Measured in High Bandwidth Mode)
Parameter VOX VRB TSTABLE VMAX VMIN TDC TRFM DIF at 0.7V FIN FERROR TDC TPERIOD TR / TF TRFM TR/TF VHIGH VLOW VOX VOX VOVS VUDS VRB TCCJ TSKEW TPD Input Frequency Input/Output Frequency Error DIFT and DIFC Duty Cycle Average Period DIFT and DIFC Rise and Fall Times Rise/Fall Matching Rise and Fall Time Variation Variation Voltage High Voltage Low Crossing Point Voltage at 0.7V Swing Vcross Variation over all edges Maximum Overshoot Voltage Minimum Undershoot Voltage Ring Back Voltage Cycle to Cycle Jitter Any DIFT/C to DIFT/C Clock Skew Input to output skew in PLL mode Input to output skew in Non-PLL mode
33
Description Vcross Variation over all edges Differential Ringback Voltage Time before ringback allowed Absolute maximum input voltage Absolute minimum input voltage DIFT and DIFC Duty Cycle Rise/Fall Matching Measured SE
Condition
Min. -100 500
Max. 140 100 1.15
Unit mV mV ps V V % % MHz ppm % ns ps % ps mv mv mv mV V V V ps ps ps ps ns
-0.3 Measured at crossing point VOX Determined as a fraction of 2*(TR - TF)/(TR + TF) Bypass or PLL 1:1 Bypass or PLL 1:1 Measured at crossing point VOX Measured at crossing point VOX at 100 MHz Single ended measurement: VOL = 0.175 to VOH = 0.525V (Averaged) Determined as a fraction of 2 * (TR - TF)/(TR + TF) Single ended measurement: VOL = 0.175 to VOH = 0.525V (Real Time) Measured SE Measured SE Measured SE Measured SE Measured SE Measured SE Measured SE PLL Mode Bypass Mode (Jitter is additive) Measured at crossing point VOX Measured at crossing point VOX Measured at crossing point VOX
T PCB
4 9 .9
45 - 90 - 45 9.9970 175 - - 660 -150 250 - - - 0.2 - - - - 2.5
55 20 210 0 55 10.0533 700 20 125 850 - 550 140 VHIGH + 0.3 -0.3 N/A 50 50 50 250 4.5
D IF T
M e a s u re m e n t P o in t
2 pF
D IF C IR E F
475
33
T PCB
4 9 .9
M e a s u re m e n t P o in t
2 pF
T r a c e Im p e d a n c e M e a s u r e d D if f e r e n tia lly
Figure 12. Differential Clock Termination
Document #: 38-07722 Rev *C
Page 12 of 16
CY28400-2
Switching Waveforms
TRise (CLOCK) VOH = 0.525V
CL OC K#
K OC CL
VCROSS
VOL = 0.175V
TFall (CLOCK)
Figure 13. Single-Ended Measurement Points for TRise and TFall
VOVS
VRB
VRB VLOW VUDS
Figure 14. Single-ended Measurement Points for VOVS,VUDS and VRB
Document #: 38-07722 Rev *C
Page 13 of 16
CY28400-2
TPERIOD
High Duty Cycle % Skew Management Point
Low Duty Cycle %
0.000V
Figure 15. Differential (Clock-Clock#) Measurement Points (Tperiod, Duty Cycle and Jitter)
Ordering Information
Ordering Code Lead-free CY28400OXC-2 CY28400OXC-2T CY28400ZXC-2 CY28400ZXC-2T 28-pin SSOP 28-pin SSOP--(Tape and Reel) 28-pin TSSOP 28-pin TSSOP--(Tape and Reel) Commercial, 0C to 70C Commercial, 0C to 70C Commercial, 0C to 70C Commercial, 0C to 70C Package Type Operating Range
Document #: 38-07722 Rev *C
Page 14 of 16
CY28400-2
Package Drawing and Dimensions
28-Lead (5.3 mm) Shrunk Small Outline Package O28
51-85079-*C
28-Lead Thin Shrunk Small Outline Package (4.40-mm Body) Z28.173
PIN 1 ID
1
DIMENSIONS IN MM[INCHES] MIN. MAX. REFERENCE JEDEC MO-153 PACKAGE WEIGHT 0.16 gms
4.30[0.169] 4.50[0.177]
6.25[0.246] 6.50[0.256]
PART # Z28.173 STANDARD PKG. ZZ28.173 LEAD FREE PKG.
28
0.65[0.025] BSC. 0.19[0.007] 0.30[0.012]
1.10[0.043] MAX.
0.25[0.010] BSC GAUGE PLANE 0-8
0.076[0.003] 0.85[0.033] 0.95[0.037] 0.05[0.002] 0.15[0.006] SEATING PLANE 0.50[0.020] 0.70[0.027] 0.09[[0.003] 0.20[0.008]
9.60[0.378] 9.80[0.386]
51-85120-*A
All product and company names mentioned in this document are trademarks of their respective owners. Document #: 38-07722 Rev *C Page 15 of 16
(c) Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
CY28400-2
Document History Page
Document Title: CY28400-2 100-MHz Differential Buffer for PCI Express and SATA Document Number: 38-07722 Rev. ** *A *B *C ECN No. 299694 367458 391558 404283 Issue Date See ECN See ECN See ECN See ECN Orig. of Change RGL RGL RGL RGL New data sheet Added Lead-free devices, removed non lead-free to match the Devmaster Added TSSOP lead-free device IDD 3.3V Dynamic Supply Current: At max. load, Full Active Bypass Mode - 92 mA At max. load, Full Active PLL Mode - 115 mA OE1 and OE6 deasserted, Bypass - 60 mA Description of Change
Document #: 38-07722 Rev *C
Page 16 of 16


▲Up To Search▲   

 
Price & Availability of CY28400-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X