|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Peaking Coils - Radial ctparts.com SPECIFICATIONS CT181LYF Series From 1.0 mH to 120 mH Not shown at actual size. Please specify tolerance code when ordering. CT181LYF-102_ J = 5%, K = 10% * The rated DC current is that which the inductance value decrease 10% by the excitation DC current, measured at 1kHz by universal bridge or equivalent. L Test Freq. (kHz) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Q Fact. Min. 70 70 70 70 70 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Q Test Freq. (kHz) 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 SRF Min. (MHz) .77 .70 .64 .57 .51 .48 .44 .41 .38 .35 .32 .28 .25 .22 .22 .19 .19 .16 .16 .20 .12 .12 .12 .09 .09 .09 .08 DCR Max. () 3.4 3.7 4.0 4.5 5.2 5.8 6.1 7.2 7.5 8.4 9.7 10 12 13 15 17 19 22 26 27 45 52 58 67 71 82 97 *Rated DC (mA) 90 75 70 65 60 55 50 45 40 40 35 30 25 25 20 22 21 18 17 16 15 13 12 11 10 9 8 Part Number CT181LYF-102_ CT181LYF-122_ CT181LYF-152_ CT181LYF-182_ CT181LYF-222_ CT181LYF-272_ CT181LYF-332_ CT181LYF-392_ CT181LYF-472_ CT181LYF-562_ CT181LYF-682_ CT181LYF-822_ CT181LYF-103_ CT181LYF-123_ CT181LYF-153_ CT181LYF-183_ CT181LYF-223_ CT181LYF-273_ CT181LYF-333_ CT181LYF-363_ CT181LYF-393_ CT181LYF-473_ CT181LYF-563_ CT181LYF-683_ CT181LYF-823_ Inductance (mH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 36 39 47 56 68 82 100 120 Compliant RoHS CHARACTERISTICS Description: Radial leaded (shielded) fixed inductor Applications: Ideal as a choke coil for noise filtering. Suitable for use in audio processing circuit for low, high and bandpass filtering Operating Temperature: -20C to +125C Inductance Tolerance: 5%, 10% Testing: Inductance and Q are tested on an HP4284A at 1.0 kHz Packaging: Bulk pack; packaged in styrofoam Marking: Marked with inductance on top of part Miscellaneous: RoHS Compliant. Magnetically shielded Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. CT181LYF-104_ CT181LYF-124_ PHYSICAL DIMENSIONS Size mm inches A Max. 14 0.55 B Max. 10.8 0.43 C Nom. 4 0.16 D Nom. 5 0.2 E Nom. 0.7 0.028 E D A C B 10.06.06 Technologies Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CT181LYF-182J |