Part Number Hot Search : 
AD7729AR 74LVCH BD989 KSV1409 557R6 15010 35000 HLMPM250
Product Description
Full Text Search
 

To Download CHDTA143ZUPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT PNP Digital Silicon Transistor
VOLTAGE 50 Volts
APPLICATION
* Switching circuit, Inverter, Interface circuit, Driver circuit.
CHDTA143ZUPT
CURRENT 100 mAmpere
FEATURE
* Small surface mounting type. (SC-70/SOT-323) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=4.7k, Typ. )
(2)
SC-70/SOT-323
(3)
1.30.1 0.30.1
0.65 2.00.2 0.65
(1)
CONSTRUCTION
* One PNP transistors and bias of thin-film resistors in one package.
1.250.1
MARKING
ZU1
Gnd In 1
0.05~0.2 0.1Min.
0.8~1.1 0~0.1 2.0~2.45
CIRCUIT
2
R2 TR R1
3 Out
Dimensions in millimeters
SC-70/SOT-323
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IO DC Output current IC(Max.) PTOT TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board.
2005-06
PARAMETER Supply voltage Input voltage
CONDITIONS -
MIN.
MAX. -50 +5 -100 V V
UNIT
-30 - - Tamb 25 OC, Note 1 - -55 - junction - soldering point -
mA -100 200 +150 150 140 mW
O
Total power dissipation Storage temperature Junction temperature Thermal resistance
C C C/W
O
O
RATING CHARACTERISTIC ( CHDTA143ZUPT )
CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IC=-5mA, VCE=-10.0V f=100MHz = CONDITIONS IO=-100uA; VCC=-5.0V IO=-5mA; VO=-0.3V IO=-5mA; II=-0.25mA VI=-5V VI=0V; VCC=-50V IO=-10mA; VO=-5.0V - - - - 80 3.29 8 - MIN. -0.5 - - -0.1 - - - 4.7 10 250 TYP. - -1.3 -0.3 -1.8 -0.5 - 6.11 12 - K MHz MAX. V V V mA uA UNIT
Note 1.Pulse test: tp300uS; 0.02.
RATING CHARACTERISTIC CURVES ( CHDTA143ZUPT )
Typical Electrical Characteristics
Fig.1 Input voltage vs. output current (ON characteristics)
-100
Fig.2 Output current vs. input voltage (OFF characteristics)
-10m -5m -2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 0
VO=-0.3V
INPUT VOLTAGE : VI(on) (V)
-20 -10 -5 -2 -1 -500m
Ta=-40C 25C 100C
OUTPUT CURRENT : Io (A)
-50
VCC=-5V
Ta=100C 25C -40C
-200m -100m -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI(off) (V)
Fig.3 DC current gain vs. output current
VO=-5V
Ta=100C 25C -40C
Fig.4 Output voltage vs. output current
OUTPUT VOLTAGE : VO(on) (V)
-1 -500m -200m -100m -50m -20m -10m -5m -2m -1m -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m
Ta=100C 25C -40C
1k
lO/lI=20
DC CURRENT GAIN : GI
500 200 100 50 20 10 5 2
1 -100 -200 -500 -1m -2m
-5m -10m -20m -50m -100m
OUTPUT CURRENT : IO (A)
OUTPUT CURRENT : IO (A)


▲Up To Search▲   

 
Price & Availability of CHDTA143ZUPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X