Part Number Hot Search : 
BUP22BF 100SG TDA84 ILX518 H836049 OM7500SC TV3006K 684M3
Product Description
Full Text Search
 

To Download BZX55B20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55B2V4-BZX55B75 500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
DO-35 Axial Lead HERMETICALLY SEALED GLASS
D
Features
Wide zener voltage range selection : 2.4V to 75V VZ Tolerance Selection of 2% Moisture sensitivity level 1 Matte Tin(Sn) lead finish with Nickel(Ni) underplate Pb free version and RoHS compliant All External Surfaces are Corrosion Resistant and Leads are Readily Solderable ESD rating 15KV per human body model A
C
B
Dimensions A B C D
Unit (mm) Min 0.45 3.05 1.53 Max 0.55 5.08 2.28
Unit (inch) Min Max 0.018 0.022 0.120 0.200 0.060 0.090
Mechanical Data
Case : DO-35 package (SOD-27) High temperature soldering guaranteed : 260C/10s Polarity : Indicated by cathode band Weight : 109 4 mg
25.40 38.10 1.000 1.500
Ordering Information
Part No. BZX55BXXX A0 BZX55BXXX R0 Package DO-35 DO-35 Packing 5Kpcs / Ammo 10Kpcs / 14" Reel
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified.
Maximum Ratings
Type Number Power Dissipation Forward Voltage Junction and Storage Temperature Range IF=10mA Thermal Resistance (Junction to Ambient) (Note 1) Symbol PD VF RJA TJ, TSTG Value 500 1.0 240 -65 to + 200 Units mW V C/W C
Notes:1. Valid provided that electrodes are kept at ambient temperature, and mount on PC board 50mmx50mmx1.6mm
Zener I vs. V Characteristics
Current IF
VZM VZ VBR
VR IR IZK VF
Voltage
VBR IZK ZZK IZT VZ ZZT
Forward Region
: Voltage at IZK : Test current for voltage VBR : Dynamic impedance at IZK : Test current for voltage VZ : Voltage at current IZT : Dynamic impedance at IZT : Maximum steady state current : Voltage at IZM
IZT
IZM BreakdownRegion Leakage Region
IZM VZM
Version : B09
BZX55B2V4-BZX55B75 500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25C unless otherwise noted VF Forward Voltage = 1.0V Maximum @ IF = 10 mA for all part numbers Part Number BZX55B2V4 BZX55B2V7 BZX55B3V0 BZX55B3V3 BZX55B3V6 BZX55B3V9 BZX55B4V3 BZX55B4V7 BZX55B5V1 BZX55B5V6 BZX55B6V2 BZX55B6X8 BZX55B7V5 BZX55B8V2 BZX55B9V1 BZX55B10 BZX55B11 BZX55B12 BZX55B13 BZX55B15 BZX55B16 BZX55B18 BZX55B20 BZX55B22 BZX55B24 BZX55B27 BZX55B30 BZX55B33 BZX55B36 BZX55B39 BZX55B43 BZX55B47 BZX55B51 BZX55B56 BZX55B62 BZX55B68 BZX55B75 VZ @ IZT (Volt) Nom 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 Min 2.35 2.65 2.94 3.23 3.53 3.82 4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.78 11.76 12.74 14.70 15.68 17.64 19.60 21.56 23.52 26.46 29.40 32.34 35.28 38.22 42.14 46.06 49.98 54.88 60.76 66.64 73.50 Max 2.45 2.75 3.06 3.37 3.67 3.98 4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.20 11.22 12.24 13.26 15.30 16.32 18.36 20.40 22.44 24.48 27.54 30.60 33.66 36.72 39.78 43.86 47.94 52.02 57.12 63.24 69.36 76.50 IZT(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 ZZT @ IZT() Max 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 160 170 IZK(mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ZZK @ IZK() Max 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1000 IR @ VR(A) Max 50 10 4.0 2.0 2.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR(V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.2 6.8 7.5 8.2 9.1 10 11 12 14 15 17 18 20 22 24 27 28 32 35 38 42 47 51 56
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms 2. The device numbers listed have a standard tolerance on the nominal zener voltage of 2%. 3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown an tighter voltage tolerances, contact your nearestTaiwan semiconductor representative. 4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms valu equal to 10% of the DC zener current (ZT or IZK) is superimposed to IZT or IZK. I
Version : B09
BZX55B2V4-BZX55B75 500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
1000 100
FIG 2 Zener Breakdown Characteristics
Forward Current (mA)
Ta=75C
100
Zener Current (mA)
10
Ta=25C
10
1
Ta=25C
0
1 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2
0 0 1 2 3 4 5 6 7 8 9 10 11 12
Forward Voltage (V)
Zener Voltage (V)
FIG 3 Zener Breakdown Characteristics
100 600
FIG 4 Admissible Power Disspation Curve Power Dissipation (mW)
500 400 300 200 100 0
10
Zener Current (mA)
1
0
0 10 20 30 40 50 60 70 80
0
40
80
120
160
200
Zener Voltage (V)
Ambient Tempeture (C)
FIG 5 Typical Capacitance Dynamic Impedence ()
1000 1000
FIG 6 Effect of Zener Voltage on Impedence
Iz=1mA Iz=5mA
Capacitance(pF)
100
1V Bias
100
Ta=150C
10 Bias at 50% of VZ(Nom)
10
Iz=20m
Ta=25C
1
1
1
10
100
1
10
100
Zener Voltage (V)
Zener Voltage (V)
Version : B09


▲Up To Search▲   

 
Price & Availability of BZX55B20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X