Part Number Hot Search : 
C85FDAAA EGF10A C3306 MCR100 TMP90 IRF9640 T8251AH 25DF161
Product Description
Full Text Search
 

To Download BZT52B68S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZT52B2V4S-BZT52B75S 200mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
SOD-323F
B
Features
Wide zener voltage range selection : 2.4V to 75V VZ Tolerance Selection of 2% Moisture sensitivity level 1 Matte Tin(Sn) lead finish with Nickel(Ni) underplate Pb free version and RoHS compliant Green compound (Halogen free) with suffix "G" on packing code and prefix "G" on date code
C
A
D E F Unit (mm) Min 1.15 2.30 0.25 1.60 0.80 0.05 Max 1.35 2.70 0.40 1.80 1.00 0.20 Unit (inch) Min 0.091 0.010 Max 0.106 0.016 0.045 0.053
Mechanical Data
Case : Flat lead SOD-323 small outline plastic package Terminal: Matte tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed High temperature soldering guaranteed: 260C/10s Polarity : Indicated by cathode band Weight : 4.020.5 mg
Dimensions A B C D E F
0.063 0.071 0.031 0.039 0.002 0.008
Ordering Information
Part No. BZT52BxxS RR Package SOD-323F Packing 3Kpcs / 7" Reel
Maximum Ratings and Electrical Characteristics
Rating at 25C ambient temperature unless otherwise specified.
Maximum Ratings
Type Number Power Dissipation Forward Voltage Thermal Resistance (Junction to Ambient) Junction and Storage Temperature Range IF=10mA (Note 1) Symbol PD VF RJA TJ, TSTG Value 200 1 625 -65 to + 150 Units mW V C/W C
Notes:1. Valid provided that electrodes are kept at ambient temperature
Zener I vs. V Characteristics
Current IF
VZM VZ VBR
VR IR IZK VF
Voltage
VBR IZK ZZK IZT VZ ZZT
Forward Region
: Voltage at IZK : Test current for voltage VBR : Dynamic impedance at IZK : Test current for voltage VZ : Voltage at current IZT : Dynamic impedance at IZT : Maximum steady state current : Voltage at IZM
IZT
IZM BreakdownRegion Leakage Region
IZM VZM
Version : B09
BZT52B2V4S-BZT52B75S 200mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25C unless otherwise noted VF Forward Voltage = 1V Maximum @ I F = 10 mA for all part numbers Part Number BZT52B2V4S BZT52B2V7S BZT52B3V0S BZT52B3V3S BZT52B3V6S BZT52B3V9S BZT52B4V3S BZT52B4V7S BZT52B5V1S BZT52B5V6S BZT52B6V2S BZT52B6V8S BZT52B7V5S BZT52B8V2S BZT52B9V1S BZT52B10S BZT52B11S BZT52B12S BZT52B13S BZT52B15S BZT52B16S BZT52B18S BZT52B20S BZT52B22S BZT52B24S BZT52B27S BZT52B30S BZT52B33S BZT52B36S BZT52B39S BZT52B43S BZT52B47S BZT52B51S BZT52B56S BZT52B62S BZT52B68S BZT52B75S VZ @ IZT (Volt) Nom 2.35 2.65 2.94 3.23 3.53 3.82 4.21 4.61 5 5.49 6.08 6.66 7.35 8.04 8.92 9.8 10.78 11.76 12.74 14.7 15.68 17.64 19.60 21.56 23.52 26.46 29.40 32.34 35.28 38.22 42.14 46.06 49.98 54.88 60.76 66.64 73.50 Min 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 Max 2.45 2.75 3.06 3.37 3.67 3.98 4.39 4.79 5.2 5.71 6.32 6.94 7.65 8.36 9.28 10.2 11.22 12.24 13.26 15.3 16.32 18.36 20.40 22.44 24.48 27.54 30.60 33.66 36.72 39.78 43.86 47.94 52.02 57.12 63.24 69.36 76.50 IZT(mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 ZZT @ IZT() Max 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 IZK(mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ZZK @ IZK() IR @ VR(A) Max Max 564 564 564 564 564 564 564 470 451 376 141 75 75 75 94 141 141 141 160 188 188 212 212 235 235 282 282 306 329 329 353 353 376 400 423 447 470 45 18 9 4.5 4.5 2.7 2.7 2.7 1.8 0.9 2.7 1.8 0.9 0.63 0.45 0.18 0.09 0.09 0.09 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 VR(V) 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.0 25.2 27.3 30.1 33.0 35.7 39.2 43.4 47.6 52.5
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms. 2. The device numbers listed have a standard tolerance on the nominal zener voltage of 2%. 3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Taiwan semiconductor representative. 4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the DC zener current (I ZT or IZK) is superimposed to IZT or IZK.
Version : B09
BZT52B2V4S-BZT52B75S 200mW, 2% Tolerance SMD Zener Diode
Small Signal Diode Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
1000 100
FIG 2 Zener Breakdown Characteristics
Ta=25C
10
Forward Current (mA)
100
Zener Current (mA)
1 1.1 1.2
Ta=25C
10
1
0 0.1
1 0.4 0.5 0.6 0.7 0.8 0.9
0.01 0 0 1 2 3 4 5 6 7 8 9 10 11 12
Forward Voltage (V)
Zener Voltage (V)
FIG 3 Zener Breakdown Characteristics
100 300
FIG 4 Admissible Power Disspation Curve Power Dissipation (mW)
250 200 150 100 50 0
Zener Current (mA)
10
1
0
0 15 25 35 45 55 65 75
0
50
100
150
200
Zener Voltage (V)
Ambient Tempeture (C)
FIG 5 Typical Capacitance Dynamic Impedence ()
1000 1000
FIG 6 Effect of Zener Voltage on Impedence
Iz=1mA
Capacitance(pF)
100
1V Bias
100
Iz=5mA
Ta=150C
10 Bias at 50% of VZ(Nom)
10 Iz=20m 1
Ta=25C
1
1
10
100
1
10
100
Zener Voltage (V)
Zener Voltage (V)
Version : B09


▲Up To Search▲   

 
Price & Availability of BZT52B68S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X