Part Number Hot Search : 
PFSM100 9LV16 36003250 2SC5004 USFF1206 AC03D 0A015 20N03L
Product Description
Full Text Search
 

To Download BY296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY296 THRU BY299
FAST RECOVERY RECTIFIERS
Reverse Voltage - 100 to 800 V Forward Current - 2 A
Features * Low forward voltage drop * Low cost * Low leakage * High current capability
DO-201AD
1.45 1.15 DIA.
Min. 25.4
5.6 4.8 DIA. 9.5 7.2
Mechanical Data * Case: DO-201AD, Molded plastic * Terminals: Axial leads, solderable per MIL-STD -202, method 208 guaranteed * Polarity: Color band denotes cathode
Min. 25.4
Dimensions in mm
Absolute Maximum Ratings and Characteristics
Rating at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Parameter Symbols BY296 BY297 BY298 BY299 Units Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5 mm) lead length at TA = 75 OC Peak Forward Surge Current 8.3 ms Single Half Sine Wave Superimposed on Rated Load at TJ = 125 OC Maximum Forward Voltage at 2 A Maximum Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time 1) Typical Junction Capacitance Typical Thermal Resistance
3) 2)
VRRM VRMS VDC IF(AV) IFSM VF
100 70 100
200 140 200 2 70 1.3 10 100 500 32 22
400 280 400
800 560 800
V V V A A V A ns pF
O
at TA = 25 C at TA = 100 OC
O
IR trr CJ RJA TJ ,TS
C/W
O
Operating and Storage Temperature Range
1) 2)
- 55 to + 150
C
Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A. Measured at 1 MHz and applied reverse voltage of 4V D.C. 3) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/04/2008 B
BY296 THRU BY299
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 17/04/2008 B


▲Up To Search▲   

 
Price & Availability of BY296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X